Part Number Hot Search : 
CS4340 TKDD31A N3LLH SP563 47N10 AN3317 SZ254H ZMY91
Product Description
Full Text Search
 

To Download VTCB210HT-120L-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Toroid Chokes High Temp on Base
VTCB210HT
Allied Part Number
L (H) @ 1KHZ
Tolerance %
L(H) 15% @ I rated
IDC (A)
DCR () MAX
Features * * * * * High Temperature rating up to 200C Low Magnetic Radiation Low Core Loss High current capacity up to 21A Cross to Miller / Bourns 2100HT series with base
VTCB210HT-1R0L-RC VTCB210HT-1R5L-RC VTCB210HT-2R2L-RC VTCB210HT-2R7L-RC VTCB210HT-3R3L-RC VTCB210HT-3R9L-RC VTCB210HT-4R7L-RC VTCB210HT-5R6L-RC VTCB210HT-6R8L-RC VTCB210HT-8R2L-RC VTCB210HT-100L-RC VTCB210HT-120L-RC VTCB210HT-150L-RC VTCB210HT-180L-RC VTCB210HT-220L-RC VTCB210HT-270L-RC VTCB210HT-330L-RC VTCB210HT-390L-RC VTCB210HT-470L-RC VTCB210HT-560L-RC VTCB210HT-680L-RC VTCB210HT-820L-RC VTCB210HT-101L-RC VTCB210HT-121L-RC VTCB210HT-151L-RC VTCB210HT-181L-RC VTCB210HT-221L-RC VTCB210HT-271L-RC VTCB210HT-331L-RC VTCB210HT-391L-RC VTCB210HT-471L-RC VTCB210HT-561L-RC VTCB210HT-681L-RC VTCB210HT-821L-RC VTCB210HT-102L-RC
1.0 1.5 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15
0.8 1.2 1.8 2.1 2.6 3.0 3.5 4.1 4.9 5.9 7.6 9.0 11.0 13.0 16.6 20.1 24.0 28.0 33.1 38.5 46.0 54.0 64.5 84.4 102.8 120.7 144.2 172.6 206.0 266.7 314.4 366.9 435.1 512.0 608.2
21.7 19.8 18.3 17.1 16.1 15.3 14.9 14.3 13.7 13.2 9.9 9.6 9.1 8.6 6.7 6.4 6.1 5.9 5.6 5.3 5.1 4.8 4.6 3.5 3.3 3.1 3.0 2.8 2.7 2.1 2.0 1.9 1.8 1.7 1.6
.003 .003 .004 .004 .005 .005 .006 .006 .006 .007 .012 .013 .014 .016 .026 .028 .031 .033 .036 .040 .044 .049 .053 .094 .110 .120 .130 .140 .160 .270 .290 .320 .350 .390 .430
Electrical Inductance Range: 1.0h to 1000h Additional values available Tolerance: 15% over entire range Test Frequency: 1KHz Operating Temp: -55C ~ +200C Temp Rise: T=50C Typical at rated IDC
Test Equipment (L): 100 LCR meter or equivalent DCR: Chen Hwa 502
Physical Packaging: Boxed Marking: EIA Inductance Code
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 7/19/010
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of VTCB210HT-120L-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X