Part Number Hot Search : 
SM4464 LPV1500 SMAJ43C MSAU101 RGP0212E OZ8022 HE83R142 XN0111H
Product Description
Full Text Search
 

To Download V560MC03-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V560MC03-LF
PHASE NOISE (1 Hz BW, typical) 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev B2
Applications * Mobile Communications * Satellite Modems * Downconverters Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 400
Typ -105 -5
Max 800
Units MHz dBc/Hz dBc
0 56 0 6 50
12 12 150 4 3
Vdc MHz/V dBm pF MHz/V MHz C
-40 MINI-14S Min Typ 5 18
85
Max 22
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
V560MC03-LF
Rev B2
1030 990 950 910 870 830 790 750 710 670 630 590 550 510 470 430 390 350 0 1 2 3 4 5 6 7 8 9 10 11 12
FREQUENCY (MHz)
85 C 25 C -40 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 384 SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
POWER OUTPUT (dBm)
0.030 MIN. CUTBACK FROM LIVE PADS
444
493
544
597
654
717
778
835
892
945
993
1037
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION
Z-COMM XXXXXXXX-LF W/O# D/C
P1 P2 P3 REST
Vt RF OUT Vcc GROUND
PACKAGE MINI-14S MINI-14S-L
H 0.220 0.130
MINI-14S-LOW 0.160
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of V560MC03-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X