Part Number Hot Search : 
ADCLK DG407 1058192 TDA1552Q LHY3330 1058192 SMAJ30C 82XS17D2
Product Description
Full Text Search
 

To Download V23050-A1009-A533 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Safety Relay SR6
I I I I I
6 pole safety relay with either 4 NO+2 NC or 3 NO+3 NC or 5 NO+1 NC contacts Forcibly guided contacts according to EN 50205 Rated current 8 A 6 kV surge resistance between poles RoHS compliant (Directive 2002/95/EC) as perproduct date code 0407
Applications Emergency shut-off, press control, machine control, elevator and escalator control, safety modules
F0206-B
Approvals
V REG.-Nr.of128935, Z request T 968/EL 141.01/03 E214024, Technical data approved types on
Contact data
Contact configuration 3 NO contacts and 3 NC contacts or 4 NO contacts and 2 NC contacts or 5 NO contacts and 1 NC contact single contact, forcibly guided type A according to EN 50205 micro disconnection 8A 240 / 400 VAC 2000 VA
Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Utilization class (AC-15) acc. IEC 60947-5-1 NO contact NC contact Contact material Minimum contact load Contact resistance
Ie 3 A / Ue 250 VAC (inrush 30 A) Ie 1.5 A / Ue 250 VAC (inrush 15 A) AgSnO2 10 mA / 5 V w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Mechanical endurance 10x106 cycles Rated frequency of operation with / without load 6 min-1 / 150 min-1
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range 5...110 VDC appr. 1200 mW 2
Coil versions, DC-coil Coil Rated Operate Release/Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.8 0.5 21+10% 1190 006 6 4.5 0.6 30+10% 1200 009 9 6.8 0.9 68+10% 1191 012 12 9.0 1.2 120+10% 1200 018 18 13.5 1.8 270+10% 1200 021 21 15.8 2.1 368+10% 1198 024 24 18.0 2.4 480+10% 1200 036 36 27.0 3.6 1080+10% 1200 040 40 30.0 4.0 1333+10% 1200 048 48 36.0 4.8 1920+10% 1200 060 60 45.0 6.0 3000+12% 1200 085 85 64.0 8.5 6021+12% 1200 110 110 82.5 11.0 10080+12% 1200 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR6 (Continued)
Insulation
Insulation resistance coil-contact circuit Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category Insulation to EN 50178 Type of insulation coil-contact circuit adjacent contact circuits > 100x106 Ohm 3000 Vrms 1500 Vrms 3000 Vrms W 5.5 / 5.5 mm W 5.5 / 5.5 mm W IIIa CTI 250 basic functional basic 250 V 2 230/400 V III reinforced reinforced
PCB layout / terminal assignment
Bottom view on solder pins
4 NO+2 NC and 3 NO+3 NC versions
S0368-CA
S0368-CB
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0407 Ambient temperature range -25...+70C Vibration resistance (function) NO / NC contact > 8 / 2.5 g, 10....200 Hz Shock resistance (function) NO / NC contact > 10 / 2.5 g, 16 ms half sine Category of protection RT III 1) Resistance to soldering heat 260C / 5 s Relay weight 30 g Packaging unit 10 pcs
1)
S0368-CC
please contact technical support for washing parameters
5 NO + 1 NC version contact technical support
Accessories
PCB socket and hold down clip
Dimensions
S0368-CE
S0367-DA
S0368-CD
Product key Type Version A1 standard Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Contact set A single contact Contact material 5 AgSnO2 Contact configuration 33 3 NO and 3 NC contacts 42 4 NO and 2 NC contacts 51 5 NO and 1 NC contacts Other types on request
V2 3 0 5 0-A1
-A5
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR6 (Continued)
Product key V23050-A1005-A533 V23050-A1005-A542 V23050-A1005-A551 V23050-A1006-A533 V23050-A1006-A542 V23050-A1006-A551 V23050-A1009-A533 V23050-A1009-A542 V23050-A1009-A551 V23050-A1012-A533 V23050-A1012-A542 V23050-A1012-A551 V23050-A1015-A533 V23050-A1015-A542 V23050-A1015-A551 V23050-A1018-A533 V23050-A1018-A542 V23050-A1018-A551 V23050-A1021-A533 V23050-A1021-A542 V23050-A1021-A551 V23050-A1024-A533 V23050-A1024-A542 V23050-A1024-A551 V23050-A1036-A533 V23050-A1036-A542 V23050-A1036-A551 V23050-A1040-A533 V23050-A1040-A542 V23050-A1040-A551 V23050-A1048-A533 V23050-A1048-A542 V23050-A1048-A551 V23050-A1060-A533 V23050-A1060-A542 V23050-A1060-A551 V23050-A1085-A533 V23050-A1085-A542 V23050-A1085-A551 V23050-A1110-A533 V23050-A1110-A542 V23050-A1110-A551
Type standard
Contact configuration AgSnO2
Contact material 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC
Coil 5 VDC 6 VDC 9 VDC 12 VDC 15 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC
Part number 8-1415017-1 0-1393260-1 2-1415017-1 9-1415017-1 0-1393260-2 3-1415017-1 0-1415018-1 0-1393260-3 4-1415017-1 1-1415015-1 0-1393260-4 1-1415017-1 1-1415018-1 6-1415014-1 5-1415017-1 2-1415018-1 0-1393260-5 6-1415017-1 3-1415018-1 0-1393260-6 7-1415017-1 0-1415015-1 0-1393260-7 0-1415017-1 4-1415018-1 0-1393260-8 0-1415019-1 5-1415018-1 0-1393260-9 1-1415019-1 6-1415018-1 1-1393260-0 2-1415019-1 7-1415018-1 1-1393260-1 3-1415019-1 8-1415018-1 1-1393260-2 4-1415019-1 9-1415018-1 1-1393260-3 5-1415019-1
3
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of V23050-A1009-A533

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X