Part Number Hot Search : 
1H100 B2567 AT1312C SB206 LM267 GS711 1N4740 FMMTA20
Product Description
Full Text Search
 

To Download SST25VF016B11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
SST's 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package which occupies less board space and ultimately lowers total system costs. The SST25VF016B devices are enhanced with improved operating frequency which lowers power consumption. SST25VF016B SPI serial flash memories are manufactured with SST's proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches
Features:
* Single Voltage Read and Write Operations
- 2.7-3.6V
* Auto Address Increment (AAI) Programming
- Decrease total chip programming time over Byte-Program operations
* Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
* End-of-Write Detection
- Software polling the BUSY bit in Status Register - Busy Status readout on SO pin in AAI Mode
* High Speed Clock Frequency
- Up to 80 MHz
* Hold Pin (HOLD#)
- Suspends a serial sequence to the memory without deselecting the device
* Superior Reliability
- Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention
* Write Protection (WP#)
- Enables/Disables the Lock-Down function of the status register
* Low Power Consumption:
- Active Read Current: 10 mA (typical) - Standby Current: 5 A (typical)
* Software Write Protection
- Write protection through Block-Protection bits in status register
* Flexible Erase Capability
- Uniform 4 KByte sectors - Uniform 32 KByte overlay blocks - Uniform 64 KByte overlay blocks
* Temperature Range
- Commercial: 0C to +70C - Industrial: -40C to +85C
* Fast Erase and Byte-Program:
- Chip-Erase Time: 35 ms (typical) - Sector-/Block-Erase Time: 18 ms (typical) - Byte-Program Time: 7 s (typical)
* Packages Available
- 8-lead SOIC (200 mils) - 8-contact WSON (6mm x 5mm)
* All non-Pb (lead-free) devices are RoHS compliant
(c)2011 Silicon Storage Technology, Inc.
www.microchip.com www.sst.com
S71271-04-000
01/11
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Product Description
SST's 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package which occupies less board space and ultimately lowers total system costs. The SST25VF016B devices are enhanced with improved operating frequency and even lower power consumption than the original SST25VFxxxA devices. SST25VF016B SPI serial flash memories are manufactured with SST's proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST25VF016B devices significantly improve performance and reliability, while lowering power consumption. The devices write (Program or Erase) with a single power supply of 2.7-3.6V for SST25VF016B. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash memory technologies. The SST25VF016B device is offered in both 8-lead SOIC (200 mils) and 8-contact WSON (6mm x 5mm) packages. See Figure 2 for pin assignments.
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
2
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Block Diagram
Address Buffers and Latches
X - Decoder
SuperFlash Memory
Y - Decoder
Control Logic
I/O Buffers and Data Latches
Serial Interface
CE#
SCK
SI
SO
WP#
HOLD#
1271 B1.0
Figure 1: Functional Block Diagram
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
3
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Pin Description
CE# SO WP# VSS
1 8
CE# SO WP# VSS
1 2
8 7
VDD HOLD# SCK SI
VDD HOLD# SCK SI
2
7
Top View
3 4 6 5
3
Top View
6
4
5
1271 08-wson QA P2.0 1271 08-soic S2A P1.0
8-Lead SOIC
8-Contact WSON
Figure 2: Pin Assignments Table 1: Pin Description
Symbol Pin Name SCK Serial Clock Functions To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. To transfer commands, addresses, or data serially into the device. Inputs are latched on the rising edge of the serial clock.
SI SO
Serial Data Input
Serial Data Output To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. Outputs Flash busy status during AAI Programming when reconfigured as RY/ BY# pin. See "Hardware End-of-Write Detection" on page 12 for details. Chip Enable Write Protect The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of any command sequence. The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register. To temporarily stop serial communication with SPI flash memory without resetting the device. To provide power supply voltage: 2.7-3.6V for SST25VF016B
T1.0 1271
CE# WP#
HOLD# Hold VDD VSS Power Supply Ground
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
4
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Memory Organization
The SST25VF016B SuperFlash memory array is organized in uniform 4 KByte erasable sectors with 32 KByte overlay blocks and 64 KByte overlay erasable blocks.
Device Operation
The SST25VF016B is accessed through the SPI (Serial Peripheral Interface) bus compatible protocol. The SPI bus consist of four control lines; Chip Enable (CE#) is used to select the device, and data is accessed through the Serial Data Input (SI), Serial Data Output (SO), and Serial Clock (SCK). The SST25VF016B supports both Mode 0 (0,0) and Mode 3 (1,1) of SPI bus operations. The difference between the two modes, as shown in Figure 3, is the state of the SCK signal when the bus master is in Stand-by mode and no data is being transferred. The SCK signal is low for Mode 0 and SCK signal is high for Mode 3. For both modes, the Serial Data In (SI) is sampled at the rising edge of the SCK clock signal and the Serial Data Output (SO) is driven after the falling edge of the SCK clock signal.
CE#
MODE 3 MODE 3 MODE 0
SCK SI SO
MODE 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MSB
DON T CARE Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MSB
1271 SPIprot.0
HIGH IMPEDANCE
Figure 3: SPI Protocol
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
5
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Hold Operation
The HOLD# pin is used to pause a serial sequence underway with the SPI flash memory without resetting the clocking sequence. To activate the HOLD# mode, CE# must be in active low state. The HOLD# mode begins when the SCK active low state coincides with the falling edge of the HOLD# signal. The HOLD mode ends when the HOLD# signal's rising edge coincides with the SCK active low state. If the falling edge of the HOLD# signal does not coincide with the SCK active low state, then the device enters Hold mode when the SCK next reaches the active low state. Similarly, if the rising edge of the HOLD# signal does not coincide with the SCK active low state, then the device exits in Hold mode when the SCK next reaches the active low state. See Figure 4 for Hold Condition waveform. Once the device enters Hold mode, SO will be in high-impedance state while SI and SCK can be VIL or VIH. If CE# is driven active high during a Hold condition, it resets the internal logic of the device. As long as HOLD# signal is low, the memory remains in the Hold condition. To resume communication with the device, HOLD# must be driven active high, and CE# must be driven active low. See Figure 24 for Hold timing.
SCK
HOLD# Active Hold Active Hold Active
1271 HoldCond.0
Figure 4: Hold Condition Waveform
Write Protection
SST25VF016B provides software Write protection. The Write Protect pin (WP#) enables or disables the lock-down function of the status register. The Block-Protection bits (BP3, BP2, BP1, BP0, and BPL) in the status register provide Write protection to the memory array and the status register. See Table 4 for the Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down function of the BPL bit (bit 7) in the status register. When WP# is driven low, the execution of the Write-Status-Register (WRSR) instruction is determined by the value of the BPL bit (see Table 2). When WP# is high, the lock-down function of the BPL bit is disabled.
Table 2: Conditions to Execute Write-Status-Register (WRSR) Instruction
WP# L L H BPL 1 0 X Execute WRSR Instruction Not Allowed Allowed Allowed
T2.0 1271
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
6
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Status Register
The software status register provides status on whether the flash memory array is available for any Read or Write operation, whether the device is Write enabled, and the state of the Memory Write protection. During an internal Erase or Program operation, the status register may be read only to determine the completion of an operation in progress. Table 3 describes the function of each bit in the software status register.
Table 3: Software Status Register
Bit 0 1 2 3 4 5 6 Name BUSY WEL BP0 BP1 BP2 BP3 AAI Function 1 = Internal Write operation is in progress 0 = No internal Write operation is in progress 1 = Device is memory Write enabled 0 = Device is not memory Write enabled Indicate current level of block write protection (See Table 4) Indicate current level of block write protection (See Table 4) Indicate current level of block write protection (See Table 4) Indicate current level of block write protection (See Table 4) Auto Address Increment Programming status 1 = AAI programming mode 0 = Byte-Program mode 1 = BP3, BP2, BP1, BP0 are read-only bits 0 = BP3, BP2, BP1, BP0 are read/writable Default at Power-up 0 0 1 1 1 0 0 Read/Write R R R/W R/W R/W R/W R
7
BPL
0
R/W
T3.0 1271
Busy
The Busy bit determines whether there is an internal Erase or Program operation in progress. A "1" for the Busy bit indicates the device is busy with an operation in progress. A "0" indicates the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch (WEL) bit indicates the status of the internal memory Write Enable Latch. If the Write-Enable-Latch bit is set to "1", it indicates the device is Write enabled. If the bit is set to "0" (reset), it indicates the device is not Write enabled and does not accept any memory Write (Program/ Erase) commands. The Write-Enable-Latch bit is automatically reset under the following conditions: * * * * * * * * Power-up Write-Disable (WRDI) instruction completion Byte-Program instruction completion Auto Address Increment (AAI) programming is completed or reached its highest unprotected memory address Sector-Erase instruction completion Block-Erase instruction completion Chip-Erase instruction completion Write-Status-Register instructions
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
7
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit provides status on whether the device is in Auto Address Increment (AAI) programming mode or Byte-Program mode. The default at power up is ByteProgram mode.
Block Protection (BP3,BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the size of the memory area, as defined in Table 4, to be software protected against any memory Write (Program or Erase) operation. The WriteStatus-Register (WRSR) instruction is used to program the BP3, BP2, BP1 and BP0 bits as long as WP# is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits are all 0. After power-up, BP3, BP2, BP1 and BP0 are set to 1.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-Lock-Down (BPL) bit. When BPL is set to 1, it prevents any further alteration of the BPL, BP3, BP2, BP1, and BP0 bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is "Don't Care". After power-up, the BPL bit is reset to 0.
Table 4: Software Status Register Block Protection for SST25VF016B1
Status Register Bit2 Protection Level None Upper 1/32 Upper 1/16 Upper 1/8 Upper 1/4 Upper 1/2 All Blocks All Blocks BP3 X X X X X X X X BP2 0 0 0 0 1 1 1 1 BP1 0 0 1 1 0 0 1 1 BP0 0 1 0 1 0 1 0 1 Protected Memory Address 16 Mbit None 1F0000H-1FFFFFH 1E0000H-1FFFFFH 1C0000H-1FFFFFH 180000H-1FFFFFH 100000H-1FFFFFH 000000H-1FFFFFH 000000H-1FFFFFH
T4.0 1271
1. X = Don't Care (RESERVED) default is "0 2. Default at power-up for BP2, BP1, and BP0 is `111'. (All Blocks Protected)
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
8
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Instructions
Instructions are used to read, write (Erase and Program), and configure the SST25VF016B. The instruction bus cycles are 8 bits each for commands (Op Code), data, and addresses. Prior to executing any Byte-Program, Auto Address Increment (AAI) programming, Sector-Erase, Block-Erase, WriteStatus-Register, or Chip-Erase instructions, the Write-Enable (WREN) instruction must be executed first. The complete list of instructions is provided in Table 5. All instructions are synchronized off a high to low transition of CE#. Inputs will be accepted on the rising edge of SCK starting with the most significant bit. CE# must be driven low before an instruction is entered and must be driven high after the last bit of the instruction has been shifted in (except for Read, Read-ID, and Read-Status-Register instructions). Any low to high transition on CE#, before receiving the last bit of an instruction bus cycle, will terminate the instruction in progress and return the device to standby mode. Instruction commands (Op Code), addresses, and data are all input from the most significant bit (MSB) first.
Table 5: Device Operation Instructions
Instruction Read High-Speed Read 4 KByte Sector-Erase3 32 KByte Block-Erase4 64 KByte Block-Erase5 Chip-Erase Description Read Memory at 25 MHz Read Memory at 80 MHz Erase 4 KByte of memory array Erase 32 KByte block of memory array Erase 64 KByte block of memory array Erase Full Memory Array Op Code Cycle1 0000 0011b (03H) 0000 1011b (0BH) 0010 0000b (20H) 0101 0010b (52H) 1101 1000b (D8H) Address Cycle(s)2 3 3 3 3 3 0 Dummy Cycle(s) 0 1 0 0 0 0 Data Cycle(s) 1 to 1 to 0 0 0 0 Maximum Frequency 25 MHz 80 MHz 80 MHz 80 MHz 80 MHz 80 MHz
Byte-Program AAI-Word-Pro- Auto Address Increment gram6 Programming RDSR7 Read-Status-Register EWSR WRSR WREN WRDI RDID8
0110 0000b (60H) or 1100 0111b (C7H) To Program One Data Byte 0000 0010b (02H) 1010 1101b (ADH) 0000 0101b (05H) 0101b 0000b (50H) 0000 0001b (01H) 0000 0110b (06H) 0000 0100b (04H)
3 3 0 0 0 0 0 3
0 0 0 0 0 0 0 0
1 2 to 1 to 0 1 0 0 1 to
80 MHz 80 MHz 80 MHz 80 MHz 80 MHz 80 MHz 80 MHz 80 MHz
Enable-Write-Status-Register Write-Status-Register Write-Enable Write-Disable Read-ID
JEDEC-ID EBSY
DBSY
1001 0000b (90H) or 1010 1011b (ABH) JEDEC ID read 1001 1111b (9FH) Enable SO to output RY/BY# 0111 0000b (70H) status during AAI programming Disable SO as RY/BY# 1000 0000b (80H) status during AAI programming
0 0
0 0
3 to 0
80 MHz 80 MHz
0
0
0
80 MHz
T5.0
1271
1. One bus cycle is eight clock periods.
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
9
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
2. 3. 4. 5. 6.
Address bits above the most significant bit of each density can be VIL or VIH. 4KByte Sector Erase addresses: use AMS-A12, remaining addresses are don't care but must be set either at VIL or VIH. 32KByte Block Erase addresses: use AMS-A15, remaining addresses are don't care but must be set either at VIL or VIH. 64KByte Block Erase addresses: use AMS-A16, remaining addresses are don't care but must be set either at VIL or VIH. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of data to be programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be programmed into the initial address [A23-A1] with A0=1. 7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#. 8. Manufacturer's ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer's ID and device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Read (25 MHz)
The Read instruction, 03H, supports up to 25 MHz Read. The device outputs the data starting from the specified address location. The data output stream is continuous through all addresses until terminated by a low to high transition on CE#. The internal address pointer will automatically increment until the highest memory address is reached. Once the highest memory address is reached, the address pointer will automatically increment to the beginning (wrap-around) of the address space. Once the data from address location 1FFFFFH has been read, the next output will be from address location 000000H. The Read instruction is initiated by executing an 8-bit command, 03H, followed by address bits [A23A0]. CE# must remain active low for the duration of the Read cycle. See Figure 5 for the Read sequence.
CE#
MODE 3
012345678
15 16
23 24
31 32
39 40
47
48
55 56
63 64
70
SCK
MODE 0
SI MSB SO
03
ADD. MSB HIGH IMPEDANCE
ADD.
ADD. N DOUT MSB
1271 ReadSeq.0
N+1 DOUT
N+2 DOUT
N+3 DOUT
N+4 DOUT
Figure 5: Read Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
10
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
High-Speed-Read (80 MHz)
The High-Speed-Read instruction supporting up to 80 MHz Read is initiated by executing an 8-bit command, 0BH, followed by address bits [A23-A0] and a dummy byte. CE# must remain active low for the duration of the High-Speed-Read cycle. See Figure 6 for the High-Speed-Read sequence. Following a dummy cycle, the High-Speed-Read instruction outputs the data starting from the specified address location. The data output stream is continuous through all addresses until terminated by a low to high transition on CE#. The internal address pointer will automatically increment until the highest memory address is reached. Once the highest memory address is reached, the address pointer will automatically increment to the beginning (wrap-around) of the address space. Once the data from address location 1FFFFFH has been read, the next output will be from address location 000000H.
CE# MODE 3 SCK MODE 0 012345678 15 16 23 24 31 32 39 40 47 48 55 56 63 64 71 72 80
SI MSB SO
0B
ADD. MSB HIGH IMPEDANCE
ADD.
ADD.
X N DOUT MSB N+1 DOUT N+2 DOUT N+3 DOUT N+4 DOUT
1271 HSRdSeq.0
Note: X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)
Figure 6: High-Speed-Read Sequence
Byte-Program
The Byte-Program instruction programs the bits in the selected byte to the desired data. The selected byte must be in the erased state (FFH) when initiating a Program operation. A Byte-Program instruction applied to a protected memory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of the Byte-Program instruction. The Byte-Program instruction is initiated by executing an 8-bit command, 02H, followed by address bits [A23-A0]. Following the address, the data is input in order from MSB (bit 7) to LSB (bit 0). CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TBP for the completion of the internal self-timed Byte-Program operation. See Figure 7 for the Byte-Program sequence.
CE#
MODE 3
012345678
15 16
23 24
31 32
39
SCK
MODE 0
SI
MSB
02
ADD.
MSB
ADD.
ADD.
DIN
MSB LSB
SO
HIGH IMPEDANCE
1271 ByteProg.0
Figure 7: Byte-Program Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
11
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Auto Address Increment (AAI) Word-Program
The AAI program instruction allows multiple bytes of data to be programmed without re-issuing the next sequential address location. This feature decreases total programming time when multiple bytes or entire memory array is to be programmed. An AAI Word program instruction pointing to a protected memory area will be ignored. The selected address range must be in the erased state (FFH) when initiating an AAI Word Program operation. While within AAI Word Programming sequence, only the following instructions are valid: for software end-of-write detection--AAI Word (ADH), WRDI (04H), and RDSR (05H); for hardware end-of-write detection--AAI Word (ADH) and WRDI (04H). There are three options to determine the completion of each AAI Word program cycle: hardware detection by reading the Serial Output, software detection by polling the BUSY bit in the software status register, or wait TBP. Refer to"End-of-Write Detection" for details. Prior to any write operation, the Write-Enable (WREN) instruction must be executed. Initiate the AAI Word Program instruction by executing an 8-bit command, ADH, followed by address bits [A23-A0]. Following the addresses, two bytes of data are input sequentially, each one from MSB (Bit 7) to LSB (Bit 0). The first byte of data (D0) is programmed into the initial address [A23-A1] with A0=0, the second byte of Data (D1) is programmed into the initial address [A23-A1] with A0=1. CE# must be driven high before executing the AAI Word Program instruction. Check the BUSY status before entering the next valid command. Once the device indicates it is no longer busy, data for the next two sequential addresses may be programmed, followed by the next two, and so on. When programming the last desired word, or the highest unprotected memory address, check the busy status using either the hardware or software (RDSR instruction) method to check for program completion. Once programming is complete, use the applicable method to terminate AAI. If the device is in Software End-of-Write Detection mode, execute the Write-Disable (WRDI) instruction, 04H. If the device is in AAI Hardware End-of-Write Detection mode, execute the Write-Disable (WRDI) instruction, 04H, followed by the 8-bit DBSY command, 80H. There is no wrap mode during AAI programming once the highest unprotected memory address is reached. See Figures 10 and 11 for the AAI Word programming sequence.
End-of-Write Detection
There are three methods to determine completion of a program cycle during AAI Word programming: hardware detection by reading the Serial Output, software detection by polling the BUSY bit in the Software Status Register, or wait TBP. The Hardware End-of-Write detection method is described in the section below.
Hardware End-of-Write Detection
The Hardware End-of-Write detection method eliminates the overhead of polling the Busy bit in the Software Status Register during an AAI Word program operation. The 8-bit command, 70H, configures the Serial Output (SO) pin to indicate Flash Busy status during AAI Word programming. (see Figure 8) The 8-bit command, 70H, must be executed prior to initiating an AAI Word-Program instruction. Once an internal programming operation begins, asserting CE# will immediately drive the status of the internal flash status on the SO pin. A `0' indicates the device is busy and a `1' indicates the device is ready for the next instruction. De-asserting CE# will return the SO pin to tri-state. While in AAI and Hardware End-of-Write detection mode, the only valid instructions are AAI Word (ADH) and WRDI (04H). To exit AAI Hardware End-of-Write detection, first execute WRDI instruction, 04H, to reset the WriteEnable-Latch bit (WEL=0) and AAI bit. Then execute the 8-bit DBSY command, 80H, to disable RY/ BY# status during the AAI command. See Figures 9 and 10.
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
12
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
70 HIGH IMPEDANCE
1271 EnableSO.0
SO
Figure 8: Enable SO as Hardware RY/BY# During AAI Programming
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
80 HIGH IMPEDANCE
1271 DisableSO.0
SO
Figure 9: Disable SO as Hardware RY/BY# During AAI Programming
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
13
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
CE#
0 7 0 7 0 78 15 16 23 24 31 32 39 40 47 0 78 15 16 23
MODE 3
SCK MODE 0 SI
EBSY WREN AD A A A D0 D1 AD D2 D3
Load AAI command, Address, 2 bytes data
SO
Check for Flash Busy Status to load next valid1 command
CE# cont.
0 78 15 16 23 0 7 0 7 0 78 15
SCK cont. SI cont.
AD
Dn-1 Last 2 Data Bytes
Dn
WRDI
DBSY
RDSR
WRDI followed by DBSY to exit AAI Mode DOUT
SO cont.
Check for Flash Busy Status to load next valid1 command
Note:
1. Valid commands during AAI programming: AAI command or WRDI command 2. User must configure the SO pin to output Flash Busy status during AAI programming
1271 AAI.HW.3
Figure 10:Auto Address Increment (AAI) Word-Program Sequence with Hardware End-of-Write Detection
Wait TBP or poll Software Status register to load next valid1 command
CE#
0 78 15 16 23 24 31 32 39 40 47 0 78 15 16 23 0 78 15 16 23 0 7 0 78 15
MODE 3
SCK MODE 0 SI AD A A A D0 D1 AD D2 D3 AD
Dn-1 Last 2 Data Bytes Dn WRDI WRDI to exit AAI Mode DOUT RDSR
Load AAI command, Address, 2 bytes data
SO
Note: 1. Valid commands during AAI programming: AAI command, RDSR command, or WRDI command
1271 AAI.SW.1
Figure 11:Auto Address Increment (AAI) Word-Program Sequence with Software End-of-Write Detection
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
14
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
4-KByte Sector-Erase
The Sector-Erase instruction clears all bits in the selected 4 KByte sector to FFH. A Sector-Erase instruction applied to a protected memory area will be ignored. Prior to any Write operation, the WriteEnable (WREN) instruction must be executed. CE# must remain active low for the duration of any command sequence. The Sector-Erase instruction is initiated by executing an 8-bit command, 20H, followed by address bits [A23-A0]. Address bits [AMS-A12] (AMS = Most Significant address) are used to determine the sector address (SAX), remaining address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TSE for the completion of the internal self-timed Sector-Erase cycle. See Figure 12 for the SectorErase sequence.
CE#
MODE 3
012345678
15 16
23 24
31
SCK
MODE 0
SI
MSB
20
ADD.
MSB
ADD.
ADD.
SO
HIGH IMPEDANCE
1271 SecErase.0
Figure 12:Sector-Erase Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
15
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
32-KByte and 64-KByte Block-Erase
The 32-KByte Block-Erase instruction clears all bits in the selected 32 KByte block to FFH. A BlockErase instruction applied to a protected memory area will be ignored. The 64-KByte Block-Erase instruction clears all bits in the selected 64 KByte block to FFH. A Block-Erase instruction applied to a protected memory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of any command sequence. The 32-Kbyte Block-Erase instruction is initiated by executing an 8-bit command, 52H, followed by address bits [A23-A0]. Address bits [AMS-A15] (AMS = Most Significant Address) are used to determine block address (BAX), remaining address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The 64-Kbyte BlockErase instruction is initiated by executing an 8-bit command D8H, followed by address bits [A23-A0]. Address bits [AMS-A15] are used to determine block address (BAX), remaining address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TBE for the completion of the internal self-timed 32-KByte Block-Erase or 64-KByte Block-Erase cycles. See Figures 13 and 14 for the 32-KByte Block-Erase and 64-KByte Block-Erase sequences.
CE#
MODE 3
012345678
15 16
23 24
31
SCK
MODE 0
SI
MSB
52
ADDR
MSB
ADDR
ADDR
SO
HIGH IMPEDANCE
1271 32KBklEr.0
Figure 13:32-KByte Block-Erase Sequence
CE#
MODE 3
012345678
15 16
23 24
31
SCK
MODE 0
SI
MSB
D8
ADDR
MSB
ADDR
ADDR
SO
HIGH IMPEDANCE
1271 63KBlkEr.0
Figure 14:64-KByte Block-Erase Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
16
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Chip-Erase
The Chip-Erase instruction clears all bits in the device to FFH. A Chip-Erase instruction will be ignored if any of the memory area is protected. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of the Chip-Erase instruction sequence. The Chip-Erase instruction is initiated by executing an 8-bit command, 60H or C7H. CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TCE for the completion of the internal self-timed Chip-Erase cycle. See Figure 15 for the Chip-Erase sequence.
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
60 or C7
SO
HIGH IMPEDANCE
1271 ChEr.0
Figure 15:Chip-Erase Sequence
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction allows reading of the status register. The status register may be read at any time even during a Write (Program/Erase) operation. When a Write operation is in progress, the Busy bit may be checked before sending any new commands to assure that the new commands are properly received by the device. CE# must be driven low before the RDSR instruction is entered and remain low until the status data is read. Read-Status-Register is continuous with ongoing clock cycles until it is terminated by a low to high transition of the CE#. See Figure 16 for the RDSR instruction sequence.
CE#
MODE 3 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14
SCK
MODE 0
SI
05
MSB
HIGH IMPEDANCE SO
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 MSB Status Register Out
1271 RDSRseq.0
Figure 16:Read-Status-Register (RDSR) Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
17
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Write-Enable (WREN)
The Write-Enable (WREN) instruction sets the Write-Enable-Latch bit in the Status Register to 1 allowing Write operations to occur. The WREN instruction must be executed prior to any Write (Program/ Erase) operation. The WREN instruction may also be used to allow execution of the Write-Status-Register (WRSR) instruction; however, the Write-Enable-Latch bit in the Status Register will be cleared upon the rising edge CE# of the WRSR instruction. CE# must be driven high before the WREN instruction is executed.
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
06
SO
HIGH IMPEDANCE
1271 WREN.0
Figure 17:Write Enable (WREN) Sequence
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction resets the Write-Enable-Latch bit and AAI bit to 0 disabling any new Write operations from occurring. The WRDI instruction will not terminate any programming operation in progress. Any program operation in progress may continue up to TBP after executing the WRDI instruction. CE# must be driven high before the WRDI instruction is executed.
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
04
SO
HIGH IMPEDANCE
1271 WRDI.0
Figure 18:Write Disable (WRDI) Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
18
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR) instruction and opens the status register for alteration. The Write-Status-Register instruction must be executed immediately after the execution of the Enable-Write-Status-Register instruction. This twostep instruction sequence of the EWSR instruction followed by the WRSR instruction works like SDP (software data protection) command structure which prevents any accidental alteration of the status register values. CE# must be driven low before the EWSR instruction is entered and must be driven high before the EWSR instruction is executed.
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to the BP3, BP2, BP1, BP0, and BPL bits of the status register. CE# must be driven low before the command sequence of the WRSR instruction is entered and driven high before the WRSR instruction is executed. See Figure 19 for EWSR or WREN and WRSR instruction sequences. Executing the Write-Status-Register instruction will be ignored when WP# is low and BPL bit is set to "1". When the WP# is low, the BPL bit can only be set from "0" to "1" to lock-down the status register, but cannot be reset from "1" to "0". When WP# is high, the lock-down function of the BPL bit is disabled and the BPL, BP0, and BP1 and BP2 bits in the status register can all be changed. As long as BPL bit is set to 0 or WP# pin is driven high (VIH) prior to the low-to-high transition of the CE# pin at the end of the WRSR instruction, the bits in the status register can all be altered by the WRSR instruction. In this case, a single WRSR instruction can set the BPL bit to "1" to lock down the status register as well as altering the BP0, BP1, and BP2 bits at the same time. See Table 2 for a summary description of WP# and BPL functions.
CE#
01234567 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
MODE 3
MODE 3 MODE 0
SCK
MODE 0
SI MSB SO
50 or 06 MSB
01
STATUS REGISTER IN 76543210 MSB
HIGH IMPEDANCE
1271 EWSR.0
Figure 19:Enable-Write-Status-Register (EWSR) or Write-Enable (WREN) and Write-Status-Register (WRSR) Sequence
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
19
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as SST25VF016B and the manufacturer as SST. The device information can be read from executing the 8-bit command, 9FH. Following the JEDEC Read-ID instruction, the 8-bit manufacturer's ID, BFH, is output from the device. After that, a 16-bit device ID is shifted out on the SO pin. Byte 1, BFH, identifies the manufacturer as SST. Byte 2, 25H, identifies the memory type as SPI Serial Flash. Byte 3, 41H, identifies the device as SST25VF016B. The instruction sequence is shown in Figure 20. The JEDEC Read ID instruction is terminated by a low to high transition on CE# at any time during data output. If no other command is issued after executing the JEDEC Read-ID instruction, issue a 00H (NOP) command before going into Standby Mode (CE#=VIH).
CE#
MODE 3
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
SCK
MODE 0
SI
9F
SO
HIGH IMPEDANCE
MSB
BF
MSB
25
41
1271 JEDECID.1
Figure 20:JEDEC Read-ID Sequence Table 6: JEDEC Read-ID Data
Device ID Manufacturer's ID Byte1 BFH Memory Type Byte 2 25H Memory Capacity Byte 3 41H
T6.0 1271
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
20
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the devices as SST25VF016B and manufacturer as SST. This command is backward compatible to all SST25xFxxxA devices and should be used as default device identification when multiple versions of SPI Serial Flash devices are used in a design. The device information can be read from executing an 8-bit command, 90H or ABH, followed by address bits [A23-A0]. Following the Read-ID instruction, the manufacturer's ID is located in address 00000H and the device ID is located in address 00001H. Once the device is in Read-ID mode, the manufacturer's and device ID output data toggles between address 00000H and 00001H until terminated by a low to high transition on CE#. Refer to Tables 6 and 7 for device identification data.
CE#
MODE 3
012345678
15 16
23 24
31 32
39 40
47 48
55 56
63
SCK
MODE 0
SI
MSB
90 or AB
00
00
ADD1
MSB
SO
HIGH IMPEDANCE
MSB
BF
Device ID
BF
Device ID
HIGH IMPEDANCE
Note: The manufacturer s and device ID output stream is continuous until terminated by a low to high transition on CE#. Device ID = 41H for SST25VF016B 1. 00H will output the manfacturer s ID first and 01H will output device ID first before toggling between the two.
1271 RdID.0
Figure 21:Read-ID Sequence Table 7: Product Identification
Address Manufacturer's ID Device ID SST25VF016B 00001H 41H
T7.0 1271
Data BFH
00000H
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
21
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Electrical Specifications
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Package Power Dissipation Capability (TA = 25C). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C for 10 seconds Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
Table 8: Operating Range
Range Commercial Industrial Ambient Temp 0C to +70C -40C to +85C VDD 2.7-3.6V 2.7-3.6V
Table 9: AC Conditions of Test1
Input Rise/Fall Time 5ns 1. See Figures 26 and 27 Output Load CL = 30 pF
T9.1 1271
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
22
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Table 10:DC Operating Characteristics
Limits Symbol Parameter IDDR IDDR2 IDDR3 IDDW ISB ILI ILO VIL VIH VOL VOL2 VOH Read Current Read Current Read Current Program and Erase Current Standby Current Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output Low Voltage Output High Voltage VDD-0.2 0.7 VDD 0.2 0.4 Min Max Units Test Conditions 10 15 20 30 20 1 1 0.8 mA mA mA mA A A A V V V V V CE#=0.1 VDD/0.9 VDD@25 MHz, SO=open CE#=0.1 VDD/0.9 VDD@50 MHz, SO=open CE#=0.1 VDD/0.9 VDD@80 MHz, SO=open CE#=VDD CE#=VDD, VIN=VDD or VSS VIN=GND to VDD, VDD=VDD Max VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max IOL=100 A, VDD=VDD Min IOL=1.6 mA, VDD=VDD Min IOH=-100 A, VDD=VDD Min
T10.0 1271
Table 11:Recommended System Power-up Timings
Symbol TPU-READ1 TPU-WRITE
1
Parameter VDD Min to Read Operation VDD Min to Write Operation
Minimum 10 10
Units s s
T11.0 1271
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Table 12:Capacitance (TA = 25C, f=1 Mhz, other pins open)
Parameter COUT1 CIN
1
Description Output Pin Capacitance Input Capacitance
Test Condition VOUT = 0V VIN = 0V
Maximum 12 pF 6 pF
T12.0 1271
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Table 13:Reliability Characteristics
Symbol NEND TDR1 ILTH
1 1
Parameter Endurance Data Retention Latch Up
Minimum Specification 10,000 100 100 + IDD
Units Cycles Years mA
Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T13.0 1271
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
23
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Table 14:AC Operating Characteristics
25 MHz Symbol FCLK1 TSCKH TSCKL TSCKR2 TSCKF TCES3 TCEH3 TCHS3 TCHH3 TCPH TCHZ TCLZ TDS TDH THLS THHS THLH THHH THZ TLZ TOH TV TSE TBE TSCE TBP Parameter Serial Clock Frequency Serial Clock High Time Serial Clock Low Time Serial Clock Rise Time (Slew Rate) Serial Clock Fall Time (Slew Rate) CE# Active Setup Time CE# Active Hold Time CE# Not Active Setup Time CE# Not Active Hold Time CE# High Time CE# High to High-Z Output SCK Low to Low-Z Output Data In Setup Time Data In Hold Time HOLD# Low Setup Time HOLD# High Setup Time HOLD# Low Hold Time HOLD# High Hold Time HOLD# Low to High-Z Output HOLD# High to Low-Z Output Output Hold from SCK Change Output Valid from SCK Sector-Erase Block-Erase Chip-Erase Byte-Program 0 15 25 25 50 10 0 5 5 10 10 10 10 20 15 0 8 25 25 50 10 18 18 0.1 0.1 10 10 10 10 100 15 0 2 5 5 5 5 5 8 8 0 6 25 25 50 10 Min Max 25 9 9 0.1 0.1 5 5 5 5 50 8 0 2 4 5 5 5 5 7 7 50 MHz Min Max 50 6 6 0.1 0.1 5 5 5 5 50 7 80 MHz Min Max 80 Units MHz ns ns V/ns V/ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms s
T14.0 1271
1. Maximum clock frequency for Read Instruction, 03H, is 25 MHz 2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements 3. Relative to SCK.
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
24
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
TCPH CE# TCHH SCK TDS TDH TSCKR LSB TCES TSCKF TCEH TCHS
SI
MSB
SO
HIGH-Z
HIGH-Z
1271 SerIn.0
Figure 22:Serial Input Timing Diagram
CE# TSCKH SCK TCLZ SO TV SI
1271 SerOut.0
TSCKL
TOH
TCHZ LSB
MSB
Figure 23:Serial Output Timing Diagram
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
25
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
CE# THHH SCK THLH THZ SO TLZ THLS THHS
SI
HOLD#
1271 Hold.0
Figure 24:Hold Timing Diagram
VDD VDD Max Chip selection is not allowed. Commands may not be accepted or properly interpreted by the device.
VDD Min TPU-READ TPU-WRITE Device fully accessible
Time
1271 PwrUp.0
Figure 25:Power-up Timing Diagram
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
26
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
VIHT VHT
INPUT REFERENCE POINTS
VHT
OUTPUT
VLT VILT
VLT
1271 IORef.0
AC test inputs are driven at VIHT (0.9VDD) for a logic "1" and VILT (0.1VDD) for a logic "0". Measurement reference points for inputs and outputs are VHT (0.6VDD) and VLT (0.4VDD). Input rise and fall times (10% 90%) are <5 ns.
Note: VHT - VHIGH Test VLT - VLOW Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
Figure 26:AC Input/Output Reference Waveforms
TO TESTER
TO DUT CL
1271 TstLd.0
Figure 27:A Test Load Example
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
27
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Product Ordering Information
SST 25 VF XX XX 016B XXXX 50 XX 4C XX -
S2AF XXXX Environmental Attribute F1 = non-Pb / non-Sn contact (lead) finish: Nickel plating with Gold top (outer) layer Package Modifier A = 8 leads or contacts Package Type S2 = SOIC 200 mil body width Q = WSON Temperature Range C = Commercial = 0C to +70C I = Industrial = -40C to +85C Minimum Endurance 4 = 10,000 cycles Operating Frequency 50 = 50 MHz 75 = 75 MHz (80MHz) Device Density 016 = 16 Mbit Voltage V = 2.7-3.6V Product Series 25 = Serial Peripheral Interface flash memory
1. Environmental suffix "F" denotes non-Pb/non-SN solder. SST non-Pb/non-Sn solder devices are "RoHS Compliant".
Valid combinations for SST25VF016B
SST25VF016B-50-4C-S2AF SST25VF016B-50-4I-S2AF SST25VF016B-75-4I-S2AF SST25VF016B-50-4C-QAF SST25VF016B-50-4I-QAF SST25VF016B-75-4I-QAF
Note:Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
28
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Packaging Diagrams
Pin #1 Identifier
TOP VIEW
SIDE VIEW
5.40 5.15 1.27 BSC
0.50 0.35
5.40 5.15 8.10 7.70 2.16 1.75 0.25 0.19
0.25 0.05
END VIEW
0 8
08-soic-EIAJ-S2A-3
Note: 1. All linear dimensions are in millimeters (max/min). 2. Coplanarity: 0.1 mm 3. Maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads.
0.80 0.50
1mm
Figure 28: 8-lead Small Outline Integrated Circuit (SOIC) 200 mil body width (5.2mm x 8mm) SST Package Code: S2A
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
29
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
TOP VIEW
Pin #1 Corner
SIDE VIEW
0.2
BOTTOM VIEW
Pin #1
1.27 BSC
5.00 0 .10
0.076
4.0 3.4
0.48 0.35
6.00 0.10 0.80 0.70
Note: 1. All linear dimensions are in millimeters (max/min). 2. Untoleranced dimensions (shown with box surround) are nominal target dimensions. 3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads. This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit. Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
0.05 Max
0.70 0.50
CROSS SECTION
0.80 0.70
1mm 8-wson-5x6-QA-9.0
Figure 29:8-contact Very-very-thin Small Outline No-lead (WSON) SST Package Code: QA
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
30
16 Mbit SPI Serial Flash
A Microchip Technology Company
SST25VF016B
Data Sheet
Table 15:Revision History
Number 00 01 02 03 Description Date Apr 2005 Sep 2005 Jan 2006 Sep 2008
04
* * * * * * * * * * * * * *
Initial release of data sheet Corrected "JEDEC Read-ID" on page 20 including timing diagram Corrected VHT and VLT values in Figure 26 on page 27 Migrated document to a Data Sheet Updated Surface Mount Solder Reflow Temperature information Edited Clock Frequency speed from 50 MHz to 80 MHz in Features, page 1 Revised Table 5 for 80 MHz Edited High Speed Read for 80 MHz, page 10 Edited Table 8, page 21 Added 80 MHz columns to Table 12, page 22 Updated Product Ordering Information and Valid Combination, page 26 Updated "Auto Address Increment (AAI) Word-Program", "End-of-Write Detection", and "Hardware End-of-Write Detection" on page 12. Revised Figures 10 and 11 on page page 14. Updated document to new format.
Jan 2011
(c) 2011 Silicon Storage Technology, Inc-a Microchip Technology Company. All rights reserved. SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Technology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and registered trademarks mentioned herein are the property of their respective owners. Specifications are subject to change without notice. Refer to www.microchip.com or www.sst.com for the most recent documentation. Memory sizes denote raw storage capacity; actual usable capacity may be less. SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of Sale which are available on www.sst.com. For sales office(s) location and information, please see www.microchip.com or www.sst.com.
Silicon Storage Technology, Inc. A Microchip Technology Company www.microchip.com or www.sst.com
(c)2011 Silicon Storage Technology, Inc.
S71271-04-000
01/11
31


▲Up To Search▲   

 
Price & Availability of SST25VF016B11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X