Part Number Hot Search : 
74HC160N PB114024 TN2124 KTC2875 IT8705AF CS9LASI 30106 11DQ03
Product Description
Full Text Search
 

To Download SRF2090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRF2020 - SRF20150
Isolated 20.0 AMPS. Schottky Barrier Rectifiers ITO-220AB
Features
For surface mounted application Low power loss, high efficiency High current capability, low VF High reliability Epitaxial construction Guard-ring for transient protection
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, Lead solderable per MIL-STD-750, Method 2026 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .25",(6.35mm) from case. Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRF SRF SRF Type Number
2020 2030 2040 SRF 2050 SRF 2060 SRF 2090 SRF SRF 20100 20150
Units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A
Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 C o @ Tc=100 C
o
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 20
60 42 60
90 63 90
100 70 100
150 105 150
200 0.55 0.5 15 440 -65 to +125 10 300 1.5 0.70 0.92 0.1 5.0 280 -65 to +150 1.02
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range
Storage Temperature Range -65 to +150 Notes: 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4"x6"x0.25") Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 148 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SRF2020 THRU SRF20150)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDGE METHOD) Tj=Tj max.
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
16.0
250 200
SRF
2 SRF
205
12.0
0-15
020 -40
150 100 50 25
0
8.0
4.0
0 0 50 100 o CASE TEMPERATURE. ( C) 150
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER LEG
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
1.0
SR
F2
02
60
0-
20
10
40
05
0-
.10
Tj=2
20
0 5C
SR
F2
1.0
09
020 10 0 SR F2 01 50
SR
F2
.01
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 .001 0 20 40 60 80 100 120 140
O
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
4000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
JUNCTION CAPACITANCE.(pF)
2000
SRF
1000 800 600 400
2020
Tj=25 0C f=1.0MHz Vsig=50mVp-p
-204
0
SRF2050-2060
10.0
1
200
SRF2090-20150
100 0.1
0.4
1.0
4
10
40
80100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
REVERSE VOLTAGE. (V)
Version: B07


▲Up To Search▲   

 
Price & Availability of SRF2090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X