Part Number Hot Search : 
H2072Z01 C101K CZ1W15V 89000 K2607 1N4154 100K254 ZTBF500E
Product Description
Full Text Search
 

To Download SPA11N60C3E8185 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185 Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * High peak current capability * Improved transconductance
P-TO220-3-31
1 2 3
VDS @ Tjmax RDS(on) ID
PG-TO220FP PG-TO262
650 0.38 11
PG-TO220
V A
* PG-TO-220-3-31;-3-111: Fully isolated package (2500 VAC; 1 minute)
Type SPP11N60C3 SPI11N60C3 SPA11N60C3
Package PG-TO220 PG-TO262 PG-TO220FP
Ordering Code Q67040-S4395 Q67042-S4403 Q67040-S4408
Marking 11N60C3 11N60C3 11N60C3
SPA11N60C3E8185 PG-TO220
11N60C3
Maximum Ratings Parameter Continuous drain current
TC = 25 C TC = 100 C
Symbol SPP_I ID 11 7 ID puls EAS EAR IAR VGS VGS Ptot Tj , Tstg dv/dt
Page 1
Value SPA
Unit A 11 1) 71) 33 340 0.6 11 20 30 33 W C V/ns A V A mJ
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID=5.5A, VDD=50V
33 340 0.6 11 20 30 125 15
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=11A, VDD=50V
Avalanche current, repetitive tAR limited by Tjmax Gate source voltage static Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C Operating and storage temperature Reverse diode dv/dt 7)
Rev. 3.2
-55...+150
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
Maximum Ratings Parameter Drain Source voltage slope
VDS = 480 V, ID = 11 A, Tj = 125 C
Symbol dv/dt
Value 50
Unit V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 3) Soldering temperature, wavesoldering 1.6 mm (0.063 in.) from case for 10s 4) Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS
ID=500A, VGS =VDS VDS=600V, V GS=0V, Tj=25C Tj=150C
Symbol min. RthJC RthJC_FP RthJA RthJA_FP RthJA Tsold -
Values typ. 35 max. 1 3.8 62 80 62 260
Unit K/W
C
Values typ. 700 3 0.1 0.34 0.92 0.86 max. 3.9 600 2.1 -
Unit V
V(BR)DS VGS=0V, ID=11A
A 1 100 100 0.38 nA
Gate-source leakage current
I GSS
VGS=30V, V DS=0V VGS=10V, ID=7A Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open drain
Rev.
3.2
Page 2
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
Electrical Characteristics Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance Symbol gfs Ciss Coss Crss
VGS=0V, VDS=0V to 480V
Conditions min.
VDS2*ID*R DS(on)max, ID=7A VGS=0V, VDS=25V, f=1MHz
Values typ. 8.3 1200 390 30 45 85 10 5 44 5 max. 70 9 -
Unit S pF
Effective output capacitance,5) Co(er) energy related Effective output capacitance,6) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg td(on) tr td(off) tf
VDD=380V, VGS=0/10V, ID=11A, RG =6.8
-
ns
VDD=480V, ID=11A
-
5.5 22 45 5.5
60 -
nC
VDD=480V, ID=11A, VGS=0 to 10V
V(plateau) VDD=480V, ID=11A
V
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as P =E *f. AR AV 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 4Soldering temperature for TO-263: 220C, reflow 5C 6C
o(er)
is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V DSS. 7ISD<=ID, di/dt<=400A/us, VDClink=400V, VpeakRev.
3 .2
Page 3
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol SPP_I Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.015 0.03 0.056 0.197 0.216 0.083 Value SPA 0.15 0.03 0.056 0.194 0.413 2.522 K/W Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n
T case
Symbol IS I SM VSD t rr Q rr I rrm dirr /dt
Conditions min.
TC=25C
Values typ. 1 400 6 41 1200 max. 11 33 1.2 600 -
Unit A
VGS =0V, IF=IS VR =480V, IF =IS , diF/dt=100A/s
V ns C A A/s
Tj=25C
Unit
Symbol SPP_I
Value SPA 0.0001878 0.0007106 0.000988 0.002791 0.007401 0.412 0.0001878 0.0007106 0.000988 0.002791 0.007285 0.063
Unit Ws/K
Tj
R th1
E xternal H eatsink
P tot (t) C th1 C th2 C th,n
T am b
Rev
. 3.2
Page 4
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
1 Power dissipation Ptot = f (TC)
SPP11N60C3
2 Power dissipation FullPAK Ptot = f (TC)
35
140
W
W
120 110 100 25
Ptot
90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120
Ptot
20 15 10 5 160 0 0
C
20
40
60
80
100
120
TC
C 160 TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC=25C
10
2
4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C
10 2
A
A
10 1
10 1
ID
10 0
ID
10 0
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10 -2 0 10
10
1
10
2
V VDS
10
3
10 -2 0 10
10
1
10
2
10 V VDS
3
Rev.
3 .2
Page 5
2009-11-27
2SPP11N60C3
SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
5 Transient thermal impedance ZthJC = f (tp) parameter: D = tp/T
10
1
6 Transient thermal impedance FullPAK ZthJC = f (tp) parameter: D = tp/t
10 1
K/W
10 0
K/W
10 0
ZthJC
10 -1
ZthJC
10 -1
10 -2
10 -3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -3
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
10 -4 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
1 s 10
tp
7 Typ. output characteristic ID = f (VDS); Tj =25C parameter: tp = 10 s, VGS
40
8 Typ. output characteristic ID = f (VDS); Tj =150C parameter: tp = 10 s, VGS
22
A
32 28
20V 10V 8V
7V
A
18 16
20V 8V 7V 7.5V
6V
ID
ID
24 20
6,5V
14 12
5.5V
6V
10 8
5V
16 12 8 4 0 0
5,5V
6
4.5V
5V 4,5V
4
4V
2 0 0 5 10 15
3
6
9
12
15
18
21
27 V VDS
V VDS
25
Rev. 3 .2
Page 6
2007-08-30
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
2
10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 7 A, VGS = 10 V
2.1
SPP11N60C3
1.8
4V 4.5V 5V 5.5V 6V
RDS(on)
RDS(on)
1.6
1.6 1.4 1.2
1.4
1.2
1 0.8 0.6
1
0.8
98%
0.6
6.5V 8V 20V
2 4 6 8 10 12 14 16
0.4 0.2 0 -60
typ
0.4 0
A ID
20
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID = f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
40
12 Typ. gate charge VGS = f (Q Gate) parameter: ID = 11 A pulsed
16
SPP11N60C3
A
25C
V
32 12 28
VGS
ID
24 20 16 12
10
0,2 VDS max
150C
0,8 VDS max
8
6
4 8 4 0 0 2
2
4
6
8
10
12
V 15 VGS
0 0
10
20
30
40
50
nC
70
QGate
Page 7
Rev.
3.2
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10
2 SPP11N60C3
14 Typ. switching time t = f (ID), inductive load, Tj =125C par.: VDS =380V, VGS=0/+13V, RG=6.8
70
ns
A
60 55 10 1 50 45
td(off)
IF
t
40 35 30 10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10
-1
25 20 15 10 5 2.4 V 3 0 0
tr tf td(on)
0
0.4
0.8
1.2
1.6
2
2
4
6
8
A
ID
12
VSD
15 Typ. switching time t = f (RG ), inductive load, Tj =125C par.: VDS =380V, VGS=0/+13V, ID=11 A
350
16 Typ. drain current slope di/dt = f(RG ), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=11A
3000
ns
A/s
250
200
150
td(off) td(on) tr tf
di/dt
100
2000
t
1500
1000
di/dt(off)
50
500
di/dt(on)
0 0
10
20
30
40
50
RG
70
0 0
20
40
60
80
RG
120
Rev.
3 .2
Page 8
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
17 Typ. drain source voltage slope dv/dt = f(RG), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=11A
140
18 Typ. switching losses E = f (ID), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, RG=6.8
0.04
*) Eon includes SPD06S60 diode commutation losses
V/ns mWs
120 110
dv/dt(off)
0.03
dv/dt
100
80 0.02 70 60 50 40 30 20 10 0 10 20 30 40 50
dv/dt(on)
E
90
0.025
0.015
Eon*
0.01
0.005
Eoff
RG
70
0 0
2
4
6
8
A
ID
12
19 Typ. switching losses E = f(RG), inductive load, T j=125C par.: VDS =380V, VGS=0/+13V, ID=11A
0.24
*) Eon includes SPD06S60 diode commutation losses
20 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
11
A
9 8
mWs
IAR
0.16
Eoff
E
7 6
0.12 5 4
Eon*
T j(START)=25C
0.08
3 2 1
T j(START)=125C
0.04
0 0
10
20
30
40
50
RG
70
0 -3 10
10
-2
10
-1
10
0
10
1
10
2
4 s 10 tAR
Rev
. 3 .2
Page 9
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
21 Avalanche energy EAS = f (Tj) par.: ID = 5.5 A, VDD = 50 V
350
SPP11N60C3
22 Drain-source breakdown voltage V(BR)DSS = f (Tj)
720
mJ
V
V(BR)DSS
40 60 80 100 120 160
680 660 640 620 600
250
EAS
200 150 100
580 50 560 0 20 540 -60
C
-20
20
60
100
C
180
Tj
Tj
23 Avalanche power losses PAR = f (f ) parameter: EAR =0.6mJ
300
24 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10 4
pF W
10 3
Ciss
P AR
200
C
150 10 2
Coss
100 10 1 50
Crss
04 10
10
5
Hz f
10
6
10 0 0
100
200
300
400
V
600
VDS
Rev.
3 .2
Page 10
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
25 Typ. Coss stored energy Eoss=f(VDS)
J
7.5
6 5.5
Eoss
5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 100 200 300 400
V
600
VDS
Definition of diodes switching characteristics
Rev
. 3 .2
Page 11
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
PG-TO-220-3-1, PG-TO-220-3-21
Rev. 3.2
Page 12
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
PG-TO-220-3-31/3-111: Outline/ Fully isolated package (2500VAC; 1 minute).
Rev. 3.2
Page 13
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
PG-TO-262-3-1 (I-PAK)
Rev. 3.2
Page 14
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
PG-TO220-3-36:Outline fully isolated package (2500VAC; 1 minute)
Rev. 3.2
Page 15
2009-11-27
SPP11N60C3 SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2007 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev.
3.2
Page 16
2009-11-27


▲Up To Search▲   

 
Price & Availability of SPA11N60C3E8185

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X