Part Number Hot Search : 
01201 MC3503 LB1913 ADM1176 CO55B BAS52 KLPC1200 F1020
Product Description
Full Text Search
 

To Download PMP55-13-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MEDICAL & MILITARY
PMP55 Series
4 0 - 5 5 W AT T S S I N G L E & M U LT I P L E O U T P U T A C / D C M E D I C A L
Features
* Input surge current protection. * Overvoltage protection. * Overcurrent protection. * Short-circuit protection with auto recovery. * 100% burn-in at full rated load.
Specifications
INPUT
Input Voltage Frequency Input Current Leakage current Isolation 85-264Vac 47Hz-67Hz 1.50A (rms) for 115Vac. 0.90A (rms) for 230Vac. 90A max. @ 115Vac. 60Hz. 150A max. @ 230Vac. 50Hz. Input - Output: 4000Vac Input - Ground: 1500Vac Output - Ground: 500Vac 15A @ 115V, 30A @ 230V
OPERATING
MTBF Efficiency 450,000 hrs @ 25C 65-70% minimum.
ENVIRONMENTAL
Operating Temperature Derating Storage Temperature Relative Humidity 0C to 70C Derate to 50% at 70C -40C to 85C 5%-95% non-condensing
STANDARDS AND APPROVALS
Safety standards C-Tick UL2601-1, CSA C22.2, TUV EN60601-1 AS/NZS CISPR11 Group 1, Class A EN60601-1-2: 2001,EN61000-3-2, -3, EN61000-4-2, -3, -4, -5, -6, -8, -11 EN55011 Class B, FCC Class B, VCCI Class B TBC
Inrush Current
OUTPUT
Output Voltage Output Current Ripple & Noise Line Regulation Load Regulation Transient Response Overvoltage Protection Overcurrent Protection Temperature Coefficient Holdup Time See table See table 1% peak to peak 0.5% maximum at full load. See table Max. deviation 4% recovering to 1% within 500s after 25% load charge Provided on V1 only. Set at 110%-132% of nominal. All outputs protected for short circuit conditions All outputs 0.04% per C. Typically 10ms at 110VAC.
EMC standards EMI standards MEPS compliance
MECHANICAL
Dimensions Weight 178x95x60mm 0.7kgs approx.
Your dependable power partner - www.powerbox.com.au
361
MEDICAL & MILITARY
PMP55 Series
4 0 - 5 5 W AT T S S I N G L E & M U LT I P L E O U T P U T A C / D C M E D I C A L
Selection Table
MAX. MODEL NUMBER VNOM OUTPUT #1 IMIN IMAX TOL VNOM OUTPUT #2 IMIN IMAX TOL VNOM OUTPUT #3 IMIN IMAX TOL OUTPUT POWER
PMP55-10 PMP55-10-1 PMP55-11 PMP55-12 PMP55-13 PMP55-13-1 PMP55-14 PMP55-16 PMP55-17 PMP55-18 PMP55-23 PMP55-24 PMP55-25 PMP55-31 PMP55-32
5-6V 6-8V 9-11V 11-13V 13-17V 17-21V 21-27V 27-33V 33-39V 48V +5V +5V +5V +5V +5V
0A 0A 0A 0A 0A 0A 0A 0A 0A 0A 1A 1A 1A 1A 1A
8.0A 7.5A 5.0A 4.6A 3.7A 3.1A 2.3A 1.9A 1.6A 1.2A 5.0A 5.0A 5.0A 5.0A 5.0A
5% 5% 5% 5% 3% 3% 3% 3% 3% 3% 5% 5% 5% 5% 5% +12V +15V +24V +12V +15V 0.5A 0.4A 0.3A 0.5A 0.4A 3.0A 2.5A 2.0A 3.0A 2.5A 5% 5% 5% 5% 5% -12V -15V 0.1A 0.1A 0.5A 0.5A 10% 10%
40W 45W 50W 55W 55W 55W 55W 55W 55W 55W 45W 45W 45W 45W 45W
NOTES: The output voltage of a multiple output model may go outside of the stated tolerance when an output load current is of out of stated limits. All models may be operated at no load without damage
Pin Chart
MODEL/PIN
PMP55-10 PMP55-10-1 PMP55-11 PMP55-12 PMP55-13 PMP55-23 PMP55-24 PMP55-.31 PMP55-13-1 PMP55-14 PMP55-16 PMP55-17 PMP55-18 PMP55-25 PMP55-13
1
2
3
4
5
Return
Return
Output
Return
Output
Common Return Common Return
Common Return Common Return
Output 1 Output 1
Common Return Output 3
Output 2 Output 2
Technical Illustration
362


▲Up To Search▲   

 
Price & Availability of PMP55-13-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X