Part Number Hot Search : 
60TYHWG BAS16T 70400 74AS804 1236A MB4005W N6068 D120LC40
Product Description
Full Text Search
 

To Download PJSD05MLFN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSD05MLFN2
ESD PROTECTION DIODES
The PJSD05MLFN2 is designed to protect voltage sensitive components from ESD. Excellent clamping capability,low leakage,and fast response time provide best in class protection on designs that are exposed to ESD.
VOLTAGE
5 Volts
POWER
90 Watts
DFN 2L
Unit : inch(mm)
FEATURES
* Low leakage * In compliance with EU RoHS 2002/95/EC directives * IEC61000-4-2 Level 4 ESD Protection * IEC61000-4-4 Level 4 EFT Protection 80A (t p=5/50ns)
2 7 5 4
MECHANICAL DATA
* Case: DFN 2L, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: Color band cathode
2 47 5 4
3 2 0.008(0.22)
MAX.
PIN NO.1 IDENTIFICATION
1 Cathode
2 Anode
MAXIMUM RATINGS
Rating P e a k P o we r D i s s i p a t i o n 8 /2 0 S urg e P uls e O p e ra t i ng J unc t i o n a nd S t o ra g e Te m p e r a ture Ra ng e Symbol P PM TJ, TS TG Value 90 -55 to +150 Units W
o
C
ELECTRICAL CHARACTERISTICS (TA=25oC UNLESS OTHERWISE NOTED, VF=0.9V Max.@IF=10mA)
VRWM(V) Ma x PJSD05MLFN2 5.0 I R(A)@VRWM Ma x 1.0 VBR(V)I T (Note 1) Mi n 6.2 IT mA 1.0 VC(V)@MAX I
PP +
Device
I PP(A)+ Ma x 9
PPK(W)+ Max 90
CJ(pF) Typ 65
Marking Code BR
Ma x 10
NOTES: *Other voltages available upon request 1.VBR is measured with a pulse test current IT at an ambient temperature of 25oC
August 20.2010-REV.00
PAGE . 1
PJSD05MLFN2
16 14
V C , Clamping Voltage (V)
100 90 80 50% of I PP@20 m s 70 60 50 40 30 20 10 Rise time 10-90%-8 m s
12
Percent of I PP
10 8 6 4 2 0 0 2 4 6 8 10
0 0 5 10 15 Time, sec FIG. 2- Surge Pulse Waveform Definition 20 25 30
IPP, Peak Current (A), 8/20sec
FIG. 1- Clamping Voltage
80 300
C J, Junction Capacitance (pF)
20 40 60 80 100 120 140
70 60 50 40 30 20 10 0 1 2 3 4 5
I R, Leakage Current (nA)
200
100
0
T J , Junction Temperature (C) FIG. 3- Typical Reverse Characteristics
V R, Reverse Bias Voltage (V) FIG. 4- Typical Junction Capacitance
August 20.2010-REV.00
PAGE . 2
PJSD05MLFN2
MOUNTING PAD LAYOUT
DFN 2L
0.043 (1.10) 0.017 (0.42)
0.010 (0.26)
0.028 (0.70)
0.027 (0.68)
LEGAL STATEMENT Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
August 20.2010-REV.00
PAGE . 3


▲Up To Search▲   

 
Price & Availability of PJSD05MLFN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X