Part Number Hot Search : 
C74HC3 M10N60 106KA 1012S 18002 2MDXX BK2T6 SC582
Product Description
Full Text Search
 

To Download MM1Z4689 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
MM1Z4689 - MM1Z4717
VZ : 5.1 to 43 V PD : 500 mW
FEATURES :
* * * * * Total Power Dissipation 500 mW Wide Zener Reverse Voltage Range 5.1 V to 43 V Package Designed for Optimal Automated Board Assembly Small Package Size for High Density Applications Pb / RoHS Free
ZENER DIODES SOD-123
2.7 2.6 0.6 0.5 1.65 1.55 3.9 3.7
Dimensions in millimeters
MECHANICAL DATA :
* Case : SOD-123 * Weight : 0.01 gram (approximately)
Absolute Maximum Ratings (Ta = 25 C)
Parameter
Total Power Dissipation Maximum Forward Voltage at IF = 10 mA Junction Temperature Storage Temperature Range
Symbol
PD VF TJ TSTG
Value
500 0.9 150 -55 to + 150
0.135 0.127
1.15 1.05
Unit
mW V C C
Page 1 of 3
Rev. 03 : June 9, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
ELECTRICAL CHARACTERISTICS(Ta = 25 C)
Zener Voltage Type No. Marking Min.
MM1Z4689 MM1Z4690 MM1Z4691 MM1Z4692 MM1Z4693 MM1Z4694 MM1Z4696 MM1Z4697 MM1Z4698 MM1Z4699 MM1Z4700 MM1Z4702 MM1Z4703 MM1Z4705 MM1Z4707 MM1Z4708 MM1Z4709 MM1Z4711 MM1Z4713 MM1Z4714 MM1Z4715 MM1Z4716 MM1Z4717 Notes : (1) Tested with pulses tp = 20 ms BX BY BZ CA CB CC CE CF CH CJ CK CN CP CX CZ DA DB DD DF DH DJ DK DM 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85
(1)
VZ
@
IZT
5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43
(V) Max.
5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.50 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15
Test Current IZT (A)
50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
Maximum Reverse Leakage Current @ VR IR (A)
10 10 10 10 10 1.0 1.0 1.0 0.05 0.05 0.05 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
Nom.
(V)
3.0 4.0 5.0 5.1 5.7 6.2 6.9 7.6 8.4 9.1 9.8 11.4 12.1 13.6 15.2 16.7 18.2 20.4 22.8 25.0 27.3 29.6 32.6
Page 2 of 3
Rev. 03 : June 9, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( MM1Z4689 - MM1Z4717 )
FIG.1 - TEMPERATURE COEFFICIENTS (TEMPERATURE RANGE - 55 C to +150 C)
8
FIG.2 - TEMPERATURE COEFFICIENTS (TEMPERATURE RANGE - 55 C to +150 C)
10
VZ, TEMPERATURE COEFFICIENT, (mV/C)
6
4
2 VZ @ IZT 0
VZ, TEMPERATURE COEFFICIENT, (mV/C)
TYPICAL TC VALUES
TYPICAL TC VALUES
10 VZ @ IZT
-2
-4 0 2 4 6 8 10 12
1 10 10
VZ, NOMINAL ZENER VOLTAGE, (V)
VZ, NOMINAL ZENER VOLTAGE, (V)
FIG.3 - TYPICAL FORWARD VOLTAGE
FIG.4 - MAXIMUM NON-REPETITIVE SURGE POWER
1000
1000
10
PPK, TPEAK SURGE POWER, (W)
IF, FORWARD CURRENT, (mA)
RECTANGULAR WAVEFORM, TA = 25 C
10
10 25 C
10
1 0.4
1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 0.1 1 10 100 1000
VF, FORWARD VOLTAGE, (V)
PW, PULSE WIDTH, (ms)
Page 3 of 3
Rev. 03 : June 9, 2008


▲Up To Search▲   

 
Price & Availability of MM1Z4689

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X