Part Number Hot Search : 
LM320S 1803E LB261 MMBT2222 29220 MMBT2222 1N5937 15121452
Product Description
Full Text Search
 

To Download MBR30150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3040CT SERIES
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound.
0.624(15.87) 0.548(13.93)
40 to 200 Volts
CURRENT
30 Amperes
0.419(10.66) 0.387(9.85) 0.139(3.55) MIN.
0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15)
* Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvoltage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
0.177(4.5) MAX. 0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50)
0.50(12.7)MIN.
0.115(2.92) 0.080(2.03) 0.025(0.65)MAX.
MECHANICAL DATA
* Case: TO-220AB molded plastic * Terminals: solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.0655 ounces, 1.859 grams.
0.100(2.54)
0.100(2.54)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA ME TE R Ma xi mum Re curre nt P e ak Re ve rse Voltag e Ma xi mum RMS Vo lta g e Ma xi mum D C B lo cki ng Vo lta ge Ma xi mum A vera g e F o rwa rd C urre nt P e ak Fo rward S urg e C urre nt8.3 ms si ng le ha lf si ne-wa ve sup e ri mp o se d o n ra te d lo a d (JE D E C metho d ) Ma xi mum F o rwa rd Vo lta ge at 1 5A p e r leg Ma xi mum D C Re ve rse C urrent at Ra te d D C B lo cki ng Voltag e Typ i cal Therma l Resi sta nce Op erati ng Juncti o n a nd S to ra ge Te mp e ra ture Ra ng e T J =25 O C T J =12 5 O C
S YMB OL V RRM V RMS V DC I F(AV) I FS M VF IR R JC T J ,T STG
MB R30 40 CT MB R3 04 5C T MB R30 50 CT MB R30 60 CT MBR3 08 0C T MB R3 09 0C T MB R3 01 00 C T MBR3 01 50C T MB R30 20 0C T
UNITS V V V A
40 28 40
45 31 .5 45
50 35 50
60 42 60
80 56 80 30
90 63 90
1 00 70 1 00
15 0 10 5 15 0
2 00 140 2 00
275
A
0 .7
0 .7 5 0.1 20 1 .4
0 .8
0.9
V
mA
O
C/W
O
-5 5 to + 1 50
-6 5 to + 1 75
C
Note : Both Bonding and Chip structure are available.
August 30,2010-REV.03
PAGE . 1
MBR3040CT SERIES
RATING AND CHARACTERISTIC CURVES
275
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
40 30 20 10 0
40V 45-200V
PEAK FORWARD SURGE CURRENT, AMPERES
50
250 225 200 175 150 125 100 75 50 25 0 1 2 5 10 20 50 100
RESISTIVE OR INDUCTIVE LOAD
0 20 40 60 80 100 120 140 160 180
LEAD TEMPERATURE, OC Fig.1- FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60Hz
Fig.2- MAXIMUM NON-REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
TC=125 C
1.0
O
INSTANTANEOUS FORWARD CURRENT, AMPERES
40
10 8 6 4 2 1.0 0.8 0.6 0.4 0.2 0 .1
0.1
TC=75 OC
0.01
TC=25 OC
40-45V 50-60V 80-100V 150-200V
0 .001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
20
40
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
August 30,2010-REV.03
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR30150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X