Part Number Hot Search : 
A200441 43650 SDM4884 BFN20 LVC1G0 78M05 330M35 ZMM9B1
Product Description
Full Text Search
 

To Download KF10N60PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, fast reverse recovery time, low gate charge and excellent avalanche characteristics. It is mainly suitable for active power factor correction and switching mode power supplies. FEATURES
VDSS=600V, ID=10A Drain-Source ON Resistance : RDS(ON)(Max)=0.69 Qg(typ.)= 29.5nC trr(typ.)=150nS @VGS=10V
D N A
KF10N60PR/FR
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N60PR
O C F E G B Q I K M L J H P
DIM MILLIMETERS _ 9.9 + 0.2 A B C D E F G H I J K L M
15.95 MAX 1.3+0.1/-0.05 _ 0.8 + 0.1 _ 3.6 + 0.2 _ 2.8 + 0.1 3.7 0.5+0.1/-0.05 1.5 _ 13.08 + 0.3 1.46 _ 1.4 + 0.1 _ 1.27 + 0.1 _ 2.54 + 0.2 _ 4.5 + 0.2 _ 2.4 + 0.2 _ 9.2 + 0.2
N
MAXIMUM RATING (Tc=25
CHARACTERISTIC Drain-Source Voltage Gate-Source Voltage @TC=25 Drain Current @TC=100 Pulsed (Note1) Single Pulsed Avalanche Energy (Note 2) Repetitive Avalanche Energy (Note 1) Peak Diode Recovery dv/dt (Note 3) Drain Power Dissipation Tc=25 Derate above 25
)
RATING SYMBOL KF10N60PR VDSS VGSS ID IDP EAS EAR dv/dt PD Tj Tstg 190 1.52 150 -55 150
D N N H
N O P Q
UNIT KF10N60FR 600 30 10 6 25 400 16.5 4.5 50 0.4 10* 6* 25* mJ mJ V/ns
K
1
2
3
1. GATE 2. DRAIN 3. SOURCE
V V
TO-220AB
A
A
F
KF10N60FR
C
O
B
E
G
DIM
MILLIMETERS
W W/
L
M
J
R
Maximum Junction Temperature Storage Temperature Range Thermal Characteristics Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
RthJC RthJA
0.65 62.5
2.5 62.5
/W /W
1 2 3
1. GATE 2. DRAIN 3. SOURCE
* : Drain current limited by maximum junction temperature.
PIN CONNECTION
(KF10N60PR, KF10N60FR)
D
Q
A B C D E F G H J K L M N O Q R
_ 10.16 + 0.2 _ 15.87 + 0.2 _ 2.54 + 0.2 _ 0.8 + 0.1 _ 3.18 + 0.1 _ 3.3 + 0.1 _ 12.57 + 0.2 _ 0.5 + 0.1 _ 13.0 + 0.5 _ 3.23 + 0.1 1.47 MAX 1.47 MAX _ 2.54 + 0.2 _ 6.68 + 0.2 _ 4.7 + 0.2 _ 2.76 + 0.2
TO-220IS (1)
G
S
2008. 11. 12
Revision No : 0
1/7
KF10N60PR/FR
ELECTRICAL CHARACTERISTICS (Tc=25
CHARACTERISTIC
)
TEST CONDITION MIN. TYP. MAX. UNIT
SYMBOL
Static
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain Cut-off Current Gate Threshold Voltage Gate Leakage Current Drain-Source ON Resistance BVDSS BVDSS/ Tj IDSS Vth IGSS RDS(ON) ID=250 A, VGS=0V ID=250 A, Referenced to 25 VDS=600V, VGS=0V VDS=VGS, ID=250 A VGS= 30V, VDS=0V VGS=10V, ID=5A 600 2 0.6 0.59 10 4 100 0.69 V V/ A V nA
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay time Turn-on Rise time Turn-off Delay time Turn-off Fall time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Ratings Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS ISP VSD trr Qrr VGSNote 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L =7.3mH, IS=10A, VDD=50V, RG=25 , Starting Tj=25 Note 3) IS 10A, dI/dt 200A/ , VDD 300 Note 4) Pulse Test : Pulse width , Duty Cycle 2%. . BVDSS, Starting Tj=25 .
Note 5) Essentially independent of operating temperature.
Marking
1 1
KF10N60 801 PR
2
KF10N60 813 FR
2
1 PRODUCT NAME 2 LOT NO
2008. 11. 12
Revision No : 0
2/7
KF10N60PR/FR
Fig1. ID - VDS
100
VDS=30V
Fig2. ID - VGS
Drain Current ID (A)
10
VGS=7V
VGS=5V
Drain Current ID (A)
VGS=10V
10
1
10
0
100 C
25 C
1
0.1 0.1 1 10 100
10
-1
2
4
6
8
10
Drain - Source Voltage VDS (V)
Gate - Source Voltage VGS (V)
Fig3. BVDSS - Tj
Normalized Breakdown Voltage BVDSS
1.2
VGS = 0V IDS = 250
Fig4. RDS(ON) - ID
2.4
On - Resistance RDS(ON) ()
2.0 1.6 1.2 0.8
VGS=10V
1.1
1.0
VGS=6V
0.9
0.4 0 0
0.8 -100
-50
0
50
100
150
5
10
15
20
Junction Temperature Tj ( C )
Drain Current ID (A)
Fig5. IS - VSD
10
2
Fig6. RDS(ON) - Tj
3.0
25 C VGS =10V IDS = 5A
Reverse Drain Current IS (A)
10
1
Normalized On Resistance
100 C
2.5 2.0 1.5 1.0 0.5
10
0
10
-1
0.4
0.6
0.8
1.0
1.2
1.4
1.8
0.0 -100
-50
0
50
100
150
Source - Drain Voltage VSD (V)
Junction Temperature Tj ( C)
2008. 11. 12
Revision No : 0
3/7
KF10N60PR/FR
Fig 7. C - VDS
104
12
ID=10A
Fig8. Qg- VGS
Gate - Source Voltage VGS (V)
VDS = 480V VDS = 300V VDS = 120V
10 8 6 4 2 0 0 5 10
Capacitance (pF)
Ciss
103
Coss
102
Crss
101
0
10
20
30
40
15
20
25
30
35
40
Drain - Source Voltage VDS (V)
Gate - Charge Qg (nC)
Fig9. Safe Operation Area
102
Fig10. Safe Operation Area
102
(KF10N60P)
100s
(KF10N60F)
Drain Current ID (A)
101
Drain Current ID (A)
1ms 10ms
101
100s 1ms
100
100ms
Operation in this area is limited by RDS(ON)
100
10ms
DC
Operation in this area is limited by RDS(ON)
100ms
10-1
Tc= 25 C Tj = 150 C Single pulse
10-1
Tc= 25 C Tj = 150 C Single pulse
DC
102 100
10
1
102
103
102 100
101
102
103
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
Fig11. ID - Tj
14 12
Drain Current ID (A)
10 8 6 4 2 0 25 50 125 150
75
100
Junction Temperature Tj ( C)
2008. 11. 12
Revision No : 0
4/7
KF10N60PR/FR
Fig12. Transient Thermal Response Curve
(KF10N60P)
100
Transient Thermal Resistance
Duty=0.5
0.2
10-1
0.1
0.05
PDM t1 t2
Single Pulse
0.02
0.01
10-2
- Duty Factor, D= t1/t2 10-5 10-4 10-3 10-2 10-1 100 101
TIME (sec)
Fig13. Transient Thermal Response Curve
(KF10N60F)
Transient Thermal Resistance
100
Duty=0.5
0.2
0.1
10-1
0.05
PDM t1
0.02
0.01
t2
Single Pulse
10-2 10-5
- Duty Factor, D= t1/t2 10-3 10-2 10-1 100 101
10-4
TIME (sec)
2008. 11. 12
Revision No : 0
5/7
KF10N60PR/FR
Fig14. Gate Charge
VGS Fast Recovery Diode 10 V
ID
0.8 VDSS 1.0 mA
ID Q Qgs Qgd Qg VGS
VDS
Fig15. Single Pulsed Avalanche Energy
1 EAS= LIAS2 2 BVDSS BVDSS - VDD
BVDSS
L
IAS
50V 25 VDS 10 V VGS ID(t)
VDD
VDS(t)
Time tp
Fig16. Resistive Load Switching
VDS 90% RL
0.5 VDSS 25 VDS 10V VGS
VGS 10% td(on) ton tr td(off) tf toff
2008. 11. 12
Revision No : 0
6/7
KF10N60PR/FR
Fig17. Source - Drain Diode Reverse Recovery and dv /dt
DUT VDS IF
Body Diode Forword Current
ISD (DUT)
IRM
di/dt
IS
Body Diode Reverse Current
0.5
VDSS
driver
VDS (DUT)
Body Diode Recovery dv/dt VSD VDD
10V
VGS
Body Diode Forword Voltage drop
2008. 11. 12
Revision No : 0
7/7


▲Up To Search▲   

 
Price & Availability of KF10N60PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X