Part Number Hot Search : 
MG1401A BU508D XTL1011 MMU0102 382503 D2495 F103Z TDA2616
Product Description
Full Text Search
 

To Download JO53-30V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscillator * JO53 * 3.0 V
SMD Oscillator with Stop Function * 5.0 x 3.2 mm
actual size reflow soldering temperature: 260 C max. ceramic/metal package
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range JO53 3.0 V 0.50 ~ 125.0 MHz (15pF max.) 0.50 ~ 50.0 MHz (30pF max.) frequency stability over all* current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC 20 ppm ~ 100 ppm (table 1) see table 2 3.0 V 5% -10 C ~ +70 C / -40 C ~ +85 C -55 C ~ +125 C see table 3 15pF / 30pF 5mA 0.1 x VDC 0.9 x VDC 10ms 150ns 10ms stop 5A < 1.0ps RMS 45% ~ 55% typ. (40% ~ 60% max.)
Table 1: Frequency Stability Code
stability code A 100 ppm -10 C ~ +70 C -40 C ~ +85 C B 50 ppm G 30 ppm O O C 25 ppm O O D 20 ppm
* standard
*
O available
* *
excludes aging
* includes stability at 25 C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
Table 2: Current Consumption max.
Current at 15pF load 0.5 ~ 29.9 MHz 30.0 ~ 49.9 MHz 50.0 ~ 79.9 MHz 80.0 ~ 125.0 MHz 15 mA 25 mA 40 mA 50 mA Current at 30pF load 0.5 ~ 29.9 MHz 30.0 ~ 50.0 MHz 15 mA 30 mA
Table 3: Rise & Fall Time max.
6 ns: 0.5 ~ 1.79 MHz 5 ns: 1.80 ~ 49.00 MHz 4 ns: 50.0 ~ 125.00 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC
Dimensions
5.00.2 #4 #3 #1 #2
side view
1.4 max.
3.20.2
1.20.1 1.50.1 #3 #2 2.540.1 #4 #1 1.00.1
1.60.1
pin connection # 1: e/d # 2: ground # 3: output # 4: VDC
in mm
2.540.1
pad layout
top view
bottom view
Order Information
O
Oscillator
frequency
type
frequency stability code see table 1
supply voltage code 3.0 = 3.0 V
output load code 1 = 15 pF 2 = 30 pF
0.5 ~ 125.0 MHz
JO53
blank = -10 C ~ +70 C T1 = -40 C ~ +85 C
Example: O 20.0-JO53-B-3.0-1
(LF = RoHS compliant / Pb free pins or pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice 041207
2.50.1
option
Oscillator * JO53 * 3.0 V * Stop Function
Taping Specification
1.75 4.0 2.0 o 1.50.1 0.30.05 7.25 0.1 13.4 120
12.00.3
5.30.1
o 13 o 80 o 255
2.0 o 21
8.00.1
3.50.1
o 1.50.1
1.70.1
500 pcs per reel
Direction of feed
in mm
Enable / Disable Function
pin #1 (e/d control) open high "1" (VIH 0.8 VDC) low "0" (VIL 0.2 VDC) stop function: * oscillator stops * output high impedance pin #3 (output) active active high impedance
Marking
frequency type / date code date code: A ~ M: Jan.- Dec. 5: 2005 6: 2006 7: 2007 Jan. A July G Febr. B Aug. H Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M
Reflow Soldering Profile
temperature (C)
260 200 150 100 50 60 ~180 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C
Packing Note
- - standard packing units are 500 pieces per reel non-multiple packing units are only supplied taped / bulk
time (s) note: parts are also suitable for soldering systems with lead (Pb) content
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of JO53-30V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X