Part Number Hot Search : 
60VK6 GC102SR A11TF UPD78 1S121 334K02 2SK1401 ISF85
Product Description
Full Text Search
 

To Download IXFN80N50Q2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Information
HiPerFETTM Power MOSFET Q2-Class
N-Channel Enhancement Mode Avalanche Rated, Low Qg, Low Intrinsic Rg, High dV/dt, Low trr
Symbol VDSS VDGR VGSS VGSM ID25 IDM IA EAS dV/dt PD TJ TJM Tstg TL VISOL Md Weight 1.6mm (0.062 in.) from case for 10s 50/60Hz, RMS IISOL 1mA t = 1min t = 1s Test Conditions TJ = 25C to 150C TJ = 25C to 150C, RGS = 1M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, VDD VDSS, TJ 150C TC = 25C
IXFN80N50Q2
VDSS = 500V ID25 = 80A RDS(on) 60m 250ns trr
Maximum Ratings 500 500 30 40 80 320 80 5 20 890 -55 ... +150 150 -55 ... +150 300 2500 3000 1.5/13 1.3/ 11.5 30 V V V V A A A J V/ns W C C C C V~ V~ Nm/lb.in. Nm/lb.in. g
miniBLOC, SOT-227 B (IXFN) E153432
S G
S D
G = Gate S = Source
D = Drain
Either Source terminal at miniBLOC can be used as Main or Kelvin Source
Mounting torque Terminal connection torque
Features Double metal process for low gate resistance miniBLOC, with Aluminium nitride isolation Unclamped Inductive Switching (UIS) rated Low package inductance Fast intrinsic Rectifier Applications DC-DC converters Switched-mode and resonant-mode power supplies DC choppers Pulse generators Advantages Easy to mount Space savings High power density
Symbol Test Conditions (TJ = 25C, unless otherwise specified) BVDSS VGS(th) IGSS IDSS RDS(on) VGS = 0V, ID = 1mA VDS = VGS, ID = 8mA VGS = 30V, VDS = 0V VDS = VDSS VGS = 0V TJ = 125C
Characteristic Values Min. Typ. Max. 500 3.0 5.5 200 100 5 60 V V nA A mA m
VGS = 10V, ID = 0.5 * ID25, Note 1
(c) 2008 IXYS Corporation, All rights reserved
DS99031B(05/08)
IXFN80N50Q2
Symbol Test Conditions (TJ = 25C, unless otherwise specified) gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCS 0.05 VGS = 10V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 Resistive Switching Times VGS = 10V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 1 (External) VGS = 0V, VDS = 25V, f = 1MHz VDS = 10V, ID = 0.5 * ID25, Note 1 Characteristic Values Min. Typ. Max. 40 55 12.8 1640 440 29 25 60 11 250 60 120 S nF pF pF ns ns ns ns nC nC nC 0.14 C/W C/W SOT-227B Outline
Source-Drain Diode Symbol Test Conditions (TJ = 25C, unless otherwise specified) IS ISM VSD trr QRM IRM VGS = 0V Repetitive, pulse width limited by TJM IF = IS, VGS = 0V, Note 1 IF = 25A, -di/dt = 100A/s VR= 100V, VGS = 0V Characteristic Values Min. Typ. Max. 80 320 1.5 250 1.2 12 A A V ns C A
Notes1: Pulse test, t 300s; duty cycle, d 2%.
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. IXYS reserves the right to change limits, test conditions, and dimensions without notice.
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered 4,835,592 by one or moreof the following U.S. patents: 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,381,025 5,486,715 6,162,665 6,259,123 B1 6,306,728 B1 6,404,065 B1 6,534,343 6,583,505 6,683,344 6,727,585 7,005,734 B2 6,710,405 B2 6,759,692 7,063,975 B2 6,710,463 6,771,478 B2 7,071,537 7,157,338B2
IXFN80N50Q2
Fig. 1. Output Characteristics @ 25C
80 VGS = 10V 70 60 8V 200 180 160 VGS = 10V 8V
Fig. 2. Extended Output Characteristics @ 25C
I D - Amperes
50 40 30 20 10 0 0 1 2 3
S
I D - Amperes
7V
140 120 100 80 60 40 6V 7V
6V
5V 4 5 6
20 0 0 2 4 6 8
5V 10
S
12
14
16
18
20
VD
- Volts
VD
- Volts
Fig. 3. Output Characteristics @ 125C
80 VGS = 10V 70 60 7V 2.8 3.2
Fig. 4. RDS(on) Normalized to I D = 40A Value vs. Junction Temperature
VGS = 10V
R D S ( o n ) - Normalized
2.4 2.0 1.6 1.2 0.8 0.4 ID = 80A ID = 40A
I D - Amperes
50 6V 40 30 20 10 0 0 2 4 6 8 10 12 5V
-50
-25
0
25
50
75
100
125
150
VD
S
- Volts
TJ - Degrees Centigrade Fig. 6. Drain Current vs. Case Temperature
90
Fig. 5. RDS(on) Normalized to I D = 40A Value vs. Drain Current
3.0 2.6 VGS = 10V TJ = 125C
80 70
External Lead Current Limit
R D S ( o n ) - Normalized
I D - Amperes
TJ = 25C 0 20 40 60 80 100 120 140 160 180 200
2.2 1.8 1.4 1.0
60 50 40 30 20 10
0.6
0 -50 -25 0 25 50 75 100 125 150
I
D
- Amperes
T C - Degrees Centigrade
(c) 2008 IXYS Corporation, All rights reserved
IXFN80N50Q2
Fig. 7. Input Admittance
140 120 100 80 60 40 20 0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 20 0 0 20 40 60 80 100 120 140 160 180 TJ = 125C 25C - 40C 120 TJ = - 40C 100 80 60 40 25C
Fig. 8. Transconductance
g f s - Siemens
I D - Amperes
125C
V G S - Volts Fig. 9. Source Current vs. Source-To-Drain Voltage
240 200 160 120 80 40 0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 10 9 TJ = 25C TJ = 125C 8 7 VDS = 250V ID = 40A IG = 10m A
I
D
- Amperes
Fig. 10. Gate Charge
I S - Amperes
VG S - Volts
6 5 4 3 2 1 0 0 40 80 120
G
160
200
240
280
V S D - Volts
Q
- nanoCoulombs
Fig. 11. Capacitance
100000
1
Fig. 12. M aximum Transie nt The rmal Impe dance
f = 1MHz
Ciss
Capacitance - pF
- C / W
Coss
10000
0.1
Z( t h )
Crss
JC
1000
0.01
100 0 5 10 15 20
S
0.001
25
30
35
40
0.0001
0.001
0.01
0.1
1
10
VD
- Volts
Pulse Width - Seconds
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS REF: F_80N50Q2(95) 05-28-08-G


▲Up To Search▲   

 
Price & Availability of IXFN80N50Q2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X