Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download IPP05CN10LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPP05CN10L G
OptiMOS(R)2 Power-Transistor
Features * N-channel, logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * 175 C operating temperature * Pb-free lead plating; RoHS compliant * Qualified according to JEDEC1) for target application
Product Summary V DS R DS(on),max ID 100 5.1 100 V m A
* Ideal for high-frequency switching and synchronous rectification Type IPP05CN10L G
Package Marking
PG-TO220-3 05CN10L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current3) Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage 4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS dv /dt V GS P tot T j, T stg T C=25 C T C=25 C I D=100 A, R GS=25 I D=100 A, V DS=80 V, di /dt =100 A/s, T j,max=175 C Value 100 100 400 826 6 20 300 -55 ... 175 55/175/56 mJ kV/s V W C Unit A
Rev. 1.02
page 1
2008-10-31
IPP05CN10L G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient R thJC R thJA minimal footprint 6 cm2 cooling area5) 0.5 62 40 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=250 A V DS=80 V, V GS=0 V, T j=25 C V DS=80 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=50 A V GS=10 V, I D=100 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=100 A 100 1.2 1.85 0.1 2.4 1 A V
106
10 1 4.8 4.2 1.8 212
100 100 6.4 5.1 S nA m
1)
J-STD20 and JESD22 Current is limited by bondwire; with an R thJC=0.5 K/W the chip is able to carry 161 A. See figure 3 Tjmax=150 C and duty cycle D=0.01 for Vgs<-5V
2)
3)
4) 5)
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.02
page 2
2008-10-31
IPP05CN10L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 6) Gate to source charge Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
6)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=50 V, V GS=4.5 V, I D=100 A, R G=1.6 V GS=0 V, V DS=50 V, f =1 MHz
-
11700 1480 75 46 288 62 37
15600 pF 1970 ns
Q gs Q gd Q sw Qg V plateau Q oss V DD=50 V, V GS=0 V V DD=50 V, I D=100 A, V GS=0 to 10 V
-
40 27 31 163 3.4 152
-
nC
V nC
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=100 A, T j=25 C V R=50 V, I F=I S, di F/dt =100 A/s
-
0.97 106 285
100 400 1.2
A
V ns
-
nC
See figure 16 for gate charge parameter definition
Rev. 1.02
page 3
2008-10-31
IPP05CN10L G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
350
120
300
100
250 80
P tot [W]
200
I D [A]
150 100 50 0 0 50 100 150 200
60
40
20
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
1 s 10 s
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
100
102
100 s
0.5
1 ms 10 ms
0.2
10-1
0.1
Z thJC [K/W]
101 I D [A]
0.05 0.02 0.01
DC
10
0
single pulse
10-2
10-1
10-2 0.1 1 10 V DS [V] 100 1000
10-3 10-5 10-4 10-3 10-2 10-1 100
t p [s]
Rev. 1.02
page 4
2008-10-31
IPP05CN10L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
400
10 V 6V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
12
3V
3.5 V
320
4.5 V 7.5 V
9
4V
R DS(on) [m]
240
I D [A]
6
4V 4.5 V 10 V
160
3.5 V
3
80
3.2 V 3V
0 0 1 2 3 4 5
0 0 50 100 150
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
300
8 Typ. forward transconductance g fs=f(I D); T j=25 C
240
250
200
200
160
150
g fs [S]
175 C 25 C
I D [A]
120
100
80
50
40
0 0 2 4 6
0 0 50 100
V GS [V]
I D [A]
Rev. 1.02
page 5
2008-10-31
IPP05CN10L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=100 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
12 3
10
2.5
8
2
2500 A
R DS(on) [m]
V GS(th) [V]
6
98 %
1.5
250 A
typ
4
1
2
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
105
103
Ciss
104
25 C
102
Coss
C [pF]
103
I F [A]
25 C, 98% 175 C Crss
101
175 C, 98%
102
101 0 20 40 60 80
100 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 1.02
page 6
2008-10-31
IPP05CN10L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
1000
14 Typ. gate charge V GS=f(Q gate); I D=100 A pulsed parameter: V DD
10
8
20 V
100
25 C 100 C 150 C
6
50 V
V GS [V]
I AS [A]
80 V
4 10
2
1 1 10 100 1000
0 0 50 100 150 200
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
120
V GS
Qg
110
V BR(DSS) [V]
V g s(th)
100
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
90
T j [C]
Rev. 1.02
page 7
2008-10-31
IPP05CN10L G
PG-TO220-3: Outline
Rev. 1.02
page 8
2008-10-31
IPP05CN10L G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2007 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.02
page 9
2008-10-31


▲Up To Search▲   

 
Price & Availability of IPP05CN10LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X