Part Number Hot Search : 
MAX2203 CC10U BAS40S 1N541508 GT125 HFS13N50 UP01213 9412A
Product Description
Full Text Search
 

To Download GWM180-004X2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GWM 180-004X2
Three phase full Bridge
with Trench MOSFETs in DCB isolated high current package
Preliminary data
G1 S1 L+ G3 S3 G5 S5 L1 L2 L3 G4 S4 G6 S6 L-
VDSS = 40 V = 180 A ID25 RDSon typ. = 1.9 mW
Straight leads
Surface Mount Device
G2 S2
MOSFETs Symbol VDSS VGS ID25 ID90 ID110 IF25 IF90 IF110 Symbol TC = 25C TC = 90C TC = 110C TC = 25C (diode) TC = 90C (diode) TC = 110C (diode) Conditions Conditions TJ = 25C to 150C Maximum Ratings 40 20 180 136 120 182 112 88 V V A A A A A A
Applications AC drives * in automobiles - electric power steering - starter generator * in industrial vehicles - propulsion drives - fork lift drives * in battery supplied equipment Features * MOSFETs in trench technology: - low RDSon - optimized intrinsic reverse diode * package: - high level of integration - high current capability 300 A max. - aux. terminals for MOSFET control - terminals for soldering or welding connections - isolated DCB ceramic base plate with optimized heat transfer * Space and weight savings Package options * 2 lead forms available - straight leads (SL) - SMD lead version (SMD)
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. 1.9 2.8 2.5 TJ = 25C TJ = 125C 50 0.2 110 33 30 150 240 350 170 0.12 0.51 0.003 1.3 1.0 1.6 max. 2.5 4.5 5 mW mW V A A A nC nC nC ns ns ns ns mJ mJ mJ K/W K/W
RDSon 1) VGS(th) IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Eon Eoff Erecoff RthJC RthJH
1)
on chip level at VGS = 10 V; ID = 100 A VDS = 20 V; ID = 1 mA VDS = VDSS; VGS = 0 V VGS = 20 V; VDS = 0 V
TJ = 25C TJ = 125C
VGS = 10 V; VDS = 20 V; ID = 100 A
inductive load VGS = +10/0 V; VDS = 24 V ID = 135 A; RG = 39 ; TJ = 125C
with heat transfer paste (IXYS test setup)
VDS = ID*(RDS(on) + RPin to Chip)
IXYS reserves the right to change limits, test conditions and dimensions.
20110307c
(c) 2011 IXYS All rights reserved
1-6
GWM 180-004X2
Source-Drain Diode Symbol Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. VSD trr QRM IRM (diode) IF = 100 A; VGS = 0 V IF = 100 A; -diF/dt = 600 A/s VR = 15 V; TVJ = 125C typ. 0.9 38 0.31 14 max. 1.2 V ns C A
Component Symbol IRMS TJ Tstg VISOL FC Symbol IISOL < 1 mA, 50/60 Hz, f = 1 minute mounting force with clip Conditions Conditions per pin in main current paths (P+, N-, L1, L2, L3) may be additionally limited by external connections Maximum Ratings 300 -55...+175 -55...+125 1000 50 - 250 A C C V~ N
Characteristic Values min. typ. 1.0 160 25 max. mW
Rpin to chip 1) L+ to L1/L2/L3 or L- to L1/L2/L3
CP
Weight
1)
coupling capacity between shorted pins and mounting tab in the case
pF
g
VDS = ID*(RDS(on) + RPin to Chip)
IXYS reserves the right to change limits, test conditions and dimensions.
20110307c
(c) 2011 IXYS All rights reserved
2-6
GWM 180-004X2
Straight Leads
37,5 +0,20 (11x) 3 0,05 1,5 1 0,05
GWM 180-004X2-SL
5 0,05 1 0,05 0,5 0,02
25 +0,20
53 0,15
2,1
4,5
12 0,05 4 0,05 (3x) 6 0,05
Surface Mount Device
37,5 +0,20 1,5 (11x) 3 0,05 1 0,05
GWM 180-004X2-SMD
5 0,05 0,5 0,02
R1 0,2
25 +0,20
39 0,15
4,5
12 0,05 4 0,05 (3x) 6 0,05
2,1
1 0,05 5 0,10
5 2
Leads Straight SMD
Ordering Standard Standard
Part Name & Packing Unit Marking GWM 180-004X2 - SL GWM 180-004X2 - SMD
Part Marking GWM 180-004X2 GWM 180-004X2
Delivering Mode Blister Blister
Base Qty. 28 28
Ordering Code 508 772 508 786
20110307c
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2011 IXYS All rights reserved
3-6
GWM 180-004X2
1.2 400
IDSS = 0.25 mA
1.1
350 300
VDS = 16 V
VDSS
1.0
normalized
ID [A]
250 200 150 100 50 TJ = 125C TJ = 25C 0 1 2 3 4 5 6 7 8 9
0.9
0.8
0.7 -25
0
25
50
75
100
125
150
0
TJ [C]
VGS [V]
Fig. 1 Drain source breakdown voltage VDSS versus junction temperature TVJ
Fig. 2 Typical transfer characteristic
400
300
VGS = 20 V 15 V 10 V
400 TVJ = 25C 7V 300 VGS = 20 V 15 V 10 V TVJ = 125C 7V 6.5 V 200 6V 100 5.5 V 5V
ID [A]
6.5 V 200 6V 100 5.5 V 5V 0
ID [A]
0
1
2
3
4
0
0
1
2
3
4
VDS [V]
VDS [V]
Fig. 3 Typical output characteristic
Fig. 4 Typical output characteristic
2.5
2.0
VGS = 10 V ID = 135 A RDS(on)
5
4.0 3.5 3.0 5V 5.5 V 6 V 6.5 V 7V TVJ = 125C
4
RDS(on) norm.
1.5
3
RDS(on) m
1.0 RDS(on) normalized 0.5
2
RDS(on) norm. 2.0
1.5 VGS = 10 V 15 V 20 V
2.5
1
1.0 0.5
0.0 -25
0
25
50
75
100
125
0 150
0
100
200
300
400
TVJ [C]
ID [A]
Fig. 5 Typ. drain source on-state resistance RDS(on) versus junction temperature TJ
IXYS reserves the right to change limits, test conditions and dimensions.
Fig. 6 Typ. drain source on-state resistance RDS(on) versus ID
20110307c
(c) 2011 IXYS All rights reserved
4-6
GWM 180-004X2
12 10 8 200
ID = 135 A TVJ = 25C
180 160 140
VGS [V]
6 4 2 0
VDS = 15 V VDS = 28 V
120 ID 100
[A]80
60 40 20
0
20
40
60
80
100
120
0
0
25
50
75
100
125
150
175
200
QG [nC]
TC [C]
Fig. 7 Gate charge characteristics
Fig. 8 Drain current ID vs. temperature TC
0.4 VDS = 15 V VGS = +10/0 V 0.3 RG = 39 TVJ = 125C tr
400
0.6 0.5
600 500 400 td(off)
300
Eon, Erec(off)
0.2
t
td(on) 200
Eoff [mJ]
0.4 VDS = 15 V VGS = +10/0 V 0.3 RG = 39 TVJ = 125C 0.2 0.1
t
300 200 100
[mJ]
0.1
[ns]
100
[ns]
tf
Eon
10x Erec(off)
0.0
0
40
80
120
160
200
0
0.0
Eoff 0 40 80 120 160 200
0
ID [A]
Fig. 9 Typ. turn-on energy & switching times vs. collector current, inductive switching
ID [A]
Fig. 10 Typ. turn-off energy & switching times vs. collector current, inductive switching
1.0 VDS = 15 V VGS = +10/0 V ID = 135 A TJ = 125C tr
500
1.0 VDS = 15 V VGS = +10/0 V ID = 135 A TVJ = 125C td(off)
1000
0.8
400 td(on) 300 t [ns]
0.8
800
Erec(on) 0.6 [mJ] 0.4
0.2 Eon 0.0 0 20 40 Erec(on) x10 60 80 100
Eon,
200
Eoff [mJ]
0.6 Eoff 0.4 tf
600
t [ns]
400
100
0.2
200
0 120
0.0
0
20
40
60
80
100
0 120
RG []
RG []
Fig. 11 Typ. turn-on energy & switching times vs. gate resistor, inductive switching
IXYS reserves the right to change limits, test conditions and dimensions.
Fig. 12 Typ. turn-off energy & switching times vs. gate resistor, inductive switching
20110307c
(c) 2011 IXYS All rights reserved
5-6
GWM 180-004X2
20 IF = 50 A 100 A 150 A
48
VR = 15 V TVJ = 125C
16
44
trr [ns]
IRM 12
40 150 A 100 A 50 A
[A]
8
36
4
32 200 300 400 500 600
700
800
0 200
300
400
500
600
700
800
-diF /dt [A/s]
-diF /dt [A/s]
Fig. 13 Reverse recovery time trr of the body diodes vs. di/dt
Fig. 14 Reverse recovery current IRM of the body diodes versus di /dt
0.6 0.5 0.4
400 350
Qrr
0.3
IF = 50 A 100 A 150 A
300
IS [A]
250 200 150 100 TJ = -25C 25C 125C 150C 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
[C]
0.2 0.1 0.0 200
50 400 600 800 0 0.0
-diF /dt [A/s]
VSD [V]
Fig. 15 Reverse recovery charge Qrr of the body diodes versus di/dt
Fig. 16 Source current IS versus source drain voltage VSD (body diode)
0.7 0.6 0.5
Zth
0.4
[K/W] 0.3
0.2
Fig. 17 Definition of switching times
0.1 0.0 0.001
0.01
0.1
1
10
t [s]
IXYS reserves the right to change limits, test conditions and dimensions.
20110307c
(c) 2011 IXYS All rights reserved
6-6


▲Up To Search▲   

 
Price & Availability of GWM180-004X2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X