Part Number Hot Search : 
CMD6392 SF2089C LB8659FN D620CT SD125 CEPF630 X222M U9280
Product Description
Full Text Search
 

To Download GBU8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU8005 ~ GBU810
PRV : 50 - 1000 Volts Io : 8.0 Amperes
FEATURES :
* Surge overload rating - 200 Amperes peak * Ideal for printed circuit boards * Reliable low cost construction utilizing molded plastic technique * Plastic material has Underwriters Laboratory Flammability Classification 94V-0 * Mounting Position : Any * Pb / RoHS Free
Glass Passivated Single-Phase Bridge Rectifiers
0.88 (22.3) 0.86 (21.8) 0.740 (18.8) 0.720 (18.3) 0.310 (7.9) 0.290 (7.4) 0.085 (2.16) 0.065 (1.65) 0.100 (2.54) 0.850 (2.16) 0.080 (2.03) 0.065 (1.65) 0.187 (4.7) 0.148 (3.8)
o
9 Typ.
~~+
0.210 0.190 (5.33) (4.83)
0.210 0.190 (5.33) (4.83)
0.210 0.190 (5.33) (4.83)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current Tc=100C (with heatsink note2) (without heatsink )
SYMBOL VRRM VRMS VDC IF(AV) IFSM I2 t VF IR IR(H) CJ RJC TJ TSTG TJ = 25 C TJ = 100 C
GBU 8005 50 35 50
GBU 801 100 70 100
GBU 802 200 140 200
GBU 804 400 280 400 8.0 3.2 200 166 1.0 5.0 500 60 2.2
GBU 806 600 420 600
0.080 (2.03) 0.060 (1.52)
GBU 808 800 560 800
0.720 (18.29) 0.680 (17.27)
0.060 (1.52) 0.045 (1.14)
GBU 810 1000 700 1000
UNIT V V V A A A2S V A pF C/W C C
Peak Forward Surge Current, 8.3ms Single half sinewave Superimposed on rated load (JEDEC Method) Rating for fusing ( t < 8.3 ms. ) Maximum Instantaneous Forward Voltage at IF = 4 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Typical Junction capacitance per element (Note1)
- 50 to + 150 - 50 to + 150
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC (2) Device mounted on 100mm x 100mm x 1.6mm Cu. Plate heatsink.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( GBU8005 - GBU810 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
8.0 200 with heatsink
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
175 150 125 100 75 50 25 0 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 1 2 4 6 10 20 40 60 100
6.0
without heatsink 4.0
2.0
Single phase have 60 Hz, Resistive or inductive load.
0 0 25 50 75 100 125 150 175
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ = 100 C
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
10
1.0
1.0
TJ = 25 C
TJ = 25 C
0.1 Pulse W idth = 300 s 1 % Duty Cycle
0.1 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 06 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of GBU8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X