|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CZT2955 PNP CZT3055 NPN SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS w w w. c e n t r a l s e m i . c o m DESCRIPTION: The CENTRAL SEMICONDUCTOR CZT2955 and CZT3055 types are surface mount epoxy molded complementary silicon transistors manufactured by the epitaxial base process, designed for surface mounted power amplifier applications up to 6.0 amps. MARKING: FULL PART NUMBER SOT-223 CASE MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Continuous Base Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCER VCEO VEBO IC IB PD TJ, Tstg JA 100 70 60 7.0 6.0 3.0 2.0 -65 to +150 62.5 UNITS V V V V A A W C C/W ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICEO ICEV IEBO BVCER BVCEO VCE(SAT) VBE(ON) hFE hFE fT VCE=30V VCE=100V, VEB=1.5V VEB=7.0V IC=30mA, RBE=100 IC=30mA IC=4.0A, IB=400mA VCE=4.0V, IC=4.0A VCE=4.0V, IC=4.0A VCE=4.0V, IC=6.0A VCE=10V, IC=500mA, f=1.0MHz 20 5.0 2.5 70 60 MAX 700 1.0 5.0 UNITS A mA mA V V 1.1 1.5 70 V V MHz R4 (1-March 2010) CZT2955 PNP CZT3055 NPN SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS SOT-223 CASE - MECHANICAL OUTLINE LEAD CODE: 1) Base 2) Collector 3) Emitter 4) Collector MARKING: FULL PART NUMBER R4 (1-March 2010) w w w. c e n t r a l s e m i . c o m |
Price & Availability of CZT295510 |