Part Number Hot Search : 
SDM0565R M38021E1 025AF SB200 ZM4736 MEGA64 ATMEGA 2SC1317
Product Description
Full Text Search
 

To Download CMSH2-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMSH2-20 CMSH2-40
CMSH2-60 CMSH2-100
w w w. c e n t r a l s e m i . c o m
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 20 THRU 100 VOLTS
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMSH2-20 Series 2.0 Amp Surface Mount Silicon Schottky Rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications. To order devices on 12mm Tape and Reel (3000/13" Reel), add TR13 suffix to part number. MARKING CODE: SEE MARKING CODE TABLE ON FOLLOWING PAGE
SMB CASE FEATURES: * Low cost * Superior lot to lot consistency * High reliability
* Special selections available * "C"bend construction provides strain relief when mounted on pc board
MAXIMUM RATINGS: (TA=25C unless otherwise noted) SYMBOL Peak Repetitive Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Current (TA=55C) Peak Forward Surge Current, tp=8.3ms Operating and Storage Junction Temperature Thermal Resistance VRRM VR VR(RMS) IO IFSM TJ, Tstg JL
CMSH2 -20 20 20 14
CMSH2 -40 40 40 28 2.0 50
CMSH2 CMSH2 -60 -100 UNITS 60 60 42 100 100 71 V V V A A C C/W
-65 to +150 20
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS IR IR VF VF VF CJ CJ VR=Rated VRRM VR=Rated VRRM, TA=100C IF=2.0A (CMSH2-20, -40) IF=2.0A (CMSH2-60) IF=2.0A (CMSH2-100) VR=4.0V, f=1.0MHz, (CMSH2-20, -40) VR=4.0V, f=1.0MHz, (CMSH2-60, -100)
TYP
MAX 0.50 20 0.50 0.70 0.85
UNITS mA mA V V V pF pF
150 120
R4 (8-February 2010)
CMSH2-20 CMSH2-40
CMSH2-60 CMSH2-100
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 20 THRU 100 VOLTS SMB CASE - MECHANICAL OUTLINE
DEVICE CMSH2-20 CMSH2-40 CMSH2-60 CMSH2-100
MARKING CODE CS220 CS240 CS260 CS2100
R4 (8-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMSH2-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X