Part Number Hot Search : 
5602B 104K00 SDR9511Z BF775A K2136 EG2809 MC4120 PAT1220
Product Description
Full Text Search
 

To Download AR3510L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
AR3500L - AR3512L
PRV : 50 - 1200 Volts Io : 35 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
AUTOMOTIVE RECTIFIER DIODES
D6
0.360 (9.1) 0.340 (8.6) 1.00 (25.4) MIN.
0.360 (9.1) 0.340 (8.6)
MECHANICAL DATA :
* Case : molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 2.049 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Average Rectified Forward Current Tc = 150 C Peak Forward Surge Current Single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at I F = 35 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Thermal Resistance (Note 1) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) RJC TJ TSTG
AR AR AR AR AR AR AR AR UNIT 3500L 3501L 3502L 3504L 3506L 3508L 3510L 3512L 50 35 50 100 70 100 200 140 200 400 280 400 35 400 1.1 5.0 1.0 1.0 - 65 to + 175 - 65 to + 175 600 420 600 800 560 800 1000 700 1000 1200 840 1200 V V V A A V A mA C/W C C
Note : (1) Thermal resistance from junction to case. Single side cooled.
Page 1 of 2
Rev. 04 : September 2, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( AR3500L - AR3512L )
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
35
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
500
Ta = 25 C
400
28
21
300
14
200
7
100
0
120
130
140
150
160
170
180
190
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES FORWARD CURRENT, AMPERES
100 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
Ta = 100 C
10
1.0
1
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C
0.1
Ta = 25 C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 04 : September 2, 2006


▲Up To Search▲   

 
Price & Availability of AR3510L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X