Part Number Hot Search : 
STM1810 HEM772 31A5250 BT4855 PTXA1FG 101M10 BCM1250 HEM772
Product Description
Full Text Search
 

To Download 87891-0408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878910408 Active
kk 2.54mm (.100") Pitch KK(R) Header, Through Hole, Vertical, 4 Circuit, 2.50m (100") Tin (Sn) Overall Plating, Tray Packaging, Lead-free
Documents: Drawing (PDF) Product Specification PS-87920-019 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 87891 Board-to-Board, Wire-to-Board kk KK(R)
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Shrouded Stackable Temperature Range - Operating Yes 4 4 Black No No No None None 1.000 In 25.54 mm Copper Alloy Tin Nickel Nylon 1 Vertical 0.117 In 2.97 mm No None 0.063 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm 98 2.50 49 1.25 No No None No No -55C to +105C
Search Parts in this Series 87891Series Mates With KK(R) PCB Receptacles 4455. SLTM IDT Housings 70430 , 7720, 70400. C-Grid(R) PCB Receptacles 90147, 90148
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-89990-489 PS-87920-019 SD-87891-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87891-0408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X