Part Number Hot Search : 
2SC42 A102A MAX127 88FH8 94RB08CT SC4524D LA3607 0V404
Product Description
Full Text Search
 

To Download 319F064XN12R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Swing-Arm Strain Relief with Nickel/Copper EMI/RFI Shield Sock & Optional Split Ring
CONNECTOR DESIGNATOR:
Connector Designator F, H, A
319-064 Self-Locking Rotatable Coupling
EMI Shielding Accessories
A - MIL-DTL-5015 / -26482 / -83723 F - MIL-DTL-38999 Series I, II H - MIL-DTL-38999 Series III and IV
SELF-LOCKING
Product Series
Basic Number
Shell Size (See Table I)
319 -
A
- 064 - XO
Finish (See Table II)
16
R
ROTATABLE COUPLING
Configuration and Band Termination R - Split Ring (687-207) and Band ((600-052) Supplied (Omit if Not Required)
Anti-Rotation Device (Typ) EMI Shroud (Typ) A Thread (Typ) J
U.S. PATENT NO. 6419519 12.0 (304.8) Min G Captivated Self-Locking Telescoping Screws (Typ) E (Typ) Closed D F (Typ)
K B (Typ) (Typ)
Straight Position
H Flats (Typ)
Shield I.A.W. 107-030 Nickel/Copper Captive PositionScrew locks Swing Arm in 45 increments (See Notes 2, 3)
.062 (1.8) Min .250 (6.4) Max Screw Protrusion (Typ)
90 Position
45 Position
(See Note 2) Screw Head same side (Typ) Optional Split RingP/N 687-207 (Page H-16)
Metric dimensions (mm) are in parentheses and are for reference only.
H
(c) 2008 Glenair, Inc. www.glenair.com CAGE Codes 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com H-6
Composite Swing-Arm Strain Relief with Nickel/Copper EMI/RFI Shield Sock & Optional Split Ring See Page H-2 for Table I: Backshell Interface Dimensions
TABLE I: CONNECTOR SHELL SIZE ORDER NUMBER
Shell Size for Connector Designator* AFH 08 08 09 10 10 11 12 12 13 14 14 15 16 16 17 18 18 19 20 20 21 22 22 23 24 24 25 B Dia Max .812 (20.6) .938 (23.8) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6) D Max .980 (24.9) 1.050 (26.7) 1.200 (30.5) 1.300 (33.0) 1.440 (36.6) 1.560 (39.6) 1.690 (42.9) 1.770 (45.0) 1.890 (48.0) E .06 (1.5) .265 (6.7) .310 (7.9) .390 (9.9) .506 (12.9) .591 (15.0) .661 (16.8) .744 (18.9) .826 (21.0) .896 (22.8) F Min .220 (5.9) .270 (6.9) .350 (8.9) .470 (11.9) .550 (14.0) .620 (15.7) .700 (17.8) .780 (19.8) .850 (21.6) G Max 1.060 (26.9) 1.090 (27.7) 1.180 (30.0) 1.240 (31.5) 1.320 (33.5) 1.390 (35.3) 1.550 (39.4) 1.550 (39.4) 1.610 (40.9) H Flats Max Min .750 (19.1) .736 (18.7) .875 (22.2) .860 (21.8) 1.000 (25.4) .980 (24.9) 1.125 (28.6) 1.100 (27.9) 1.250 (31.8) 1.224 (31.1) 1.375 (34.9) 1.469 (37.3) 1.500 (38.1) 1.500 (38.1) 1.625 (41.3) 1.581 (40.2) 1.750 (44.5) 1.960 (49.8) J .06 (1.5). 940 (23.9) .970 (24.6) 1.030 (26.2) 1.090 (27.7) 1.120 (28.4) 1.150 (29.2) 1.180 (30.0) 1.250 (31.8) 1.280 (32.5) K Ref .265 (6.7) .370 (9.4) .506 (12.9) .580 (14.7) .705 (17.9) .784 (19.9) .909 (23.1) 1.034 (26.3) 1.149 (29.2)
TABLE II: FINISHES
Symbol XB Finish Composite Material, No Plating, Color Black, Brass Interface Shroud and Adapter - Nickel Plated Ni-PTFE 1000 Hour GreyTM (Nickel-Fluorocarbon Polymer Composite Material, No Plating, Color Black and Brown, Brass Interface Shroud and Adapter Selectively Cadmium Plated Composite Material, No Plating, Color Black and Brown, Brass Interface Shroud and Adapter Nickel Plated Cadmium Olive Drab over Electroless Nickel
XMT*
XN
XO
XW*
* Note: Coupling Nut, Saddle Bars and Arms supplied unplated.
APPLICATION NOTES
1. 2. 3. Glenair series 600 Backshell assembly Tools are recommended for assembly and installation. Swing Arm locks in 45 increments-Sizes 08 thru 24, additional positioning increments are manufacturer's option. Captive Screw remains engaged to the body when positioning the Arm. When tightened, the Screw shall not protrude into the inside surfaces. 4. Fits Connector Designators: MIL-DTL-38999 Series I, II (F), MIL-DTL-38999 Series III and IV (H), MIL-DTL-5015 (A), and MIL-DTL-26482 (A)
Metric dimensions (mm) are in parentheses and are for reference only.
(c) 2008 Glenair, Inc. www.glenair.com CAGE Codes 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com H-7
EMI Shielding Accessories
319-064 Self-Locking Rotatable Coupling
H


▲Up To Search▲   

 
Price & Availability of 319F064XN12R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X