Part Number Hot Search : 
BCM20 MS2215L6 1N5242B DMA50101 ULTRA SMCG20A S1T8825 LM2576T
Product Description
Full Text Search
 

To Download 2SD2357 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial Planar Type 2SD2357
Transistors
Features
Low collector-emitter saturation voltage VCE(sat). Large collector power dissipation PC. Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 10 10 5 1.2 1 1 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base cutoff current Collector-base voltage Collector-emitter voltage Emitter-base voltage Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO VCBO VCEO VEBO hFE Testconditons VCB = 7 V, IE = 0 IC = 10 iA, IE = 0 IC = 1 mA, IB = 0 IE = 10 iA, IC = 0 VCE = 2 V, IC = 100 mA 10 10 5 200 800 0.15 120 30 V MHz pF Min Typ Max 1 Unit iA V V V
VCE(sat) IC = 500 mA, IB = 5 mA fT Cob VCB = 5 V, IE = -50 mA, f = 200 MHz VCB = 5 V, IE = 0, f = 1 MHz
Marking
Marking 1M
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD2357

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X