Part Number Hot Search : 
UC3843DX 3831F AT73C203 2SC979A 1N463A ATR0839 ATR0839 MDA920A2
Product Description
Full Text Search
 

To Download 2SC4215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4215
NPN Silicon Transistor
P b Lead(Pb)-Free
1 3
FEATURES:
* Power dissipation
1. BASE 2. EMITTER 3. COLLECTOR
2
SOT-323(SC-70)
SOT-323 Outline Demensions
A
Unit:mm
SOT-323
B C
TOP VIEW
D E G H K L
J
M
Dim A B C D E G H J K L M
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
http://www.weitron.com.tw
1/4
20-Jan-2011
2SC4215
Maximum Ratings ( TA=25C unless otherwise noted)
Rating
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature
WEITRON
Symbol
VCBO VCEO VEBO IC PD TJ Tstg
Value
40 30 4 20 100 150 -55 to +150
Unit
V V V mA mW C C
ELECTRICAL CHARACTERISTICS (Ta=25C unless otherwise specified)
Parameter Collector-base breakdown voltage
I C = 100A, I E =0
Symbol
V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO hFE fT Cre C C * rbb NF Gpe
Min 40 30 4 40 260 17
Typ 550 0.55 2 23
Max 0.1 0.5 200 25 5 -
Unit V V V A A MHz pF pS dB dB
Collector-emitter breakdown voltage
I C = 1mA, I B =0
Emitter-base breakdown voltage
I E = 100A, I C =0 VCB =40V, I E =0 VEB =4V, IC =0
DC current gain
VCE =6V, I C = 1mA
Transition frequency
VCE =6V,I C =1mA
Reverse transfer capacitance
VCB =10V, f =1MHz
Collector-base time constant
V CB =6V,I C =1mA, f=30MHz V CC =6V,I C =1mA,f =100MHz
Power gain
V CC =6V,I C =1mA,f =100MHz
CLASSIFICATION OF hFE
Rank Range Marking R 40-80 QR O 70-140 QO Y 120-200 QY
WEITRON
http://www.weitron.com.tw
2/4
20-Jan-2011
2SC4215
Typical Characteristics
WEITRON
WEITRON
http://www.weitron.com.tw
3/4
20-Jan-2011
2SC4215
WEITRON
WEITRON
http://www.weitron.com.tw
4/4
20-Jan-2011


▲Up To Search▲   

 
Price & Availability of 2SC4215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X