Part Number Hot Search : 
SP8107 RL253 LTC354 LP116 TM128160 2SD2104 ADC316 LM4041
Product Description
Full Text Search
 

To Download 189-007B11G4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-PRF28876
Product Series Finish (Table II)
for MIL-PRF-28876 Connectors
Symbol T - Tubing Adapter G - Gland Nut (Omit for Standard Shrink Boot Adapter)
189-007 Fiber-Con Backshell
(See Spacer Ring Note 4) O-Ring .310 (7.9)
189 - 007
Basic Part Number
NF
13
T
4
Length in 1/2 Inch Increments (e.g. 3 = 1.5 Inches)
D
Shell Size (Table I)
C
A Thread
Length (See Note 5) Grommet 1.50 (38.1) Max Compression Nut
B Dia
C Dia
SYM T TUBING ADAPTER
.190 (4.8) Knurl Style Mfr Option Positive Stop
1.00 (25.4) Max.
"PEEK" Helical Convoluted Tubing 120-100 (Not Supplied)
APPLICATION NOTES
1. Assembly identified with manufacturer's name and P/N, space permitting. 2. Glenair 600 series Backshell assembly tools are recommended for assembly and installation. 3. Material/ Finish: Adapters, Coupling Nuts, Ferrule, Compression Nut, Spacer Ring- Al Alloy Grommet- Fluorosilicone/ N.A. O-Ring- Fluorosilicone/ N.A. 4. Spacer Ring and O-Ring are packaged loose and must be installed with connector at the time of assembly. The spacer is utilized to retain the Terminus Insert 5. Standard minimum order is 1.5 inch consult factory for shorter length. 6. Metric dimensions (mm) are indicated in parentheses.
SHRINK BOOT ADAPTER (STD)
SYM G GLAND NUT
.120 (03.0) Dia 4 Places
HOLE PATTERN SHELL SIZE 13 SHOWN
(c) 2010 Glenair, Inc. www.glenair.com
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 C-10 E-Mail: sales@glenair.com
for MIL-PRF-28876 Connectors
TABLE I: SHELL SIZE
Shell Size 11 13 15 Designator (Ref) A B C A Thread Class 2B 3/4 - 20 UNEF 7/8 - 20 UNEF 1 - 20 UNEF B Max 1.028 (26.1) 1.141 (29.0) 1.263 (32.1) 1.120 (28.4) 1.340 (34.0) C Max D Max .410 (10.4) .532 (13.5) .710 (18.0) Conduit Size 12 16 24 No. of Holes 2 4 8
TABLE II: FINISH
SYM NF MATERIAL Aluminum FINISH Cadmium/Olive Drab over Electroless Nickel (500 Hr. Salt Spray) Cadmium Plate/Olive Drab Gold Iridite over Cadmium Plate over Nickel Cadmium Plate/Olive Drab over Nickel Electroless Nickel Cadmium Plate/Bright Dip over Nickel
B J N M T
Aluminum Aluminum Aluminum Aluminum Aluminum
(c) 2010 Glenair, Inc. www.glenair.com
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 C-11 E-Mail: sales@glenair.com
MIL-PRF28876
189-007 Fiber-Con Backshell
C


▲Up To Search▲   

 
Price & Availability of 189-007B11G4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X