Part Number Hot Search : 
IC16F BYT41M 68HC90 23200 3C563 TA0489A 2060CT D1080
Product Description
Full Text Search
 

To Download 105000C01F030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1300061309 Active
minichange_products Mini-Change(R) A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 3.0m (9.84' )
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series LR6837 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA
General
Product Family Series Comments Connector End A Connector End B IP Rating NEMA Rating Overview Product Name Type Industrial Cordsets 130006 A-Size (7/8" - 16 UN-2B) Mini-Change(R) Pigtail IP67 NEMA 6 minichange_products Mini-Change(R) Single Ended
Physical
Cable Diameter Cable Length Color - Cable Jacket Coupling Style Gender Keyway LED Indicator Material - Cable Jacket Material - Connector Body Material - Contact Material - Coupling Nut Material - Plating Mating Orientation Poles Temperature Range - Operating Wire Size AWG Wire/Cable Type 13.20mm (.520") 3.0m (9.84' ) Yellow Threaded Female-Pigtail Single No Rubber PVC Copper Black Epoxy Coated Zinc Gold over Nickel Straight 5 -20C to +90C 16 UL 2661
Search Parts in this Series 130006Series
Electrical
Current - Maximum per Contact Voltage - Maximum 8A 600V
Material Info
Old Part Number 105000C01F030
Reference - Drawing Numbers
Sales Drawing SD-130006-022
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
13
12
11
10
9
8
7
6
5
4
3
2
1
J
MATERIAL OLD PART NUMBER NUMBER
FINISHED LENGTH
J
I
I
H
H
G
G
F
F
E
E
D
D
C
ITEM COMPONENT
MATERIAL
FINISH
C
B
DESCRIPTION
GENERAL TOLERANCES (UNLESS SPECIFIED)
DIMENSION STYLE
SCALE
DESIGN UNITS
IN/MM
DRAWN BY DATE CHECKED BY DATE
1:1
TITLE
INCH
THIRD ANGLE PROJECTION
B
=0
C
mm
INCH
=0
4 PLACES ----.005 3 PLACES --.010 2 PLACES 0.13 0.25 .020 1 PLACE ANGULAR 1/2
APPROVED BY
DATE
molex
MINI-CHANGE 5P FP CORDSET AUTO 16/5 AWG SOO CABLE MOLEX INCORPORATED
SHEET NO.
A
REV
A
13 12 11 10 9 8
DRAFT WHERE APPLICABLE MUST REMAIN WITHIN DIMENSIONS
7 6 5
MATERIAL NO.
DOCUMENT NO.
SEE CHART
SIZE
A
SD-130006-022
3 2 1
C
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
4


▲Up To Search▲   

 
Price & Availability of 105000C01F030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X