Part Number Hot Search : 
DMR76C 24A12 B99027 BD7956FS 0263003 2SK2201 NLU2G04 LE120CZ
Product Description
Full Text Search
 

To Download 0395011008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395011008 Active
3.50mm (.138") Pitch EurostyleTM Vertical PCB Header, 8 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39501 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG 8 N/A None 1 Vertical 0.138 In 3.50 mm 0.098 In 2.50 mm No 0.138 In 3.50 mm Yes Fully No -40C to +105C N/A
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39501Series Mates With Most 3.50mm (.138") Pitch Industry Standard Plugs, 39500 Horizontal Plug, 39503 Vertical Plug
Electrical
Current - Maximum per Contact Voltage - Maximum 8A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-001, SD-39501-002
This document was generated on 05/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395011002 395011003 395011004 395011005 395011006 395011007 395011008 395011009 395011010 395011011 395011012 395011013 395011014 395011015 395011016 395011017 395011018 395011019 395011020 10AV 395011302 395011303 395011304 395011305 395011306 395011307 395011308 395011309 395011310 395011311 395011312 395011313 395011314 395011315 395011316 395011317 395011318 395011319 395011320 11AV 395011402 395011403 395011404 395011405 395011406 395011407 395011408 395011409 395011410 395011411 395011412 395011413 395011414 395011415 395011416 395011417 395011418 395011419 395011420 None 395011502 395011503 395011504 395011505 395011506 395011507 395011508 395011509 395011510 395011511 395011512 395011513 395011514 395011515 395011516 395011517 395011518 395011519 395011520 30 u" Gold Printing Options 10AV 395011802 395011803 395011804 395011805 395011806 395011807 395011808 395011809 395011810 395011811 395011812 395011813 395011814 395011815 395011816 395011817 395011818 395011819 395011820 11AV 395011902 395011903 395011904 395011905 395011906 395011907 395011908 395011909 395011910 395011911 395011912 395011913 395011914 395011915 395011916 395011917 395011918 395011919 395011920 None 395016002 395016003 395016004 395016005 395016006 395016007 395016008 395016009 395016010 395016011 395016012 395016013 395016014 395016015 395016016 395016017 395016018 395016019 395016020 100% Tin Printing Options 10AV 395016302 395016303 395016304 395016305 395016306 395016307 395016308 395016309 395016310 395016311 395016312 395016313 395016314 395016315 395016316 395016317 395016318 395016319 395016320 11AV 395016402 395016403 395016404 395016405 395016406 395016407 395016408 395016409 395016410 395016411 395016412 395016413 395016414 395016415 395016416 395016417 395016418 395016419 395016420 None 395016502 395016503 395016504 395016505 395016506 395016507 395016508 395016509 395016510 395016511 395016512 395016513 395016514 395016515 395016516 395016517 395016518 395016519 395016520 Green 30 u" Gold Printing Options 10AV 395016802 395016803 395016804 395016805 395016806 395016807 395016808 395016809 395016810 395016811 395016812 395016813 395016814 395016815 395016816 395016817 395016818 395016819 395016820 11AV 395016902 395016903 395016904 395016905 395016906 395016907 395016908 395016909 395016910 395016911 395016912 395016913 395016914 395016915 395016916 395016917 395016918 395016919 395016920 Dim. A mm 8.40 11.90 15.40 18.90 22.40 25.90 29.40 32.90 36.40 39.90 43.40 46.90 50.40 53.90 57.40 60.90 64.40 67.90 71.40 inch 0.331 0.469 0.606 0.744 0.882 1.020 1.157 1.295 1.433 1.571 1.709 1.846 1.984 2.122 2.260 2.398 2.535 2.673 2.811 Dim B mm 3.50 7.00 10.50 14.00 17.50 21.00 24.50 28.00 31.50 35.00 38.50 42.00 45.50 49.00 52.50 56.00 59.50 63.00 66.50 inch 0.138 0.276 0.413 0.551 0.689 0.827 0.965 1.102 1.240 1.378 1.516 1.654 1.791 1.929 2.067 2.205 2.343 2.480 2.618 Dimensional Information
Description 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical 3.5mm, Euro Header, Vertical
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


▲Up To Search▲   

 
Price & Availability of 0395011008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X