Part Number Hot Search : 
74LS157 04820 RF51111 MKTX2B1 T3906 HAL102 TC115 MMSZ52
Product Description
Full Text Search
 

To Download 015-47-4033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0015474033 Active
cgrid__sl_products 2.54mm (.100") C-Grid SLTM Single Row, Female, Version G Receptacle, 3 Circuits
Product Specification PS-70430 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19880 E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 70430 cgrid__sl_products SLTM
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 3 Black N/A 50 Vertical 94V-0 Phosphor Bronze Gold Tin Polyester Alloy 1 Vertical 0.130 In 3.30 mm None 0.062 In, 0.093 In 1.60 mm, 2.40 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 15 0.375 75 1.875 N/A Yes -40C to +105C IDT or Pierce FFC/FPC
Search Parts in this Series 70430Series Mates With C-Grid(R) locking headers and panel mounts Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Ribbon 0638170100 Cable Cutter Hand Tool Tool Kit for Standard 0622007400 Manual Press FFC Standard Manual 0622007800 Press for FFC TM-42TM FFC and 0622018700 SLTM Termination Kit TM-42TM FFC and 0622020800 SLTM Press and Termination Kit for 110v applications
Electrical
Current - Maximum per Contact Voltage - Maximum 1A, 2A 250V
Material Info
Old Part Number
704300317
Reference - Drawing Numbers
Product Specification Sales Drawing PS-70430 SDA-70430-0316-0339
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 015-47-4033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X