Part Number Hot Search : 
08771 ENA1511A 04180 66P308 13622 DS4250P AN3254 DS4250P
Product Description
Full Text Search
 

To Download 015-38-8077 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0015388077 Active
cgrid__sl_products 2.54mm (.100") C-Grid SLTM Single Row, Female, Version C Receptacle, 7 Circuits
Product Specification PS-70430 (PDF) RoHS Certificate of Compliance (PDF) Series LR19880 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Overview Product Name FFC/FPC Connectors 70430 cgrid__sl_products SLTM
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 7 Black N/A 25 Vertical 94V-0 Phosphor Bronze Tin Tin Polyester Alloy 1 Vertical None Tube 0.100 In 2.54 mm 150 3.75 75 1.875 No Yes -40C to +105C IDT or Pierce FFC/FPC
Search Parts in this Series 70430Series Mates With 70544, 70546 straight and 70554, 70556 right angle polarized headers Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Tool Kit for Standard 0622007400 Manual Press FFC Standard Manual 0622007800 Press for FFC
Electrical
Current - Maximum per Contact Voltage - Maximum 1A, 2A 250V
Material Info
Old Part Number A704300041
Reference - Drawing Numbers
Product Specification Sales Drawing PS-70430 SDA-70430-0036-0059
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 015-38-8077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X