Part Number Hot Search : 
MA80620H CS8240 SK350 MS3106 9899P 53210 BDW42 10C80
Product Description
Full Text Search
 

To Download V585ME29-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V585ME29-LF
PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1
Applications * Cellular Base Stations * Satellite Communications * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1470
Typ -103 -10
Max 1650
Units MHz dBc/Hz dBc
1 36 5 7 50
12 9 100 5 9
Vdc MHz/V dBm pF MHz/V MHz C
-40 MINI-16 Min Typ 5 17
85
Max 21
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
1780 1750 1720 1690 1660 1630 1600 1570 1540 1510 1480 1450 1420 1390 1360 1330 1300 0 1 2 3 4 5 6 7 8 9 10 11 12
V585ME29-LF
Rev A1
FREQUENCY (MHz)
85 C 25 C -40 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
10 9 8 7 6 5 4 1322 1360 1393 1427 1461 1496 1531 1568 1604 1642 1680 1718 1756
POWER OUTPUT (dBm)
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085
Z-COMM XXXXXXXX-LF W/O# D/C
PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of V585ME29-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X