Part Number Hot Search : 
UMD3N MA1HFCA V385A XMXXX CM160 2SC25 PE3265 RT1N430C
Product Description
Full Text Search
 

To Download TS512IYDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS512
Precision dual operational amplifier
Features

Low input offset voltage: 500 V max. Low power consumption Short-circuit protection Low distortion, low noise High gain-bandwidth product: 3 MHz High channel separation ESD protection 2 kV Macromodel included in this specification D SO-8 (Plastic micropackage) N DIP8 (Plastic package)
Description
The TS512 is a high performance dual operational amplifier with frequency and phase compensation built into the chip. The internal phase compensation allows stable operation in voltage follower in spite of its high gain-bandwidth product. The circuit presents very stable electrical characteristics over the entire supply voltage range, and is particularly intended for professional and telecom applications (such as active filtering).
Pin connections (Top view)
VCC + Output Inverting Input 2 Non-inverting Input 2
Output 1 1 Inverting Input 1 2 Non-inverting Input 1 3 VCC - 4 + +
8 7 6 5
May 2008
Rev 3
1/16
www.st.com 16
Absolute maximum ratings and operating conditions
TS512
1
Absolute maximum ratings and operating conditions
Table 1.
Symbol VCC Vin Vid Rthja Supply voltage Input voltage Differential input voltage Thermal resistance junction to ambient (1) DIP8 SO-8 Thermal resistance junction to case (1) DIP8 SO-8 Junction temperature Storage temperature range HBM: human body model(2) ESD MM: machine model
(3) (4)
Absolute maximum ratings
Parameter Value 18 VCC (VCC - 1) 85 125 41 40 + 150 -65 to +150 2 200 1.5 C/W Unit V
Rthjc Tj Tstg
C/W C C kV V kV
CDM: charged device model
1. Short-circuits can cause excessive heating and destructive dissipation.Rth are typical values. 2. Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 3. Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 ). This is done for all couples of connected pin combinations while the other pins are floating. 4. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins.
Table 2.
Symbol VCC Vicm Toper
Operating conditions
Parameter Supply voltage(1) Common mode input voltage range Operating free air temperature range Value 6 to 30V VDD+1.5 to VCC-1.5 -40 to +125 Unit V V C
1. Value with respect to VDD pin.
2/16
TS512
Schematic diagram
2
Schematic diagram
Figure 1. Schematic diagram (1/2 TS512)
VCC R16 4k Q25 Q11 Q2 Q12 R12 812 Q3 Q27 Q37 Inverting Input Q15 Q22 Q5 Q7 Q31 Q4 Q6 Q8 Q9 Q17 Q32 Q18 Q10 C1 43pF R3 60k R4 1.2k R7 15k Q19 R8 150k R9 15k Q23 Q33 R10 45k VCC Q34 Q20 C2 23pF Q28 Q36 Non-inverting Input R13 27 Output Q38 R17 4k R14 27 Q29 Q21 R1 2k R2 2k R5 4k R6 4k Q13 R11 1k Q14 R18 2k Q35
Q30
R15 150k
3/16
Electrical characteristics
TS512
3
Electrical characteristics
Table 3.
Symbol ICC Iib Rin
VCC = 15V, Tamb = 25C (unless otherwise specified)
Parameter Supply current (per operator) Tmin Tamb T max Input bias current Tmin Tamb T max Input resistance, f = 1kHz Input offset voltage TS512 TS512A Tmin Tamb Tmax TS512 TS512A Input offset voltage drift Tmin Tamb Tmax Input offset current Tmin Tamb Tmax Input offset current drift Tmin Tamb Tmax Output short-circuit current Large signal voltage gain RL = 2k, VCC = 15V, Tmin Tamb T max VCC = 4V Gain-bandwidth product, f = 100kHz Equivalent input noise voltage, f = 1kHz Rs = 50 Rs = 1k Rs = 10k Total harmonic distortion Av = 20dB, RL = 2k Vo = 2Vpp, f = 1kHz Output voltage swing RL = 2k, VCC = 15V, Tmin Tamb T max VCC = 4V Large signal voltage swing RL = 10k, f = 10kHz Slew rate Unity gain, RL = 2k Common mode rejection ratio Vic = 10V 0.8 90 13 3 28 1.5 Vpp V/s dB 90 1.8 Min. Typ. 0.5 50 1 Max. 0.6 0.75 150 300 Unit mA nA M
0.5
Vio
2.5 0.5 3.5 1.5
mV
Vio Iio Iio Ios Avd GBP
2 5 20 40
V/C nA
nA ------C
0.08 23
mA dB MHz
100 95 3 8 10 18 0.03
en
nV ----------Hz
THD
%
Vopp
V
Vopp SR CMR
4/16
TS512 Table 3.
Symbol SVR
Electrical characteristics VCC = 15V, Tamb = 25C (unless otherwise specified)
Parameter Supply voltage rejection ratio Min. 90 120 Typ. Max. Unit dB dB
Vo1/Vo2 Channel separation, f = 1kHz
5/16
Electrical characteristics
TS512
Figure 2.
30
Vio distribution at VCC= 15V and T= 25C
Vio distribution at T = 25 C
Figure 3.
20
Vio distribution at VCC= 15V and T= 125C
Vio distribution at T = 125 C
25
15
20
15
Population %
Population %
10
10
5
5
0 -400 -200 0 200 400
0 -400 -200 0 200 400
Input offset voltage (V)
Input offset voltage (V)
Figure 4.
0.4
Input offset voltage vs. input Figure 5. common mode voltage at VCC= 10V
0.4
Input offset voltage vs. input common mode voltage at VCC= 30V
T=125C
Input Offset Voltage (mV)
0.0 T=25C -0.2 T=-40C -0.4
Input Offset Voltage (mV)
0.2
T=125C
0.2
0.0
T=25C
T=-40C -0.2
-0.6 Vcc = 10 V -0.8 1 2 3 4 5 6 7 Input Common Mode Voltage (V) 8 9
-0.4 Vcc = 30 V -0.6 0 5 10 15 20 25 Input Common Mode Voltage (V) 30
Figure 6.
Supply current (per operator) vs. supply voltage at Vicm= VCC/2
Figure 7.
Supply current (per operator) vs. input common mode voltage at VCC= 6V
0.6
0.50 0.45
Supply Current (mA)
0.5
Supply Current (mA)
T=125C
T=125C 0.4 T=25C T=-40C 0.3
0.40 T=25C 0.35 T=-40C 0.30
0.2 Vicm = Vcc/2 0.1 6 9 12 15 18 21 Supply voltage (V) 24 27 30
0.25 Follower configuration Vcc = 6 V 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Input Common Mode Voltage (V) 5.5 6.0
0.20 1.0
6/16
TS512
Electrical characteristics
Figure 8.
Supply current (per operator) vs. input common mode voltage at VCC= 10V
Figure 9.
Supply current (per operator) vs. input common mode voltage at VCC= 30V
0.50
0.55 0.50
Supply Current (mA)
0.45
Supply Current (mA)
T=125C
T=125C
0.45 T=25C 0.40 T=-40C 0.35
0.40
T=25C
0.35 T=-40C 0.30 Follower configuration Vcc = 10 V 0.25 1 2 3 4 5 6 7 8 Input Common Mode Voltage (V) 9 10
0.30 Follower configuration Vcc = 30 V 0 5 10 15 20 25 Input Common Mode Voltage (V) 30
0.25
Figure 10. Output current vs. supply voltage at Figure 11. Output current vs. output voltage at Vicm= VCC/2 VCC = 6V
40 30 20
Output Current (mA)
40 Source Vid = 1V T=25C
Output Current (mA)
T=-40C
30 20
T=-40C T=25C T=125C Source Vid = 1V
T=125C 10 0 -10 T=125C -20 -30 -40 10.0 15.0 20.0 Supply voltage (V) 25.0 30.0 Sink Vid = -1V T=25C T=-40C Vicm = Vcc/2
10 0 -10 T=125C -20 Sink Vid = -1V -30 -40 0 1 2 3 4 Output Voltage (V) 5 6 T=25C T=-40C Vcc = 6 V
Figure 12. Output current vs. output voltage at Figure 13. Output current vs. output voltage at VCC = 10V VCC = 30V
40 30 T=25C 20
Output Current (mA)
40 T=-40C Source Vid = 1V
Output Current (mA)
30 20 10 0 -10
T=-40C T=25C T=125C Source Vid = 1V
T=125C 10 0 -10 -20 -30 T=-40C -40 0 2 4 6 Output Voltage (V) 8 10 Sink Vid = -1V Vcc = 10 V T=125C
Vcc = 30 V
T=125C -20 -30 -40 0 5 10 15 20 Output Voltage (V) 25 30 Sink Vid = -1V T=-40C T=25C
T=25C
7/16
Electrical characteristics
TS512
Figure 14. Voltage gain and phase for different Figure 15. Voltage gain and phase for different capacitive loads at VCC= 6V, capacitive loads at VCC= 10V, Vicm= 3V and T= 25C Vicm= 5V and T= 25C
50 Gain 40 30
Gain (dB)
45 0 Phase -45
Phase ()
50 40 30
Gain (dB)
45 Gain 0 -45
Phase ()
Phase CL=100pF CL=600pF CL=330pF Vcc = 10 V, Vicm = 5 V, G = -100 RL = 2 k connected to the ground T amb = 25 C 10
4
20 10 0 -10 -20 3 10 CL=600pF CL=330pF Vcc = 6 V, Vicm = 3 V, G = -100 RL = 2 k connected to the ground T amb = 25 C 10
4
CL=100pF
-90 -135 -180 -225 -270
20 10 0 -10 -20 3 10
-90 -135 -180 -225 -270
10
5
10
6
10
5
10
6
Frequency (Hz)
Frequency (Hz)
Figure 16. Voltage gain and phase for different Figure 17. Frequency response for different capacitive loads at VCC= 30V, capacitive loads at VCC= 6V, Vicm= 15V and T= 25C Vicm= 3V and T= 25C
50 Gain 40 30 Phase
Gain (dB)
45 0 -45
Gain (dB)
20 10 0
Phase ()
Gain with CL=600 pF
20 10 0 -10 -20 3 10 CL=600pF CL=330pF Vcc = 30 V, Vicm = 15 V, G = -100 RL = 2 k connected to the ground Tamb = 25 C 10
4
CL=100pF
-90 -135 -180 -225 -270
Gain with CL=100 pF -10 -20 -30 -40 10k Gain with CL=330 pF
Vcc = 6 V, Vicm = 3 V RL = 2 k connected to the ground Tamb = 25 C 100k 1M 10M
10
5
10
6
Frequency (Hz)
Frequency (Hz)
Figure 18. Frequency response for different capacitive loads at VCC= 10V, Vicm= 5V and T= 25C
20 10 0
Gain (dB)
Figure 19. Frequency response for different capacitive loads at VCC= 30V, Vicm= 15V and T= 25C
20
Gain with CL=600 pF
10 0
Gain (dB)
Gain with CL=600 pF
Gain with CL=100 pF -10 Gain with CL=330 pF -20 -30 -40 10k Vcc = 10 V, Vicm = 5 V RL = 2 k connected to the ground Tamb = 25 C 100k 1M 10M
-10 -20 -30 -40 10k
Gain with CL=100 pF Gain with CL=330 pF Vcc = 30 V, Vicm = 15 V RL = 2 k connected to the ground Tamb = 25 C 100k 1M 10M
Frequency (Hz)
Frequency (Hz)
8/16
TS512
Electrical characteristics
Figure 20. Phase margin vs. output current, at Figure 21. Phase margin vs. output current, at VCC= 6V, Vicm= 3V and T= 25C VCC= 10V, Vicm= 5V and T= 25C
70 60 50
Phase Margin ()
70 Recommended area CL=100 pF
Phase Margin ()
60 50 CL=100 pF
Recommended area
40 30 20 10 0 -10 -20 -30 -40 -3 -2
CL=330 pF
CL=600 pF
40 30 20 10 0 -10 -20
CL=330 pF
CL=600 pF
Vcc = 6 V Vicm = 3 V Tamb = 25 C RL = 2 k -1 0 1 2 3
Vcc = 10 V Vicm = 5 V Tamb = 25 C RL = 2 k -2 -1 0 1 2 3
-30 -3
Output Current (mA)
Output Current (mA)
Figure 22. Phase margin vs. output current, at VCC= 30V, Vicm= 15V and T= 25C
70 Recommended area 60 50
Phase Margin ()
CL=100 pF CL=330 pF CL=600 pF
40 30 20 10 0 -10 -20 -3 -2 -1 0 1
Vcc = 30 V Vicm = 15 V Tamb = 25 C RL = 2 k 2 3
Output Current (mA)
9/16
Macromodels
TS512
4
4.1
Macromodels
Important note concerning this macromodel
Please consider the following remarks before using this macromodel.

All models are a trade-off between accuracy and complexity (i.e. simulation time). Macromodels are not a substitute to breadboarding; rather, they confirm the validity of a design approach and help to select surrounding component values. A macromodel emulates the nominal performance of a typical device within specified operating conditions (temperature, supply voltage, for example). Thus the macromodel is often not as exhaustive as the datasheet, its purpose is to illustrate the main parameters of the product.
Data derived from macromodels used outside of the specified conditions (VCC, temperature, for example) or even worse, outside of the device operating conditions (VCC, Vicm, for example), is not reliable in any way.
4.2
Macromodel code
** Standard Linear Ics Macromodels, 1993. ** CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIVE POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT TS512 1 3 2 4 5 ******************************************************** .MODEL MDTH D IS=1E-8 KF=6.565195E-17 CJO=10F * INPUT STAGE CIP 2 5 1.000000E-12 CIN 1 5 1.000000E-12 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 2.600000E+01 RIN 15 16 2.600000E+01 RIS 11 15 1.061852E+02 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC 0 VOFN 13 14 DC 0 IPOL 13 5 1.000000E-05 CPS 11 15 12.47E-10 DINN 17 13 MDTH 400E-12 VIN 17 5 1.500000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 1.500000E+00 FCP 4 5 VOFP 3.400000E+01 FCN 5 4 VOFN 3.400000E+01
10/16
TS512 FIBP 2 5 VOFN 1.000000E-02 FIBN 5 1 VOFP 1.000000E-02 * AMPLIFYING STAGE FIP 5 19 VOFP 9.000000E+02 FIN 5 19 VOFN 9.000000E+02 RG1 19 5 1.727221E+06 RG2 19 4 1.727221E+06 CC 19 5 6.000000E-09 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 6.521739E+03 VIPM 28 4 1.500000E+02 HONM 21 27 VOUT 6.521739E+03 VINM 5 27 1.500000E+02 GCOMP 5 4 4 5 6.485084E-04 RPM1 5 80 1E+06 RPM2 4 80 1E+06 GAVPH 5 82 19 80 2.59E-03 RAVPHGH 82 4 771 RAVPHGB 82 5 771 RAVPHDH 82 83 1000 RAVPHDB 82 84 1000 CAVPHH 4 83 0.331E-09 CAVPHB 5 84 0.331E-09 EOUT 26 23 82 5 1 VOUT 23 5 0 ROUT 26 3 6.498455E+01 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 1.742230E+00 DON 24 19 MDTH 400E-12 VON 24 5 1.742230E+00 .ENDS Table 4.
Symbol Vio Avd ICC Vicm VOH VOL Isink Isource GBP SR m RL = 2k RL = 2k Vo = 0V Vo = 0V RL = 2k, CL = 100pF RL = 2k RL = 2k, CL = 100pF RL = 2k No load, per operator
Macromodels
VCC = 15V, Tamb = 25C (unless otherwise specified)
Conditions Value 0 100 350 -13.4 to 14 +14 -14 27.5 27.5 2.5 1.4 55 Unit mV V/mV A V V V mA mA MHz V/s Degrees
11/16
Package information
TS512
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
12/16
TS512 Figure 23. DIP8 package mechanical drawing
Package information
Table 5.
DIP8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b b2 c D E E1 e eA eB L 2.92 0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10
Millimeters Typ. Max. 5.33 0.015 3.30 0.46 1.52 0.25 9.27 7.87 6.35 2.54 7.62 10.92 3.30 3.81 0.115 4.95 0.56 1.78 0.36 10.16 8.26 7.11 0.115 0.014 0.045 0.008 0.355 0.300 0.240 Min.
Inches Typ. Max. 0.210
0.130 0.018 0.060 0.010 0.365 0.310 0.250 0.100 0.300
0.195 0.022 0.070 0.014 0.400 0.325 0.280
0.430 0.130 0.150
13/16
Package information Figure 24. SO-8 package mechanical drawing
TS512
Table 6.
SO-8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e h L k ccc 0.25 0.40 1 0.10 1.25 0.28 0.17 4.80 5.80 3.80
Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.48 0.23 4.90 6.00 3.90 1.27 0.50 1.27 8 0.10 0.010 0.016 1 5.00 6.20 4.00 0.011 0.007 0.189 0.228 0.150 Min.
Inches Typ. Max. 0.069 0.010
0.019 0.010 0.193 0.236 0.154 0.050 0.020 0.050 8 0.004 0.197 0.244 0.157
14/16
TS512
Ordering information
6
Ordering information
Table 7. Order codes
Temperature range Package Packaging Marking 512IN DIP8 TS512AIN TS512ID TS512IDT TS512AID-DT TS512IYD TS512IYDT(1) TS512AIYD(1) TS512AIYDT(1)
(1)
Order code TS512IN
Tube 512AIN Tube or Tape & reel 512I 512AI 512IY
SO-8 -40C, + 125C
SO-8 (Automotive grade)
Tube or Tape & reel 512AIY
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are on-going.
7
Revision history
Table 8.
Date 21-Nov-2001 23-Jun-2005
Document revision history
Revision 1 2 Initial release. PPAP references inserted in the datasheet, see Table 7: Order codes. AC and DC performance characteristics curves added for VCC= 6V, VCC= 10V and VCC= 30V. Modified ICC typ, added parameters over temperature range in electrical characteristics table. Corrected macromodel information. Changes
5-May-2008
3
15/16
TS512
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of TS512IYDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X