Part Number Hot Search : 
TC9332 XXCFAM BFX48 3296Y501 G6R3ESS1 SMBJ150C AS5DC3 500797
Product Description
Full Text Search
 

To Download SY58032U10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
ULTRA-PRECISION1:8FANOUT bUFFER WITHLVPECL OUTPUTS AND INTERNAL TERMINATION
Precision Edge SY58032U
Precision Edge(R) SY58032U (R)
FEATURES
Precision 1:8, LVPECL fanout buffer Guaranteed AC performance over temperature and voltage: * Clockfrequencyrange:DCto4GHz * <110pstr / tf times * <330pstpd * <20psskew Low-jitterperformance: * 76fsRMSphasejitter(typ) 100kLVPECLcompatibleoutputs Fullydifferentialinputs/outputs Acceptsaninputsignalaslowas100mV UniqueinputterminationandVT pin accepts DC-coupledandAC-coupleddifferentialinputs: (LVPECL,LVDS,andCML) Powersupply2.5V5%or3.3V10% Industrialtemperaturerange: -40Cto+85C Availablein32-pin(5mmx5mm)MLF(R)package Precision Edge(R)
DESCRIPTION
The SY58032U is a 2.5V/3.3V precision, high-speed, fully differential LVPECL 1:8 fanout buffer. The SY58032U is optimized to provide eight identical output copies with less than 20ps of skew and only 76fsRMS phase jitter. It can process clock signals as fast as 4GHz. The differential input includes Micrel's unique, 3-pin input termination architecture that allows the SY58032U to directly interface to LVPECL, CML, and LVDS differential signals (AC- or DC-coupled) without any level-shifting or termination resistor networks in the signal path. The result is a clean, stub-free, low-jitter interface solution. The LVPECL (100k temperature compensated) outputs feature 800mV typical swing into 50y loads, and provide an extremely fast rise/fall time guaranteed to be less than 110ps. The SY58032U operates from a 2.5V 5% supply or 3.3V 10% supply and is guaranteed over the full industrial temperature range (-40C to +85C). For applications that require a higher high-speed 1:8 fanout buffer, consider the SY58031U or SY58033U. The SY58032U is part of Micrel's high-speed, Precision Edge(R) product line. All support documentation can be found on Micrel's web site at www.micrel.com.
APPLICATIONS
AllSONETandallGigEclockdistribution AllFibreChannelclockanddatadistribution Networkroutingenginetimingdistribution High-end,low-skewmultiprocessorsynchronous clockdistribution
FUNCTIONAL bLOCk DIAGRAM
Q0 /Q0 Q1 /Q1 Q2 /Q2
IN 50 VT /IN VREF-AC 50
Q3 /Q3 Q4 /Q4 Q5 /Q5 Q6 /Q6 Q7
Precision Edge is a registered trademark of Micrel, Inc. MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc. M9999-072810 hbwhelp@micrel.com or (408) 955-1690
/Q7
1
Rev.: E
Amendment: /0
Issue Date: July 2010
Micrel, Inc.
Precision Edge(R) SY58032U
PACkAGE/ORDERING INFORMATION
VCC Q0 /Q0 Q1 /Q1 Q2 /Q2 VCC
Ordering Information(1)
GND VCC Q3 /Q3 Q4 /Q4 VCC GND
VCC GND IN VT VREF-AC /IN GND VCC
32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 24 23 22 21 20 19 18 17
PartNumber SY58032UMI SY58032UMITR SY58032UMG(3) SY58032UMGTR(2, 3)
(2)
Package Type MLF-32 MLF-32 MLF-32 MLF-32
Operating Range Industrial Industrial Industrial Industrial
Package Marking SY58032U SY58032U SY58032U with Pb-Free bar-line indicator SY58032U with Pb-Free bar-line indicator
Lead Finish Sn-Pb Sn-Pb Pb-Free NiPdAu Pb-Free NiPdAu
32-PinMLF(R)(MLF-32)
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC electricals only. 2. Tape and Reel. 3. Pb-Free package recommended for new designs.
PIN DESCRIPTION
Pin Number 3, 6 Pin Name IN, /IN Pin Function Differential Signal Input: Each pin of this pair internally terminates with 50y to the VT pin. Note that this input will default to an indeterminate state if left open. See "Input Interface Applications" section. Input Termination Center-Tap: Each input terminates to this pin. The VT pin provides a center-tap for each input (IN, /IN) to the termination network for maximum interface flexibility.See"InputInterfaceApplications"section. Ground. Exposed pad must be connected to a ground plane that is the same potential as the ground pin. Positive Power Supply: Bypass with 0.1F||0.01F low ESR capacitors as close to the pins as possible. 100k LVPECL Differential Output Pairs: Differential buffered output copy of the inputsignal.TheLVPECLoutputswingistypically800mVinto50.Unusedoutput pairsmaybeleftfloatingwithnoimpactonjitter.See"LVPECLOutput"section. Bias Reference Voltage: Equal to VCC-1.2V (typical), and used for AC-coupled applications. See "Input Interface Applications" section. When using VREF-AC, bypass with 0.01F capacitor to VCC. Maximum sink/source current is 0.5mA.
4 2, 7, 17, 24 1, 8, 9, 16, 18, 23, 25, 32 31, 30, 29, 28, 27, 26,22,21,20,19, 15,14,13,12, 11, 10 5
VCC /Q7 Q7 /Q6 Q6 /Q5 Q5 VCC
VT GND, Exposed Pad VCC Q0, /Q0, Q1, /Q1, Q2,/Q2,Q3,/Q3, Q4,/Q4,Q5,/Q5, Q6, /Q6, Q7, /Q7 VREF-AC
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
Precision Edge(R) SY58032U
AbsoluteMaximumRatings(1)
Power Supply Voltage (VCC ) ........................-0.5V to +4.0V Input Voltage (VIN).............................................-0.5V to VCC Current (VT) Source or sink current on VT pin ......................... 100mA Input Current (VT) Source or sink current on IN, /IN .......................... 50mA Current (VREF) Source or sink current on VREF-AC(3) ....................... 1.5mA Lead Temperature Soldering, (20 sec.) ..................... 260C Storage Temperature Range (TS ) ............ -65C to +150C
Operating Ratings(2)
Power Supply Voltage (VCC) .................. +2.375V to +3.60V Ambient Temperature Range (TA) ............... -40C to +85C Package Thermal Resistance(4) MLF(R)(JA) Still-Air ............................................................. 35C/W MLF(R)(JB) Junction-to-Board ............................................ 20C/W
DCELECTRICALCHARACTERISTICS(5)
TA= -40C to +85C Symbol Parameter VCC ICC VIH VIL VIN VDIFF_IN RIN VT IN VREF-AC Power Supply Voltage Power Supply Current Input HIGH Voltage Input LOW Voltage Input Voltage Swing Differential Input Voltage Swing |IN0, /IN0|, |IN1, /IN1| In-to-VTResistance Max. In-to-VT (IN, /IN) Condition 2.5V nominal 3.3V nominal VCC = max. No load. Includes current through 50y pull-ups. IN, /IN, Note 6 IN, /IN IN, /IN, see Figure 1a. IN, /IN, see Figure 1b. VCC-1.6 0 0.1 0.2 40 50 60 1.28 VCC-1.3 VCC-1.2 VCC-1.1 Min 2.375 3.0 Typ 2.5 3.3 190 Max 2.625 3.6 250 VCC VIH-0.1 1.7 Units V V mA V V V V V V
LVPECLDCELECTRICALCHARACTERISTICS(5)
VCC = 2.5V 5% or 3.3V 10%; RL = 50y to VCC-2V; TA= -40C to +85C, unless otherwise stated. Symbol VOH VOL VOUT VDIFF_OUT
Notes: 1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to Absolute Maximum Ratings conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Due to the limited drive capability, use for input of the same package only. 4. Thermalperformanceassumesexposedpadissoldered(orequivalent)tothedevice'smostnegativepotential(GND)onthePCB.JB uses 4-layer JA in still-air number unless otherwise stated. 5. ThecircuitisdesignedtomeettheDCspecificationsshownintheabovetablesafterthermalequilibriumhasbeenestablished. 6. VIH (min) not lower than 1.2V.
Parameter Output HIGH Voltage Output LOW Voltage Output Voltage Swing Differential Voltage Swing
Condition
Min VCC-1.145 VCC-1.945
Typ
Max VCC-0.895 VCC-1.695
Units V V mV mV
see Figure 1a. see Figure 1b.
500 1000
800 1600 2000
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
Precision Edge(R) SY58032U
ACELECTRICALCHARACTERISTICS(7)
VCC = 2.5V 5% or 3.3V 10%; RL = 50y to VCC-2V; TA= -40C to +85C, unless otherwise stated. Symbol fMAX tpd tpd tempco tSKEW tJITTER tr, tf
Notes: 7. 8. High frequency AC electricals are guaranteed by design and characterization. All outputs loaded with 50y to VCC - 2V, VIN100mV. Output-to-output skew is measured between outputs under identical transitions.
Parameter Maximum Operating Frequency Propagation Delay (IN-to-Q) Differential Propagation Delay TemperatureCoefficient Part-to-Part Skew RMS Phase Jitter Output Rise/Fall Time
Condition VOUT400mV
Clock
Min 4 180
Typ 260 35 7
Max 330
Units GHz ps fs/C
Note 8 Note 9 Output = 622MHZ Integration Ranger 12kHz - 20MHz 20% to 80%, at full output swing.
Output-to-Output Skew (within Device)
20 100
ps ps fs
76 35 75 110
ps
9. Part-to-partskewisdefinedfortwopartswithidenticalpowersupplyvoltagesatthesametemperatureandwithnoskewoftheedgesattherespective inputs. Part-to-part skew includes variation in tpd.
PHASENOISE
RMS Phase Jitter (Random) 12kHz to 20MHz = 76fs (Typical)
PhaseNoisePlot:622MHz@3.3V
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
4
Micrel, Inc.
Precision Edge(R) SY58032U
SINGLE-ENDEDANDDIFFERENTIALSWINGS
VIN, VOUT 800mV (Typ.)
VDIFF_IN, VDIFF_OUT 1.6V (Typ.)
Figure1a. Single-EndedVoltageSwing
Figure1b. DifferentialVoltageSwing
TIMING DIAGRAM
/IN IN tpd /Q Q VOUT tpd VIN
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
5
Micrel, Inc.
Precision Edge(R) SY58032U
TYPICALOPERATINGCHARACTERISTICS
VCC = 2.5V, GND = 0, VIN = 100mV, TA= 25C, unless otherwise stated.
Output-to-Output Skew
2.5 2
vs. Temperature
SKEW (ps)
1.5 1 0.5 0 -60 -40 -20 0 20 40 60 80 100
TEMPERATURE (C)
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
6
Micrel, Inc.
Precision Edge(R) SY58032U
INPUT bUFFER
VCC
IN 50 VT 50 /IN GND
Figure2. SimplifiedDifferentialInputBuffer
INPUT INTERFACE APPLICATIONS
VCC
VCC VCC
VCC IN
VCC
VCC
LVPECL
IN CML /IN
/IN SY58032U GND
SY58032U
IN CML /IN SY58032U GND NC NC VREF-AC VT
GND 0.01mF
VCC
VREF-AC VT 0.01mF Rpd
VCC
VREF-AC VT
For 2.5V, Rpd = 19W For 3.3V, Rpd = 50W
Figure3a.DC-CoupledCML Input Interface
Option: May connect VT to VCC .
Figure3b.AC-CoupledCML Input Interface
Figure 3c. LVPECL Input Interface
VCC
VCC
VCC VCC
IN
LVPECL
/IN Rpd GND GND For 3.3V, Rpd = 100W For 2.5V, Rpd = 50W Rpd SY58032U VREF-AC VT
GND NC NC LVDS
IN /IN SY58032U VREF-AC VT
VCC
Figure3d.AC-CoupledLVPECL Input Interface
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
Figure 3e. LVDS Input Interface
7
Micrel, Inc.
Precision Edge(R) SY58032U
LVPECL OUTPUT
LVPECL has high input impedance, and very low output impedance (open emitter), and small signal swing which resultsinlowEMI.LVPECLisidealfordriving50and100 controlled impedance transmission lines. There are several techniques for terminating the LVPECL output: Parallel Termination-Thevenin Equivalent, Parallel Termination (3-resistor), and AC-coupled Termination. Unused output pairs may be left floating. However, single-ended outputs must be terminated, or balanced.
+3.3V R1 130 R1 130
+3.3V
ZO =50 ZO =50
+3.3V
For +2.5V systems, R1=250,R2=62.5
R2 82
R2 82
VT = VCC -2V
Figure4.ParallelTermination-TheveninEquivalent
+3.3V +3.3V
Z =50 Z =50 50 50 Rb
"source"
"destination" VCC C1 (optional)
0.01F Notes: 1. Power-saving alternative to Thevenin termination. 2. Place termination resistors as close to destination inputs as possible. 3. Rb resistor sets the DC bias voltage, equal to VT. 4. For 2.5V systems, Rb =19,For3.3Vsystems,Rb =50
Figure5.ParallelTermination(3-Resistor)
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
PartNumber SY58031U SY58032U SY58033U Function Ultra-Precision 1:8 Fanout Buffer with 400mV CML Outputs and Internal I/O Termination Ultra-Precision 1:8 Fanout Buffer with LVPECL Outputs and Internal Termination Ultra-Precision 1:8 Fanout Buffer with 400mV LVPECL Outputs and Internal Termination 32-MLF(R) Manufacturing Guidelines Exposed Pad Application Note HBW Solutions DataSheetLink http://www.micrel.com/product-info/products/sy58031u.shtml http://www.micrel.com/product-info/products/sy58032u.shtml http://www.micrel.com/product-info/products/sy58033u.shtml www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf http://www.micrel.com/product-info/as/solutions.shtml
M9999-072810 hbwhelp@micrel.com or (408) 955-1690
8
Micrel, Inc.
Precision Edge(R) SY58032U
32-PINMicroLeadFrame(R)(MLF-32)
Package EP- Exposed Pad
Die
CompSide Island
Heat Dissipation
Heat Dissipation Heavy Copper Plane VEE
Heavy Copper Plane
VEE
PCBThermalConsiderationfor32-PinMLF(R)Package (Alwayssolder,orequivalent,theexposedpadtothePCB)
PackageNotes: 1. PackagemeetsLevel2qualification. 2. All parts are dry-packaged before shipment. 3. Exposed pads must be soldered to a ground for proper thermal management.
MICREL, INC.
tel
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrelreservestherighttochangecircuitryandspecificationsatanytimewithoutnotificationtothecustomer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into thebodyor(b)supportorsustainlife,andwhosefailuretoperformcanbereasonablyexpectedtoresultinasignificantinjurytotheuser.APurchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. M9999-072810 hbwhelp@micrel.com or (408) 955-1690
+ 1 (408) 944-0800
2180 FORTUNE DRIVE SAN JOSE, CA 95131
fax
+ 1 (408) 474-1000
web
http://www.micrel.com
USA
9


▲Up To Search▲   

 
Price & Availability of SY58032U10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X