Part Number Hot Search : 
DTMPU63 254121 SP5301 39F1G WT203 SMA20 RM214C SR6150
Product Description
Full Text Search
 

To Download SW-456 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-456
GaAs SPDT Switch DC - 3.0 GHz
Features
* * * * Low Cost Plastic: SC-70 (SOT-363) Package Low Insertion Loss: < 0.3 dB @ 900 MHz Low Power Consumption: < 15 A @ -2.3 Volts Positive or Negative 2.3 to 8 Volt Control Rev. V6
Functional Schematic Positive Control Voltage
PIN 1 RF1 V1
Description
M/A-COM's SW-456 is a GaAs monolithic switch in a low cost SC-70 (SOT-363) surface mount plastic package. The SW-456 is ideally suited for applications where very low power consumption, low insertion loss, very small size and low cost are required. Typical applications are in dual band systems where switching between small signal components is required, i.e. filter banks, single-band LNA's, converters, etc. The SW-456 can be used in applications up to 0.25 watts in systems such as cellular, PCS, DCS1800, GSM, CDMA, W-CDMA and other analog/digital wireless communication systems. The SW-456 is fabricated using a mature 0.5 micron PHEMT process. The process features full passivation for performance and reliability.
1000 pF GND RFC 1000 pF RF2 1000 pF V2
Functional Schematic Negative Control Voltage
PIN 1 RF1 V1
GND
RFC
Ordering Information
Part Number
SW-456 PIN SW-456TR SW-456TR-3000 SW-456SMB
1
Package
Bulk Packaging 1000 piece reel 3000 piece reel Sample Test Board
RF2
V2
Pin Configuration
PIN
1 2
Function
RF1 GND RF2 V2 RFC V1
Description
RF In/Out RF Ground RF In/Out VCTRL2 RF Common VCTRL1
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
Parameter
Input Power (0.5 - 3.0 GHz) 3 V Control 5 V Control Operating Voltage Operating Temperature Storage Temperature
2
3 4
Absolute Maximum
+30 dBm +33 dBm +8.5 volts -40C to +85C -65C to +150C
5 6
2. Exceeding any one or combination of these limits may cause permanent damage to this device.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-456
GaAs SPDT Switch DC - 3.0 GHz
Parameter
Insertion Loss4
Rev. V6
Electrical Specifications: TA = 25C, VCTL = 0, -2.3 volts (unless otherwise specified)3
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 3 GHz 500 MHz - 3 GHz 500 MHz - 3 GHz 2-Tone 900 MHz, 5 MHz spacing (3.0 V) 2-Tone 900 MHz, 5 MHz spacing (3.0 V) 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, Control to 10% RF In-Band VCTL = -2.3 V
Units
dB dB dB dB dB dB Ratio dBm dBm dBm dBm ns ns mV A
Min.
-- -- -- 20 15 10 -- -- -- -- -- -- -- -- --
Typ.
0.35 0.45 0.56 22 17 12 1.2:1 21 27 81 52 25 25 25 4
Max.
0.5 0.6 0.8 -- -- -- 1.4:1 -- -- -- -- -- -- -- 15
Isolation VSWR P1dB (2.3V supply) P1dB (3V supply) Input IP2 Input IP3 Trise, Tfall Ton, Toff Transients Control Current
3. External DC blocking capacitors are required on all RF ports when using positive voltage control. 4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
Truth Table
Mode (Control)
Positive5
V1
0 0.2 V +2.3 to +8 V
V2
+2.3 to +8 V 0 0.2 V -2.3 V to -8 V 0 0.2 V
RFC RF1
Off On On Off
RFC RF2
On Off Off On
Handling Procedures
Please observe the following precautions to avoid damage:
Negative6
0 0.2 V -2.3 V to -8 V
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
5. External DC blocking capacitors are required on all RF ports. 1000 pF capacitors used for positive control voltage. For higher frequency operation, smaller value DC blocking capacitors can be substituted. 6. If negative control is used, DC blocking capacitors are not required on RF ports.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-456
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss vs. Frequency Over Temperature
0.0 +25 C -40 C +85 C
Rev. V6
VSWR Over Temperature
2.0 +25 C -40 C +85 C
-0.2
1.8
-0.4
1.6
-0.6
1.4
-0.8
1.2
-1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Isolation vs. Frequency Over Temperature
-10
Insertion Loss vs. Frequency (+2.3 V Control, 1000 pF Capacitor on RF Ports)
0.0 -0.1
-15 -0.2 -20 -0.3 -25 -0.4 -0.5 -30 -0.6 -35 -0.7 -40 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -0.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-456
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Isolation vs. Frequency (+2.3 V Control, 1000 pF Capacitor on RF Ports)
-10 -15 1.8 -20 -25 -30 1.4 -35 -40 -45 -50 0.0 0.5 1.0 1.5 2.0 2.5 3.0 1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Rev. V6
VSWR vs. Frequency (+2.3 V Control, 1000 pF Capacitor on RF Ports)
2.0
1.6
1.2
Frequency (GHz)
Frequency (GHz)
SC-70 (SOT-363)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-456

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X