Part Number Hot Search : 
MX150RS 28000 TA115 10030 MB352G V225N M628032 HT48R10A
Product Description
Full Text Search
 

To Download SR1204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Prelimitary
SR1202 - SR1204
Pb
RoHS
COMPLIANCE
12.0 AMP. Schottky Barrier Rectifiers DO-201AD
Features
Low power loss, high efficiency. High current capability, Low VF. High reliability High surge current capability. Epitaxial construction. Guard-ring for transient protection. For use as Bypass diode in Solar application. Green compound with suffix "G" on packing code & prefix "G" on datecode.
Dimensions in inches and (millimeters)
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode. High temperature soldering guaranteed: 260oC/10 seconds /.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.1 gram
Marking Diagram
SR120X = Specific Device Code G = Green Compound Y = Year WW = Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .R-load @TA = 50 (Note 1) Repetitive Peak Forward Current f > 15 Hz (Note 1) Peak Forward Surge Current, 50/60 Hz Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A @ TA=25 @ 12.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Rating for fusing t < 10ms @ TA=25
Symbol
SR1202 20 14 20
SR1203 30 21 30 12 55 280 / 320 0.45 0.55 500 20 390 24 3 -50 to +150 <=200 -50 to +175
SR1204 40 28 40
Units
VRRM VRMS VDC I(AV) IFRM IFSM VF IR I2t RJA
RJL
V V V A A A V uA mA A2S
O
Maximuml Thermal Resistance Junction Temperature Range - in DC forward mode Storage Temperature Range
C/W
O O
TJ TSTG
C C
Notes: 1. Valid, if leads are kept at ambient temperature at a distance of 10 mm from case.
B09
Prelimitary
RATINGS AND CHARACTERISTIC CURVES (SR1202 THRU SR1204)
FIG.1 Rated Forward Current vs Ambient Temp. Curve
Peak Forward Surge Current 100 Average Forward Current 80 (%) 60 40 20 0 0 25 50 75 100 125 150 175 200 Ambient Temperature (oC)
FIG 2 Maximum Forward Surge Current
350 300 250 (A) 200 150 100 50 0 1 10 Number of Cycles at 60 Hz 100
DC forward
60Hz
50 Hz
FIG 3 Typical Forward Characteristics
100 Reverse lreakage current (mA)
FIG 4 Typical Reverse Characteristics
100 10 1 0.1 Ta=25oC 0.01
0 20 40 60 80 100 120 140 Percentage of VR (%)
Forward current (A)
10
Ta=100oC
1
0.1
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 Forward Voltage (V)
FIG 5 Typical Junction Capacitance
10000
10
FIG 6 Typical Transient Thermal Resistance
Capacitance (pF)
1000
Resistance (oC/W)
Transient Thermal
1
100
0.1 1 10 100
0.1
Reverse Voltage (V)
0.01
0.1 1 10 T, pulse Duration (Sec)
100
B09
Page : 2 of 2
Version : A08


▲Up To Search▲   

 
Price & Availability of SR1204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X