Part Number Hot Search : 
24NM6 AD2700 EC3SM SRU8028A R8C14 PT270024 MCH6629 DS278609
Product Description
Full Text Search
 

To Download SPP06N60C309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPP06N60C3
CoolMOSTM Power Transistor
Features * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * High peak current capability * Ultra low effective capacitances * Extreme dv /dt rated * Improved transconductance
Product Summary V DS @ T j,max R DS(on),max ID 650 0.75 6.2 V A
PG-TO220-3-1
Type SPP06N60C3
Package PG-TO220-3-1
Ordering Code Q67040-S4629
Marking 06N60C3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current1) Avalanche energy, single pulse Avalanche energy, repetitive t AR1),2) Avalanche current, repetitive t AR1) Drain source voltage slope I D,pulse E AS E AR I AR I D=6.2 A, V DS=480 V, T j=125 C static AC (f >1 Hz) T C=25 C T C=25 C I D=3.1 A, V DD=50 V I D=6.2 A, V DD=50 V Value 6.2 3.9 18.6 200 0.5 6.2 A mJ Unit A
dv /dt
50
V/ns
Gate source voltage
V GS V GS
20 30 74 -55 ... 150
V
Power dissipation Operating and storage temperature
P tot T j, T stg
W C
Rev. 1.4
page 1
2009-11-27
SPP06N60C3
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC R thJA leaded SMD version, device on PCB, minimal footprint SMD version, device on PCB, 6 cm2 cooling area3) Soldering temperature4) T sold 1.6 mm (0.063 in.) from case for 10 s 1.7 62 K/W Values typ. max. Unit
Thermal resistance, junction ambient
R thJA
-
-
62
-
35
-
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=6.2 A V DS=V GS, I D=0.26 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=3.9 A, T j=25 C V GS=10 V, I D=3.9 A, T j=150 C Gate resistance Transconductance RG g fs f =1 MHz, open drain |V DS|>2|I D|R DS(on)max, I D=3.9 A 600 2.1 700 3 3.9 V
Zero gate voltage drain current
I DSS
-
0.1
1
A
-
0.68
100 100 0.75 nA
-
1.82 1 5.6
S
Rev. 1.4
page 2
2009-11-27
SPP06N60C3
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Effective output capacitance, energy related5) Effective output capacitance, time related6) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage
1)
Values typ. max.
Unit
C iss C oss C rss C o(er) V GS=0 V, V DS=0 V to 480 V C o(tr) t d(on) tr t d(off) tf V DD=480 V, V GS=10 V, I D=6.2 A, R G=12 V GS=0 V, V DS=25 V, f =1 MHz
-
620 200 17 28
-
pF
-
47 7 12 52 10
ns
Q gs Q gd Qg V plateau V DD=480 V, I D=6.2 A, V GS=0 to 10 V
-
3.3 12 24 5.5
31 -
nC
V
Pulse width limited by maximum temperature T j,max only Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f.
2) 3)
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. 4)
Soldering temperature for TO263: 220 C, reflow C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
5)
6)
Rev. 1.4
page 3
2009-11-27
SPP06N60C3
Parameter Symbol Conditions min. Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current IS T C=25 C I S,pulse V SD t rr Q rr I rrm V R=480 V, I F=I S, di F/dt =100 A/s V GS=0 V, I F=6.2 A, T j=25 C 0.97 400 3.5 25 18.6 1.2 V ns C A 6.2 A Values typ. max. Unit
Typical Transient Thermal Characteristics Symbol Value typ. R th1 R th2 R th3 R th4 R th5 0.0325 0.0448 0.251 0.31 0.301 K/W C th1 C th2 C th3 C th4 C th5 C th6 Unit Symbol Value typ. 0.0000502 0.000303 0.000428 0.00243 0.00526 1.097) Ws/K Unit
7)
C th6 models the additional heat capacitance of the package in case of non-ideal cooling. It is not needed if R thCA=0 K/W.
Rev. 1.4
page 4
2009-11-27
SPP06N60C3
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
80 102
limited by on-state resistance 1 s
60
10
1
10 s
100 s
P tot [W]
I D [A]
40
100
DC 1 ms 10 ms
20
10-1
0 0 40 80 120 160
10-2 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance I D=f(V DS); T j=25 C parameter: D=t p/T
101
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
20
20 V 7V
16
6.5 V 0.5
100
Z thJC [K/W]
12
0.2 0.1 0.05 0.02 0.01 single pulse
I D [A]
6V
8 10
-1
5.5 V
4
5V
4.5 V 4V
10-2 10-6 10-5 10-4 10-3 10-2 10-1 100
0 0 5 10 15 20
t p [s]
V DS [V]
Rev. 1.4
page 5
2009-11-27
SPP06N60C3
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
8
20 V V4 7V 6.5 V 5.5 V V 4.5 V5 V 5.5 V6 6V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
4
6
3
5V
R DS(on) []
I D [A]
V 20
4
2
4.5 V
2
4V
1
0 0 5 10 15 20
0 0 2 4 6 8 10
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=3.9 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
2
25
C 25
1.6
20
R DS(on) []
1.2
15
98 %
0.8
I D [A]
typ
10
C 150
0.4
5
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 1.4
page 6
2009-11-27
SPP06N60C3
9 Typ. gate charge V GS=f(Q gate); I D=6.2 A pulsed parameter: V DD
12
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
10
25 C V 120 V 480 25 C, 98% 150 C, 98%
8
101
150 C
V GS [V]
6
I F [A]
100 10-1 0 10 20 30 0 0.5 1 1.5 2 2.5
4
2
0
Q gate [nC]
V SD [V]
11 Avalanche SOA I AR=f(t AR) parameter: T j(start)
8
12 Avalanche energy E AS=f(T j); I D=3.1 A; V DD=50 V
250
200 6
150 4
E AS [mJ]
100
125 C 25 C
I AV [A]
2 50
0 10-3 10-2 10-1 100 101 102 103
0 20 60 100 140 180
t AR [s]
T j [C]
Rev. 1.4
page 7
2009-11-27
SPP06N60C3
13 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA 14 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
700
104
660
103
Ciss
V BR(DSS) [V]
C [pF]
620
102
Coss
580
101
Crss
540 -60 -20 20 60 100 140 180
100 0 100 200 300 400 500
T j [C]
V DS [V]
15 Typ. C oss stored energy E oss= f(V DS)
5
4
3
E oss [J]
2 1 0 0 100 200 300 400 500 600
V DS [V]
Rev. 1.4
page 8
2009-11-27
SPP06N60C3
Definition of diode switching characteristics
Rev. 1.4
page 9
2009-11-27
SPP06N60C3
PG-TO220-3-1
Rev. 1.4
page 10
2009-11-27
SPP06N60C3
Rev. 1.4
page 11
2009-11-27


▲Up To Search▲   

 
Price & Availability of SPP06N60C309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X