Part Number Hot Search : 
C20T10Q UF4003S B14NK60Z UF4003S KE39A SCHIP DFLT17A MIC920
Product Description
Full Text Search
 

To Download SF14G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPER FAST GLASS PASSIVATED RECTIFIER
SF11G/RG THRU SF18G/RG
FEATURES
* * * * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
DO-41
R-1
Super fast switching speed Glass passivated chip junction Low power loss, high efficiency Low leakage High surge capacity High temperature soldering guaranteed 260/10 second, 0.375(9.5mm) lead length SF11G Packing DO-41, SF11RG Packing R-1.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color Band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012ounce, 0.33 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SF SF SF SF SF SF SF SF SYMBOLS UNIT 11G/RG 12G/RG 13G/RG 14G/RG 15G/RG 16G/RG 17G/RG 18G/RG Maximum Repetitive Peak Reverse Voltage VRRM 50 100 150 200 300 400 500 600 Volts Maximum RMS Voltage VRMS 35 70 105 140 210 280 350 420 Volts Maximum DC Blocking Voltage VDC 50 100 100 200 300 400 500 600 Volts
Maximum Average Forward Rectified Current 0.375(9.5mm) lead length at T A=55 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current at rated DC Blocking Voltage at TA = 25 TA = 125 * * *
I(AV) IFSM VF IR trr CJ RJC TJ TSTG 15 0.95
1.0 30 1.25 5.0 50 35 10 60 (-55 to +150) (-55 to +150) 1.7
Amps Amps Volts A nS pF
/W
Maximum Reverse Recovery Time Test conditions lF=0.5A, lR=1.0A, lRR=0.25A Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) Typical Thermal Resistance (NOTE 1) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Thermal resistance from junction to ambient with 0.375(9.5mm) lead length, PCB mounted.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SUPER FAST GLASS PASSIVATED RECTIFIER
SF11G/RG THRU SF18G/RG
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
RATING AND CHRACTERISTIC CURVES SF11G/RG THRU SF18G/RG
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
1.0
30
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax 20
0.8
(A)
0.6
0.4
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
10
0.2
1 Cycle 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100
0 0 25 50 55 75
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT,
4G
-1
RG
/R
1.0
G/
15
SF
SF
S
F1
(A)
0.1
TJ =25 C Pulse Width=300us 1% Duty Cycle
(A)
7G
11
/R
G
G
8 -1
G
G
-1
/R
G
INSTANTANEOUS REVERSE CURRENT,
G
/R
6G
/R G
TJ =125 C 10
1.0
TJ =25 C
0.01
0.1 0 20 40 60 80 100 120 140
0.001 0.4
PERCENT OF RATED PEAK
0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
100 SF11G-SF14/G
JUNCTION CAPACITANCE,(pF)
SF15G-SF18/G
F1G.6-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
Trr
50 10 NONINDUCTIVE NONINDUCTIVE (-) 10 (+) 25 Vdc (approx.) (-) T J =25 C f=1MHz Vsig=50mVp-p D.U.T. PULSE GENERATIOR (NOTE 2) (+) OSCILLOSCOPE (NOTE 1)
+0.5A
0 -0.25A
1 NON INDUCTIVE
-1.0A
1cm
1.0 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
NOTES : 1.Rise Time=7ns mas. Input Impedance= 1 magohm. 22pF 2.Rise time=10ns max. Source Impedance= 50 ohms
SET TIME BASE FOR 50/100ns/cm
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SF14G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X