|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0740950034 Active 2.54mm (.100") Pitch SLTM Header, Single Row, Vertical, Shrouded, 4 Circuits, 0.38m (15") Gold (Au) Selective Plating over Tin (Sn) Plating Documents: Drawing (PDF) Product Specification PS-70400 (PDF) Product Specification PS-74095-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Product Name PCB Headers 74095 Wire-to-Board SLTM Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 4 4 Black 25 No 94V-0 No No None Yes Copper Alloy Gold Tin High Temperature Thermoplastic 1 Vertical 0.174 In 4.41 mm No None 0.093 In 2.36 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 15 0.38 Yes No Fully No No -40C to +105C Search Parts in this Series 74095Series Termination Interface: Style Through Hole - Compliant Pin Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-70400, PS-74095-001 SD-74095-001 This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-74095-001 |