Part Number Hot Search : 
GL561 C6707 1SV10 3KP20 BGY212A INFINEON 2N6782 MB8992X
Product Description
Full Text Search
 

To Download SD-47182-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0471821001 Active
battery_connectors 2.00mm (.079") Pitch Battery Connector, SMT, Width 5.98mm (.235"), Working Height 2.10mm (.083"), 2 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-47182-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 47182 Board-to-Board battery_connectors Battery Connector, Compression Connector, One Piece EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 2 2 10,000 No No No None None 0.083 In 2.10 mm Gold Gold 1 Vertical No None Embossed Tape on Reel 0.079 In 2.00 mm 30 0.76 No No No No -40C to +85C Surface Mount
Search Parts in this Series 47182Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 200V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47182-001 PS-47182-001 SD-47182-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-47182-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X