Part Number Hot Search : 
ZNBG3115 3728LX BC848S USD025A 200RL 16C1003 MZO11DAG DR208
Product Description
Full Text Search
 

To Download SCM1100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1-2-6 High-voltage 3-phase Motor Driver IPMs
SCM1100M Series Support for 3-shunt, Output Element : IGBT
Features
* Each half-bridge circuit consists of a pre-driver circuit that is completely independent from the others * Protection against simultaneous high- and low-side turning on * Bootstrap diodes with series resistors for suppressing inrush current are incorporated * CMOS compatible input (3.3 to 5 V) * Designed to minimize simultaneous current through both high- and low-side IGBTs by optimizing gate drive resistors * UVLO protection with auto restart * Overcurrent protection with off-time period adjustable by an external capacitor * Fault (FO indicator) signal output at protection activation: UVLO (low side only), OCP, and STP * Proprietary power DIP package * UL Recognized Component (File No.: E118037)
Absolute Maximum Ratings
- - - - - - C C C C C C
- -
- -
- -
- -
- -
- -
Recommended Operating Conditions
- - - - - - - - - - - - - - -

-
C
- -
144
ICs
SCM1100M Series
Electrical Characteristics
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
-
- - - - - - - - - -
-
- - - - -
- - - - -
- - - -
- - - - - - - - - - - - - - - - - - -
- - - - - - - - - - -
- - - - - - - - - - -
- - - - - - - - - - -
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
-
- - - - - - - - - -
-
- - - - -
- - - - -
- - - -
- - - - - - - - - - - - - - - - - - -
- - - - - - - - - - -
- - - - - - - - - - -
- - - - - - - - - - -
ICs
145
1-2-6 High-voltage 3-phase Motor Driver ICs
Internal Block Diagram (Single Circuit)
HS VB
VB
VBB
VCC
VCC HIN LIN
UV Detect Input Logic & Shoot Through Prevention Level Shift
HO
HIN LIN
Drive Corcuit
HS
U,V,W
UV Detect O.C. Protect
COM FO CFO
COM FO CFO
Drive Corcuit
LD
LS
LS
HVIC
Typical Connection Diagram
8 7 CBOOT 6 VCC HIN LIN Input Logic & Shoot Through Prevention VB UV Detect Level Shift HO Drive Circuit
SCM1100M
31
5 3
32 HS
The input pulldown resistor is built in IC (about 100 k). However, if the input is expected to be unstable or very fluctuant, it needs to be reinforced with external resistor. Attach capacitors near IC. Attach a ceramic capacitor in parallel with the electrolytic capacitor if too much noise is generated.
UV Detect O.C. Protect
4 1 2 16 15 CBOOT 14 13
Controller
COM FO CFO
Drive Circuit LO 33 LS HVIC1
28 VB UV Detect Input Logic & Shoot Through Prevention Level Shift Drive Circuit 29 HS UV Detect O.C. Protect M
VCC HIN LIN
HO
11
12 9 10 24 23 CBOOT 22 21 19 VFO RFO 20 17 18 CN VCC
COM FO CFO
Drive Circuit LO 30 LS HVIC2
25 VB VCC HIN LIN Input Logic & Shoot Through Prevention UV Detect Level Shift Drive Circuit 26 HS UV Detect O.C. Protect HO
COM FO CFO
Drive Circuit LO 27 LS HVIC3 RS
VBB
CFO
146
ICs
SCM1100M Series
External Dimensions (SCM)
(Unit : mm)
Pitch tolerance by the lead root size: 0.1 (lead center)
Planar state diagram
Root
(lead center)
JAPAN
Part No.
Lot No.
(lead center)
(lead center) (lead center)
Pitch tolerance by the lead root size: 0.1 (lead center)
C lead cross-section (S=9)
B lead cross-section (S=9)
A lead cross-section (S=9) D lead cross-section (S=9) (Size after solder dip)
Without Fin (SCM1100M)
Forming No. 2551 Product Mass: Approx. 12.6g
Pitch tolerance by the lead root size: 0.1 (lead center)
Planar state diagram
Root
(lead center)
JAPAN
Part No.
Lot No.
(lead center)
(lead center) (lead center)
Pitch tolerance by the lead root size: 0.1 (lead center)
C lead cross-section (S=9)
B lead cross-section (S=9)
A lead cross-section (S=9) D lead cross-section (S=9) (Size after solder dip)
With Fin (SCM1100MF)
Forming No. 2552 Product Mass: Approx. 13.5g
ICs
147


▲Up To Search▲   

 
Price & Availability of SCM1100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X