Part Number Hot Search : 
TSOP22 2A0421 CTIP4 2SD12 ER1001AF P1200A07 10001 05006
Product Description
Full Text Search
 

To Download SBL2040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SCHOTTKY BARRIER DIODE
SBL2040
IF(AV) VRRM Tj VF(max)
MAIN
CHARACTERISTICS
202x10A 40 V 150 0.5V @Tj=125
Package
TO-22O
TO-22OF

APPLICATIONS
High frequency switch power supply Free wheeling diodes, polarity protection applications TO-22OHF
RoHS
FEATURES
Common cathode structure Low power loss, high efficiency High Operating Junction Temperature Guard ring for overvoltage protectionHigh reliability RoHS product
ORDER MESSAGE
Order codes SBL2040Z SBL2040ZR SBL2040F SBL2040FR SBL2040HF SBL2040HFR Halogen Free NO YES NO YES NO YES Device Weight 1.98 g(typ) 1.98 g(typ) 1.70 g(typ) 1.70 g(typ) 1.70 g(typ) 1.70 g(typ) Marking SBL2040 SBL2040 SBL2040 SBL2040 SBL2040 SBL2040 Package TO-220 TO-220 TO-220F TO-220F TO-220HF TO-220HF Packaging Tube Tube Tube Tube Tube Tube
(Rev.)201003H
1/7
R
SBL2040
ABSOLUTE RATINGS (Tc=25)


Parameter Repetitive peak reverse voltage Maximum DC blocking voltage Average forward current TC=100 (TO-220, TO-220F, TO-220HF) per device
Symbol VRRM VDC
Value 40 40 20
Unit V V
IF(AV) per diode 10
A
Surge non repetitive forward current 8.3ms -- JEDEC 8.3 ms single half-sine-wave (JEDEC Method) Maximum junction temperature Storage temperature range
IFSM
150
A
Tj TSTG
150 -40~+150

ELECTRICAL CHARACTERISTICS
Tests conditions Tj =25 Tj =125 Tj =25 Tj =125 VR=VRRM IF=10A 0.50 0.45 200 100 0.60 0.50 Unit A mA V V Parameter IR VF Value(min) Value(typ) Value(max)
THERMAL CHARACTERISTICS
Value(min) Value(max) 2.0 2.4 2.4 Parameter Thermal resistance from junction to case TO-220 TO-220F TO-220HF Symbol Unit
Rth(j-c)
/W
(Rev.)201003H
2/7
R
SBL2040
ELECTRICAL CHARACTERISTICS (curves) IF vs VF IR vs VR
IF(AV) vs TC
CT vs VR
(Rev.)201003H
3/7
R
SBL2040
Unit mm
PACKAGE MECHANICAL DATA TO-220
A
E
F Q
symbol A B b c c1 D D2
MIN 4.40 1.10 0.70 0.28 0.32 14.45 8.20 9.60 2.39 1.20 13.05 3.70 2.40 2.20 3.50
MAX 4.80 1.40 0.95 0.48 0.52 16.00 9.20 10.40 2.69 1.35 14.05 3.90 3.00 2.90 4.00
P
D
D2
L2
B b
L
Q1
c
E e F L L2 Q
c1
e
e
Q1 P
(Rev.)201003H
A
4/7
R
SBL2040
Unit mm
PACKAGE MECHANICAL DATA TO-220F
E P Q F
L
B1
B
L2
D
e
b
Q1
A B B1 b
c
Symbol
Min 4.3 1.5 1.1 0.5 0.5 14.5 9.96 2.8 12.7 3.6 3.3 2.5 2.5
Max 4.7 1.75 1.35 0.75 0.75 15.5 10.36 3.2 13.7 4.0 3.7 2.9 2.9
A
c D E e F L L2 P Q Q1
2.54typ
(Rev.)201003H
5/7
R
SBL2040
Unit mm
PACKAGE MECHANICAL DATA TO-220HF
E P Q
A F
D2
A B1
D
Symbol
Min 4.0 0.87 0.72 0.5 15.0 7.8 9.62 2.3 12.0 3.1 3.0 3.15 2.2
Max 5.0 1.27 0.92 0.70 16.5 9.4 10.62 3.3 14.0 3.5 3.4 3.55 2.5
L2
b c D D2 E e
B1
b c Q1
L
2.54(typ)
e
e
F L L2 P Q Q1
(Rev.)201003H
6/7
R
SBL2040
NOTE
Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. 1.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533
Appendix Revision History
Date 2010-3-22 Last Rev. New Rev. 200911G 201003H Description of Changes Added TO-220HF.
(Rev.)201003H
7/7


▲Up To Search▲   

 
Price & Availability of SBL2040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X