Part Number Hot Search : 
278M00 1SMA5941 NCP21XV N306AD SMLG110 80NF10 BU400 SL900
Product Description
Full Text Search
 

To Download R2A20111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Renesas PFC Control IC for Digital-TV
R2A20111
Features
April 2010
VCC SS EO FB IAC PFC-ON CT RT
1. Continuous conduction mode is suitable for the system with large and high frequency variation of current. 2. Easy design by separate current terminal. 3. Hold function countermeasure to AC temporary blackout. It is possible to set no soft start time by chip capacitor. 4. Feed back loop detector. 5. Soft start period become short by quick soft start function. 6. Improve the load regulation by gm Amp at feed back Amp.
OUT GND DELAY CGND CAI VREF CAO CLIMIT
DIP16 or SOP16
1. Continuous conduction mode suitable for the system
Input average current Input voltage
2. Easy design by separate current terminal
Conventional R2A20111
V-AMP FB Multi CS C-AMP C-limiter EO CAI VREF CLIMIT C-limiter Multi C-AMP Constant power limiter
Advantages
Weaknesses
* Small radiation noise * A little bit complex * Small peak current circuit. * Non-influenced of current change. Continuous conduction mode Choke coil current * Simple circuit * Large radiation noise * Large peak current * Large choke coil
Critical conduction mode
(Discontinuous)
lout change case In case of continuous current mode, not so much change peak current. In case of critical current mode, the peak current is so large. Large current change
Possible to set no coil vibration at start up and current limit.
4. Feed back loop detector
Built in over voltage protection. And feedback loop absence detection can stop output pulse and PG. Therefore bulk capacitor & FET is not broken by R2A20111. Conventional
Bulk voltage
R2A20111
Bulk voltage The feed back loop disconnection is detected, and stop pulse!
3. Hold function countermeasure to AC temporary blackout
AC input Hold counter
Hold timer (Adjustable)
AC blackout
cut FB
In case of feed back loop down, bulk voltage rise up to abnormal voltage. And cut capacitor is broken. Conventional IC w/o this function
FB
Prevention from destruction of bulk capacitor and power MOSFET!
R2A20111
Bulk voltage FET OUT (R2A20111) FET OUT (Conventional IC)
IC operation does not stop for set period, therefore recovery is faster, available in the area where power supply is not stable.
6. Improve load regulation by gm Amp at feed back Amp
In voltage feedback Amp case, feedback current flow influence to load regulation. Conventional R2A20111
VOUT
5. Soft start period become short by quick soft start functionVOUT
Soft start voltage Triangle wave
Css=4.7uF Improved time=4.7uFX1V/25uA=188ms. R2 R1
Renesas General soft start period
Error Amp VEO VREF
R2 R1
FB
Error Amp
VREF
Example of Application Circuit
Small & high reliability systems * Target power range is over 300V. * Realize high reliability on PFC block by R2A20111 and coordinate next stage by P.G. * Realize small transformer and high efficiency by using half bridge topology by HA16150. +
380V
12V
R2A20111
HA16150 RJK5015 RJK5015
Down sizing trance
5V
HA16116
Possible to use 500V type FET
Renesas Electronics URL http://www.renesas.com/pfcic
(c)2010. Renesas Electronics Corporation, All rights reserved.


▲Up To Search▲   

 
Price & Availability of R2A20111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X