Part Number Hot Search : 
AL5DA142 00500 N4007 HSB20L 9431MTR U2A33 2SB653 0509S
Product Description
Full Text Search
 

To Download PM50CBS060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI MITSUBISHI
PM50CBS060 PM50CBS060
FLAT-BASE TYPE FLAT-BASE TYPE INSULATED PACKAGE INSULATED PACKAGE
PM50CBS060
FEATURE
a) Adopting 4th generation IGBT chip, which performance is improved by 1m fine rule process. For example, typical Vce(sat)=1.7V b) Using new Diode which is designed to get soft reverse recovery characteristics. c) Over-temperature protection by detecting Tj of the IGBT chips * 3 50A, 600V Current-sense IGBT type inverter * Monolithic gate drive & protection logic * Detection, protection & status indication circuits for overcurrent, short-circuit, over-temperature & under-voltage * Acoustic noise-less 3.7kW class inverter application
APPLICATION Servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
7 2.54 23.79 1
120 1060.3 2.54 2.54 2.54 2.54 10.16 10.16 10.16 2.54 2.54 2.54 2.54 2.54 2.54 4 7 10 15 11 6.5
8.5
5.5 MOUNTING HOLES
50
39
R7
25
2.5
7 15
W 19
V 19
U 19
N 19
P 10
9 3 5
1
0.64
Terminal code 1. 2. 3. 4. 5. 6. 7. 8. VWPC WP VWP1 VVPC VP VVP1 VUPC UP 9. 10. 11. 12. 13. 14. 15. VUP1 VNC VN1 WN VN UN Fo
2
LABEL
30
28
6
10
Sep. 2001
MITSUBISHI
PM50CBS060
FLAT-BASE TYPE INSULATED PACKAGE
INTERNAL FUNCTIONS BLOCK DIAGRAM
Rfo=1.5k
WP Fo VNC WN VN1 VN UN VWPC VWP1 VVPC VP VVP1 VUPC UP VUP1
Rfo
Gnd In Fo Vcc
Gnd In Fo Vcc
Gnd In Fo Vcc
Gnd In
Vcc
Gnd In
Vcc
Gnd In
Vcc
Gnd Si Out OT
Gnd Si Out OT
Gnd Si Out OT
Gnd Si Out OT
Gnd Si Out OT
Gnd Si Out OT
N
W
V
U
P
MAXIMUM RATINGS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCES IC ICP PC Tj Parameter Collector-Emitter Voltage Collector Current Collector Current (Peak) Collector Dissipation Junction Temperature Conditions VD = 15V, VCIN = 15V TC = 25C TC = 25C TC = 25C Ratings 600 50 100 152 -20 ~ +150 Unit V A A W C
CONTROL PART
Symbol VD VCIN VFO IFO Parameter Supply Voltage Input Voltage Fault Output Supply Voltage Fault Output Current Conditions Applied between : VUP1-VUPC VVP1-VVPC, VWP1-VWPC, VN1-VNC Applied between : UP-VUPC, VP-VVPC WP-VWPC, UN * VN * WN-VNC Applied between : FO-VNC Sink current at FO terminal Ratings 20 20 VD+0.5 20 Unit V V V mA
Sep. 2001
MITSUBISHI
PM50CBS060
FLAT-BASE TYPE INSULATED PACKAGE
TOTAL SYSTEM
Parameter Supply Voltage Protected by VCC(PROT) OC & SC VCC(surge) Supply Voltage (Surge) Module Case Operating TC Temperature Storage Temperature Tstg Viso Isolation Voltage Symbol Conditions VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125C Start Applied between : P-N, Surge value (Note-1) Ratings 400 500 -20 ~ +110 -40 ~ +125 60Hz, Sinusoidal Charged part to Base, AC 1 min. 2500 Unit V V C C Vrms
(Note-1) Tc(under the chip) measurement point is below. (Unit : mm) Arm Axis X Y IGBT 83.3 2.7 UP FWDi 83.3 -3.8 IGBT 41.8 2.7 VP FWDi 41.8 -3.8 IGBT 16.8 2.7 WP FWDi 16.8 -3.8 IGBT 70.8 -3.4 UN FWDi 70.8 -9.8 IGBT 54.3 -3.4 VN FWDi 54.3 -9.8 IGBT 29.3 -3.4 WN FWDi 29.3 -9.8
Y
Bottom view
X
-Y
P
N
U
V
W
THERMAL RESISTANCES
Symbol Rth(j-c')Q Rth(j-c')F Rth(c-f) Parameter Junction to case Thermal Resistances Test Conditions Tc measured point is just under the chips Inverter IGBT part (per 1/6 module) Tc measured point is just under the chips Inverter FWDi part (per 1/6 module) Case to fin, (per 1 module) Thermal grease applied Min. -- -- -- Limits Typ. -- -- -- Max. 0.82* 1.51* 0.046 Unit C/W C/W C/W
Contact Thermal Resistance
*: If you use this value, Rth(f-a) should be measured just under the chips.
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCE(sat) VEC ton trr tc(on) toff tc(off) ICES Parameter Collector-Emitter Saturation Voltage FWDi Forward Voltage Test Conditions VD = 15V, IC = 50A Tj = 25C (Fig. 1) Tj = 125C VCIN = 0V, Pulsed -IC = 50A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 15V0V VCC = 300V, IC = 50A Tj = 125C Inductive Load VCE = VCES, VD = 15V (Fig. 4) Tj = 25C Tj = 125C Min. -- -- -- 0.8 -- -- -- -- -- -- Limits Typ. 1.7 1.7 2.2 1.2 0.15 0.4 2.4 0.5 -- -- Max. 2.3 2.3 3.3 2.4 0.3 1.0 3.3 1.0 1 10 Unit V V s s s s s mA
(Fig. 2)
Switching Time
(Fig. 3)
Collector-Emitter Cutoff Current
Sep. 2001
MITSUBISHI
PM50CBS060
FLAT-BASE TYPE INSULATED PACKAGE
CONTROL PART
Symbol ID Vth(ON) Vth(OFF) OC Parameter Circuit Current Input ON Threshold Voltage Input OFF Threshold Voltage Over Current Trip Level Short Circuit Trip Level Over Current Delay Time Over Temperature protection Supply Circuit Under-Voltage Protection Fault Output Current Minimum Fault Output Pulse Width output output output output Test Conditions VD = 15V, VCIN = 15V VN1-VNC VXP1-VXPC Min. -- -- 1.2 1.7 -- 85 65 -- (Fig. 5,6) Trip level Reset level Trip level Reset level (Note-2) (Note-2) -- 135 -- 11.5 -- -- -- 1.0 Limits Typ. 40 13 1.5 2.0 -- 110 -- 132 10 145 125 12.0 12.5 -- 10 1.8 Max. 60 18 1.8 2.3 180 150 -- -- -- 155 -- 12.5 -- 0.01 15 -- Unit mA V V A
Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN-VNC Tj = -20C VD = 15V (Fig. 5,6) Tj = 25C Tj = 125C -20 Tj 125C, VD = 15V (Fig. 5,6) VD = 15V Detect Tj of IGBT chip -20 Tj 125C VD = 15V, VFO = 15V VD = 15V
SC toff(OC) OT OTr UV UVr IFO(H) IFO(L) tFO
A s C C V V mA mA ms
(Note-2) Fault Fault Fault Fault
is given only when the internal OC, SC, OT & UV protection. of OC, SC, OT & UV protection operate by lower arm. of OC, SC protection given pulse. of OT, UV protection given pulse while over trip level.
MECHANICAL RATINGS AND CHARACTERISTICS
Symbol -- -- -- Parameter Mounting torque Mounting torque Weight Main terminal Mounting part -- Test Conditions screw : M5 screw : M5 Min. 2.5 2.5 -- Limits Typ. 3.0 3.0 400 Max. 3.5 3.5 -- Unit N*m N*m g
RECOMMENDED CONDITIONS FOR USE
Symbol VCC VD VCIN(ON) VCIN(OFF) fPWM tdead Parameter Supply Voltage Control Supply Voltage Input ON Voltage Input OFF Voltage PWM Input Frequency Arm Shoot-through Blocking Time Test Conditions Applied across P-N terminals Applied between : VUP1-VUPC, VVP1-VVPC VWP1-VWPC, VN1-VNC (Note-3) Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN-VNC Using Application Circuit of Fig.8 For IPM's each input signals (Fig. 7) Recommended value 400 15.0 1.5 0.8 4.0 20 2.5 Unit V V V V kHz s
(Note-3) With ripple satisfying the following conditions dv/dt swing 5V/s, Variation 2V peak to peak
Sep. 2001
MITSUBISHI
PM50CBS060
FLAT-BASE TYPE INSULATED PACKAGE
PRECAUTIONS FOR TESTING 1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corresponding supply voltage and each input signal should be kept off state. After this, the specified ON and OFF level setting for each input signal should be done. 2. When performing "OC" and "SC" tests, the turn-off surge voltage spike at the corresponding protection operation should not be allowed to rise above VCES rating of the device. (These test should not be done by using a curve tracer or its equivalent.)
P, (U,V,W)
IN (Fo) IN (Fo)
P, (U,V,W)
VCIN
(0V)
V
Ic
VCIN
(15V)
V
-Ic
VD (all)
U,V,W, (N)
VD (all)
U,V,W, (N)
Fig. 1 VCE(sat) Test a) Lower Arm Switching
VCIN (15V) VCIN Signal input (Upper Arm) Signal input (Lower Arm)
Fo
Fig. 2 VEC Test
P
trr
U,V,W
Irr
CS
VCE Ic 90%
Vcc 90%
N
VD (all)
b) Upper Arm Switching
VCIN Signal input (Upper Arm) Signal input (Lower Arm)
Fo
Ic
P
10%
10% tc (on)
10% tc (off)
10%
U,V,W
VCIN
CS
Vcc
td (on)
tr
td (off)
tf
VCIN (15V)
(ton= td (on) + tr)
N
(toff= td (off) + tf)
VD (all)
Ic
Fig. 3 Switching time Test circuit and waveform
P, (U,V,W) A
IN (Fo)
VCIN
Pulse VCE
VCIN (15V)
Over Current
VD (all)
U,V,W, (N)
IC toff (OC) Constant Current
OC
Fig. 4 ICES Test
P, (U,V,W)
IN (Fo)
Short Circuit Current
VCC IC
Constant Current SC
VCIN
VD (all)
U,V,W, (N)
IC
Fig. 5 OC and SC Test
Fig. 6 OC and SC Test waveform
VCINP 0V VCINN 0V t t
tdead
tdead
tdead
Fig. 7 Dead time measurement point example
Sep. 2001
MITSUBISHI
PM50CBS060
FLAT-BASE TYPE INSULATED PACKAGE
P
20k 10
VUP1
Vcc
VD
IF
UP VUPC
0.1
OT OUT Si U
In GND GND Vcc OT OUT Si
+ -
VVP1
VD
VP VVPC VWP1
In GND GND Vcc OT OUT Si
V
M
VD
20k
WP VWPC
In GND GND Vcc Fo OT OUT Si
W
IF
10
UN
0.1
In GND GND N OT
20k
IF
10
Vcc VN Fo In
OUT Si
0.1 20k
GND GND VN1
10
Vcc Fo In
OT OUT Si
VD
IF
WN
0.1
VNC
GND GND
5V
1k
Fo
Rfo
: Interface which is the same as the U-phase
Fig. 8 Application Example Circuit
NOTES FOR STABLE AND SAFE OPERATION ; Design the PCB pattern to minimize wiring length between opto-coupler and IPM's input terminal, and also to minimize the stray capacity between the input and output wirings of opto-coupler. Connect low impedance capacitor between the Vcc and GND terminal of each fast switching opto-coupler. Fast switching opto-couplers : tPLH, tPHL 0.8s, Use High CMR type. Slow switching opto-coupler : CTR > 100% Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the power supply. Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N terminal. Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line and improve noise immunity of the system.
* * * * * * *
Sep. 2001


▲Up To Search▲   

 
Price & Availability of PM50CBS060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X