Part Number Hot Search : 
B1110 SQ7414EN ADS12 CM21B LV5813TT L6561D TRLPB 8AG80
Product Description
Full Text Search
 

To Download P300B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P300A thru P300M
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
Features
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 High surge current capability Typical IR less than 0.1uA Construction utilizes void-free molded plastic technique 3.0 Amperes operation at TA=90oC with no thermal runaway High temperature soldering guaranteed: 250oC/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension TJ is 150oC (Max.) and TSTG is 175oC (Max.) with PI glue
Mechanical Data
Case: JEDEC DO-201AD, molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.04 ounce, 1.1 grams
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current at rated DC blocking voltage Typical reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance (Note 1) Operating junction temperature range Storage temperature range TA=25oC TA=100oC Symbols VRRM VRMS V DC IF(AV) IFSM VF IR trr CJ RJA RJL TJ TSTG P 300A 50 35 50 P 300B 100 70 100 P 300D 200 140 200 P 300G 400 280 400 3.0 P 300J 600 420 600 P 300K 800 560 800 P 300M 1000 700 1000 Units Volts Volts Volts Amps
200.0 1.2 5.0 25 1.0 30 20.0 5.0 -55 to +125 -55 to +150
Amps Volts uA us pF
o
C/W
o
C C
o
Notes:
1. Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted with 0.8" x 0.8" (20 x 20mm) copper heatsinks
65
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
66


▲Up To Search▲   

 
Price & Availability of P300B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X