Part Number Hot Search : 
10100CT ADP3300 UR13205 B102J W005G 1A66C ON1153 SY89216V
Product Description
Full Text Search
 

To Download P1602ABLXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
SIDACtor(R) Series - Modified TO-220
Description The SIDACtor(R) Series Modified TO-220 are designed to protect baseband equipment from damaging overvoltage transients. The series provides a robust single port through-hole solution that enables voice though DS-1 equipment to comply with various global regulatory standards. Features and Benefits Low voltage overshoot Low on-state voltage Agency Approvals
Agency Agency File Number E133083
Does not degrade with use Modified TO-220 Package Applicable Global Standards
Fails short circuit when surged in excess of ratings Single-port protection Lead forms available
Pinout Designation
Level*
PIN 1 PIN 2 PIN 3
*A/B-rated parts require series resistance
Schematic Symbol
1 (T) 3 (R) 2 (G)
Electrical Characteristics
VDRM VS VDRM VS @lDRM=5A @100V/s @lDRM=5A @100V/s Part Number Marking
V min V max V min V max Pins 1-3
VT @IT=2.2 A
V max Pins 1-2, 3-2
IH
mA min
IS
mA max
IT
Capacitance
@1MHz, 2V bias
Pins 1-2, 3-2
A pF min pf max max
P0602AALxx P1402AALxx P1602AALxx P2202AALxx P2702AALxx P3002AALxx P3602AALxx P4202AALxx P4802AALxx P6002AALxx
P0602AA P1402AA P1602AA P2202AA P2702AA P3002AA P3602AA P4202AA P4802AA P6002AA
25 58 65 90 120 140 170 190 220 275
40 77 95 130 160 180 220 250 300 350
50 116 130 180 240 280 340 380 440 550
80 154 190 260 320 360 440 500 600 700
4 4 4 4 4 4 4 4 4 4
50 150 150 150 150 150 150 150 150 150
800 800 800 800 800 800 800 800 800 800
2.2 2.2 2.2 2.2 2.2 See Capacitance Values Table 2.2 2.2 2.2 2.2 2.2
Table continues on next page.
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. 166 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Electrical Characteristics (continued)
VDRM VS VDRM VS @lDRM=5A @100V/s @lDRM=5A @100V/s V min 25 58 65 90 120 140 170 190 220 275 25 58 65 90 120 140 170 190 220 275 V max 40 77 95 130 160 180 220 250 300 350 40 77 95 130 160 180 220 250 300 350 V min 50 116 130 180 240 280 340 380 440 550 50 116 130 180 240 280 340 380 440 550 V max 80 154 190 260 320 360 440 500 600 700 80 154 190 260 320 360 440 500 600 700
Pins 1-2, 3-2 Pins 1-3
Part Number
Marking
VT @IT=2.2 A V max
Pins 1-2, 3-2
IH
mA min
IS
mA max
IT
A max
Capacitance
P0602ABLxx P1402ABLxx P1602ABLXX P2202ABLxx P2702ABLxx P3002ABLxx P3602ABLxx P4202ABLxx P4802ABLxx P6002ABLxx P0602ACLxx P1402ACLxx P1602ACLxx P2202ACLxx P2702ACLxx P3002ACLxx P3602ACLxx P4202ACLxx P4802ACLxx P6002ACLxx
P0602AB P1402AB P1602AB P2202AB P2702AB P3002AB P3602AB P4202AB P4802AB P6002AB P0602AC P1402AC P1602AC P2202AC P2702AC P3002AC P3602AC P4202AC P4802AC P6002AC
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
50 150 150 150 150 150 150 150 150 150 50 150 150 150 150 150 150 150 150 150
800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800
2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2
See Capacitance Values Table
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional (unless otherwise noted). - XX Part Number Suffix: `RP' (Reel Pack), Blank (Bulk Pack), or `60' (Type 60 lead form bulk pack)
Capacitance Values
pF Pin 1-2, 3-2 Tip-Ground, Ring-Ground MIN MAX 15 145 40 60 35 60 30 50 25 45 25 40 25 35 25 35 20 35 20 35 15 250 40 155 35 145 30 115 25 105 25 95 25 90 25 85 20 85 20 80 pF Pin 1-3 Tip-Ring MIN MAX 10 90 20 35 20 35 15 30 15 25 15 25 10 20 10 20 10 20 10 20 10 145 20 90 20 85 15 65 15 60 15 55 10 50 10 50 10 50 10 45 pF Pin 1-2, 3-2 Tip-Ground, Ring-Ground MIN P0602ACLxx P1402ACLxx P1602ACLxx P2202ACLxx P2702ACLxx P3002ACLxx P3602ACLxx P4202ACLxx P4802ACLxx P6002ACLxx 25 55 45 45 40 35 35 30 30 30 MAX 250 155 145 115 105 95 90 85 85 80 10 30 25 25 20 20 15 15 15 15 pF Pin 1-3 Tip-Ring MIN MAX 145 90 85 65 60 55 50 50 50 45
Part Number P0602AALxx P1402AALxx P1602AALxx P2202AALxx P2702AALxx P3002AALxx P3602AALxx P4202AALxx P4802AALxx P6002AALxx P0602ABLxx P1402ABLxx P1602ABLXX P2202ABLxx P2702ABLxx P3002ABLxx P3602ABLxx P4202ABLxx P4802ABLxx P6002ABLxx
Part Number
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
167 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Surge Ratings
IPP Series 0.2x310 0.5x700 2
1
2x10 2x10 2
1
8x20 1.2x50 2
1
10x160 10x160 2
1
10x560 1 10x560 2 A min 50 100 150
5x320 1 9x720 2 A min 75 100 200
10x360 1 10x360 2 A min 75 125 175
10x1000 1 10x1000 2 A min 45 80 100
5x310 1 10x700 2 A min 75 100 200
ITSM 50/60 Hz A min 20 25 50
di/dt A/s max 500 500 500
A min A B C
Notes: 1 Current waveform in s 2 Voltage waveform in s
A min 150 250 500
A min 150 250 400
A min 90 150 200
20 25 50
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
Thermal Considerations
Package Modified TO-220 Symbol TJ TS
PIN 1 PIN 2 PIN 3
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value
Unit C C
R0JA
60
C/W
V-I Characteristics
+I
tr x td Pulse Waveform
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
2.0
Percent of VS Change - %
10
IH (TC = 25C)
14 12
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
6 4 2 0 -4 -6 -8 -40 -20 0
IH
8
25 C
25C
20 40 60 80 100 120 140 160
Junction Temperature (TJ) - C
Ratio of
Case Temperature (TC) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
168 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
60-180 secs. 3C/sec. Max. 3C/sec. Max. 60-150 secs.
TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak)
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Physical Specifications
Lead Material Terminal Finish Body Material Copper Alloy 100% Matte-Tin Plated
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 JEDEC, JESD22-A-102
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
Part Numbering
Part Marking
XXXXXXXXX
P xxx 2 A x L xx
TYPE
P = SIDACtor
Part Marking Code
(Refer to Electrical Characteristics Table)
PACKING OPTIONS
Blank: Bulk RP: Reel Pack 60: Type 60 Lead Form (Special order item. For type 60 orders, contact factory)
xxxxx
Date Code
MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE
RoHS COMPLIANT IPP RATING
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
169 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Dimensions - Modified TO-220
A O
Tape and Reel Specification -- Modified TO-220
Inches Min Max
0.410 0.375 0.130 0.575 0.035 0.205 0.105 0.075 0.085 0.024 0.188 0.310
Millimeters Min
9.14 2.80 0.63 4.95 2.41 1.52 1.78 0.46 4.52 7 .37
Max
1.626 (41.15)
0.240 (6.10)
0.019 (0.5) 0.750 0.010 (19.05 0.25) 0.360 (9.14)
0.500 (12.7)
D
A
F Temperature Measurement Point P PIN 3 PIN 2 PIN 1 L K H J M N
0.400 0.360 0.110 0.540 0.025 0.195 0.095 0.060 0.070 0.018 0.178 0.290
10.16 10.42 9.53 3.30 0.89 5.21 2.67 1.90 2.16 0.61 4.78 7 .87
D F G H J K L M
0.720 (18.29)
G
13.71 14.61
0.100 (2.54)
0.100 (2.54)
14.173 (360.0) Dimensions are in inches (and millimeters).
Direction of Feed
The modified TO-220 package is designed to meet mechanical standards as set forth in JEDEC publication number 95.
N O P
1.968 (50.0)
Packing Options
Package Type Description Modified TO-220 Tape and Reel Pack A Modified TO-220 Bulk Pack Modified TO-220 Type 60 Lead Form Bulk Pack Quantity 700 500 Added Suffix RP N/A 60 (special order item, contact factory for details)
Industry Standard
EIA-468-B N/A
500
N/A
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
170 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P1602ABLXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X