Part Number Hot Search : 
SK5200 2SC57 S1300 102M9 DTDU0 UR551607 IXTM6N90 IRF131
Product Description
Full Text Search
 

To Download MUR1020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
Features
MUR1010CT THRU MUR1020CT
10 Amp Sup er Fast Gl ass Passivated Rectifier
TO-220AB
Maximum Ratings
* * Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 100V 200V Maximum RMS Voltage Maximum DC Blocking Voltage 100V 200V
Catalog Number
B C K
PIN 1 2 3
L M D A E
MUR1010CT MUR1010CT MUR1020CT MUR1020CT
70V 140V
F G I J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 10 A 55 A TC = 125C 8.3ms, half sine
HH
VF
0.975V 0.925V
TJ = 25C IF= 5A TJ = 125C
PIN 1 PIN 3
PIN 2 CASE
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time Typical Junction Capacitance
IR
5uA 500uA
TJ = 25C TJ = 100C IF=0.5A, Ir=1.0A, Irr=0.25A Measured at 1.0MHz, VR=4.0V
Trr CJ
35ns 80pF
A B C D E F G H I J K L M N
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.cnelectr.com
MUR1010CT thru MUR1020CT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .6 .06 .04 .02 .1 .01 .2 .4 .6 .8 1.0 1.2 1.4 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 16 70 12 60 50 40 Amps 4 20 2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 60 80 100 C Average Forward Rectified Current - Amperes versus Case Temperature - C 120 140 160 0 30 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 20 40 60 100 120 140 160 .4 4 .2 Figure 2 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 TJ=25C Amps 10 6 4 2 1
Figure 4 Maximum Non-Repetitive Forward Surge Current
8
6 Amps
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MUR1020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X