Part Number Hot Search : 
MAX69 FR370 1N5407 ELM307SM 1N4623 T1235H 58000 1200B
Product Description
Full Text Search
 

To Download MTD2009J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
2 Dual Stepper Motor Driver Constant Current Control Function (Fixed Off Time) Current Decay Mode (Fast Decay or Slow Decay) Noise Cancellation Function Cross Conduction Protection Thermal Shutdown Function Built-in Flywheel and Flyback Diodes
Absolute Maximum Ratings
Ta=25 Parameter Logic Supply Voltage Logic Input Voltage Load Supply Voltage Output Current Flywheel Diode Current Power Dissipation Storage Temperature Junction Temperature Symbol VCC VLOGIC Vmm IOUT If PD Tstg Tj -40 0 0 Rating 6 VCC 35 1.2 1.2 2.9 150 150 V V V A A W Ta=25 unless otherwise specified Unit
Electrical Characteristics
Ta=25 Parameter Symbol Condition , Vcc=5V min. Ta=25 , Vcc=5V unless otherwise specified typ. max. Unit
Output stage
Vmm 1 A+B or C+D Load Supply Current 1 Axis A+B or C+D Vmm 2 A+B+C+D Load Supply Current 2 Axis A+B+C+D Output Saturation Voltage Upper side Output Saturation Voltage Lower side Output Leakage Current Diode Forward Drop Upper side Diode Forward Drop Lower side Imm (OFF)1 Imm (OFF)2 VCE VCE
SAT
Vmm=24V, VENA=2.1V, No load Vmm=24V, VENA=2.1V, No load IC=0.8A IC=0.8A Vmm=35V If=0.8A If=0.8A
-
1.2 0.7 1.3 1.3
7 14 1.5 1.0 20 1.6 1.5
mA mA V V A V V
H L
SAT
Ir VFH VFL
Logic stage
VCC VCC1+VCC2 Logic Supply Current VCC1+VCC2 VCC VCC1+VCC2 Logic Supply Current VCC1+VCC2 PHA/ENA/DEC H PHA/ENA/DEC H Input Voltage PHA/ENA/DEC L PHA/ENA/DEC L Input Voltage PHA/ENA/DEC H PHA/ENA/DEC H Input Current PHA/ENA/DEC L PHA/ENA/DEC L Input Current CR CR Charge Current Vref Vref Input Current Vref Vref Input Current Blanking Time Thermal Shutdown Temperature ICC (ON) ICC (OFF) VLOGICH VLOGICL ILOGICH ILOGICL ICR Vref Iref tb TTSD Vref=0V Rt=30k , Ct=1000pF VLOGIC= VLOGIC= VCR=2V H L VENA= VENA= L H 2.1 GND 95 36 -100 1 -1 2.14 150 135 52 VCC 0.8 20 -200 1.0 -10 mA mA V V A A mA V A s
U170-1
www.shindengen.co.jp/product/semi/
Typical Application
OUT B* Rs B OUT B Vmm B Vref B PHA B ENA B DEC B CR B Vcc
3/4
Pin Assignment
OUT A* Rs A OUT A Vmm A Vref A PHA A ENA A DEC A CR A NC
Top View MTD2009J
Vcc CR C DEC C ENA C PHA C Vref C Vmm C OUT C Rs C OUT C*
NC CR D DEC D ENA D PHA D Vref D Vmm D OUT D Rs D OUT D*
Package HSOP40
Recommended External Components Value
Symbol Rs Rt Ct R1+R2 Recommendation 0.68 30 1000 10 k pF k Unit
Truth Table
ENA A or B or C or D PHA A or B or C or D OUT A or B or C or D OUT A*or B*or C* or D* L L H : don't care DECAY L H Decay Mode Fast Slow Switching Transistor Both source and sink transistor Only source transistor L H L H OFF H L OFF
Setting of Output Current, One Shot Off Time and Blanking Time
Output Current Setting lchop Vref 0.012 A Rs One Shot Off Time Setting toff = 1.163 x Ct x Rt Blanking Time Setting Rt 1 - ------------ 1000 tb Ct x Rt x In ---------------------- Rt 3 - ------------ 1000
Ichop
Constant current waveform Motor current
Recommended Operating Conditions
Ta=25 Parameter Junction Temperature Logic Supply Voltage Load Supply Voltage Symbol Tj VCC Vmm Ta=25 unless otherwise specified Unit Recommendation -25 4.75 5 120 5.25 31 V V
www.shindengen.co.jp/product/semi/
U170-1


▲Up To Search▲   

 
Price & Availability of MTD2009J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X