Part Number Hot Search : 
IPD60 AN77L05 4LVC2G L6392 WDW3T ESDA5V G3202 MP880106
Product Description
Full Text Search
 

To Download MMBT4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4401
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE FEATURES
* NPN epitaxial silicon, planar design * Collector-emitter voltage V CE = 40V
.056(1.40) .047(1.20) .007(.20)MIN
40 Volts
POWER
225 mWatts
SOT- 23
Unit: inch (mm)
.119(3.00) .110(2.80)
* Collector current I C = 600mA * In compliance with EU RoHS 2002/95/EC directives
.103(2.60)
MECHANICAL DATA
* Case: SOT-23, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.008 gram
.044(1.10)
.083(2.10) .066(1.70)
.006(.15) .002(.05)
.006(.15)MAX
.020(.50) .013(.35)
NPN
Fig.34
ABSOLUTE RATINGS
PARAMETER C ollector - Emi tter Voltage C ollector - Base Voltage Emi tter - Base Voltage C ollector C urrent - C onti nuous Symbol VCEO VCBO VEBO IC Value 40 60 6.0 600 Uni ts V V V mA
THERMAL CHARACTERISTICS
PARAMETER Max Power Dissipation (Note 1) Thermal Resistance , Junction to Ambient Junction Temperature Storage Temperature Symbol PTOT RJA TJ TISTG Value 225 556 -55 to 150 -55 to 150 Units mW
O
.035(0.90)
* Marking: M4A
.086(2.20)
C/W
O
C C
O
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
STAD-MAY.23.2006 PAGE . 1
MMBT4401
ELECTRICAL CHARACTERISTICS
PA RA M E TE R C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - B a s e B re a k d o wn Vo lta g e E mi tte r - B a s e B re a k d o wn Vo lta g e B a s e C ut o f f C ur r e nt C o l l e c t o r C ut o f f C ur r e nt S ym b o l V (B R) C E O V (B R) C B O V (B R) E B O IBL ICEX Te s t C o n d i t i o n IC = 1 . 0 m A , IB = 0 IC = 1 0 0 u A , IE = 0 IE = 1 0 0 u A , IC = 0 V C E =3 5 V, V E B =0 .4 V V C E =3 5 V, V E B =0 .4 V IC = 0 . 1 m A , V C E = 1 . 0 V IC = 1 . 0 m A , V C E = 1 . 0 V IC = 1 0 m A , V C E = 1 . 0 V IC = 1 5 0 m A , V C E = 1 . 0 V IC = 5 0 0 m A , V C E = 2 . 0 V IC = 1 5 0 m A , IB = 1 5 m A IC = 5 0 0 m A , IB = 5 0 m A IC = 1 5 0 m A , IB = 1 5 m A IC = 5 0 0 m A , IB = 5 0 m A V C B = 5 V , IE = 0 , f = 1 M H z V C B = 0 . 5 V , IC = 0 , f = 1 M H z V C E = 1 0 V , IC = 2 0 m A , f = 1 0 0 M H z V C C =3 0 V,V B E =2 .0 V, IC = 1 5 0 m A , IB 1 = 1 5 m A V C C =3 0 V,V B E =2 .0 V, IC = 1 5 0 m A , IB 1 = 1 5 m A V C C = 3 0 V , IC = 1 5 0 m A IB 1 = IB 2 = 1 5 m A V C C = 3 0 V , IC = 1 5 0 m A IB 1 = IB 2 = 1 5 m A M IN . 40 60 6 .0 20 40 80 100 40 0 .7 5 250 T YP. MA X . 100 100 300 0 .4 0 0 .7 5 0 .9 5 1 .2 0 6 .5 30 15 20 225 30 U ni t s V V V nA nA
D C C ur r e nt G a i n ( N o t e 2 )
hF E
-
C o l l e c t o r - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) B a s e - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) C o l l e c t o r - B a s e C a p a c i t a nc e E m i t t e r - B a s e C a p a c i t a nc e C ur r e nt G a i n - B a nd w i d t h P r o d uc t D e l a y Ti m e R i s e Ti m e S t o r a g e Ti m e F a l l Ti m e
V C E (S AT) V B E (S AT) C CBO C EBO FT td tr ts tf
V V pF pF MHz ns ns ns ns
STAD-MAY.23.2006
PAGE . 2
MMBT4401
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-DEC.01.2006
PAGE . 3


▲Up To Search▲   

 
Price & Availability of MMBT4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X