Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download MMBD4448H08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4448H
SURFACE MOUNT SWITCHING DIODE
Features
* * * * * Fast Switching Speed Surface Mount Package Ideally Suited for Automated Insertion For General Purpose Switching Applications High Conductance Lead Free/RoHS Compliant (Note 3)
Mechanical Data
* * * * * * * * * SOT-23 Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagram Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.008 grams (approximate)
TOP VIEW
TOP VIEW Internal Schematic
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Value 100 80 57 500 250 4.0 2.0 Unit V V V mA mA A
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current (Note 1) (Note 1) @ t = 1.0s @ t = 1.0s
Thermal Characteristics
Characteristic Power Dissipation Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Range (Note 1) (Note 1) Symbol PD RJA TJ , TSTG Value 350 357 -65 to +150 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage Forward Voltage
@TA = 25C unless otherwise specified (Note 2) Symbol V(BR)R VF Min 80 0.62 Max 0.72 0.855 1.0 1.25 100 50 30 25 3.5 4.0 Unit V V nA A A nA pF ns Test Condition IR = 2.5A IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 70V VR = 75V, TJ = 150C VR = 25V, TJ = 150C VR = 20V VR = 6V, f = 1.0MHz VR = 6V, IF = 5mA
Reverse Current Total Capacitance Reverse Recovery Time
Notes:
(Note 2)
IR CT trr
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. 3. No purposefully added lead.
MMBD4448H
Document number: DS30176 Rev. 9 - 2
1 of 3 www.diodes.com
April 2008
(c) Diodes Incorporated
MMBD4448H
500 PD, POWER DISSIPATION (mW)
400
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1,000
100
300
10
TA = -40C TA = 0C
200
100
1
TA = 25C TA = 75C TA = 125C
0 0 40 80 120 160 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve 200
0.1
0
0.8 0.4 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
10,000 IR, INSTANTANEOUS REVERSE CURRENT (nA)
3
f = 1MHz
CT, TOTAL CAPACITANCE (pF)
1,000
2.5
2
100
1.5
10
1
1
0.5
0.1
0
20 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
0 0 10 20 30 40 50 VR, DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage
Ordering Information
Part Number MMBD4448H-7-F
Notes:
(Note 4) Case SOT-23 Packaging 3000/Tape & Reel
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KA3 = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
KA3
Date Code Key Year Code Month Code
2001 M Jan 1
2002 N Feb 2
2003 P Mar 3
2004 R Apr 4
2005 S May 5
YM
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D April 2008
MMBD4448H
Document number: DS30176 Rev. 9 - 2
2 of 3 www.diodes.com
(c) Diodes Incorporated
MMBD4448H
Package Outline Dimensions
A
TOP VIEW
BC
G H K M
J
D
F
L
SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 F 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.085 0.180 8 0 All Dimensions in mm
Suggested Pad Layout
Y Z C
Dimensions Value (in mm) Z 2.9 X 0.8 Y 0.9 C 2.0 E 1.35
X
E
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
MMBD4448H
Document number: DS30176 Rev. 9 - 2
3 of 3 www.diodes.com
April 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBD4448H08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X