Part Number Hot Search : 
1040CT 11G2H SN68340 RFP2907 0TRPBF 8S003F3 8S003F3 AS8525
Product Description
Full Text Search
 

To Download MADP-000208-13180W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MADP-000208-13180W
SURMOUNT TM 8m PIN Diode Pair RoHS Compliant
Features
Surface Mount Device 8 m I-Region Length Devices Two PIN diodes in Flexible Configuration No Wire bonds Required Rugged Silicon-Glass Construction Silicon Nitride Passivation Polymer Scratch Protection Low Parasitic Capacitance and Inductance
M/A-COM Products
Rev. V2
Outline Drawing
Description
The MADP-000208-13180W is a pair of silicon glass PIN diodes incorporated onto one chip and is fabricated using M/A-COM Technology Solutions patented HMICTM process. The device features three silicon pedestals embedded in low loss, low dispersion glass (k=4.1, Tan=0.002). The diodes are formed on the top of pedestals and connections to the backside of the device are made via electrically conductive sidewalls. Selective backside metallization is applied to produce a surface mount device. This vertical topology provides for exceptional heat transfer and also allows the topside to be fully encapsulated with silicon nitride. An additional polymer layer is also added to provide scratch and impact protection. These protective coatings prevent damage to the junction and the anode airbridge during handling and assembly.
Bottom Side Contacts (Circuit Side)
Dim. A B C D E F G Inches min 0.0440 0.0140 0.0045 0.0115 0.0055 0.0055 0.0115 max 0.0460 0.0160 0.0055 0.0125 0.0065 0.0065 0.0125 Millimeter min 1.118 0.355 0.114 0.292 0.140 0.140 0.292 max 1.168 0.406 0.140 0.318 0.165 0.165 0.318
Applications
The MADP-000208-13180W packageless devices are suitable for usage in high incident power, 44.8 dBm C.W at 2 GHz., series, shunt, or series-shunt switches. The low parasitic inductance, < 0.12 nH, and excellent RC constant, make these devices an attractive alternative for high frequency switch elements when compared to their plastic device counterparts.
Ordering Information
Part Number MADP-000208-13180W Package 200 pieces per tray
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADP-000208-13180W
SURMOUNT TM 8m PIN Diode Pair RoHS Compliant
Electrical Specifications1,2,3: TA = +25C D1 - J1 to J3 & D2 - J3 to J4
Parameter Capacitance (CT)4 Resistance (RS) Forward Voltage (VF)4 Reverse Leakage Current (IR)4 C.W. Thermal Resistance (RJL) Lifetime (TL)
1. 2. 3. 4.
M/A-COM Products
Rev. V2
Test Conditions -10 V, 1 MHz +10 mA, 1 GHz +100 mA, 1 GHz +5 mA +100 mA | -90V |
Units pF V A C/W
Min. -- -- -- -- -- -- -- --
Typ. 0.81 0.40 0.30 0.78 1.00 -- 58 0.5
Max. 0.90 0.62 0.52 0.90 1.1 10 -- --
+10 mA / -6 mA ( 50% - 90% V )
S
Total capacitance (CT), is equivalent to the sum of Junction Capacitance (CJ) and Parasitic Capacitance (CPAR) Series resistance (RS) is equivalent to the total diode resistance: RS = RJ (Junction Resistance) + RC (Ohmic Resistance) RS is measured on an HP4291A Impedance Analyzer with die mounted in an ODS-186 package using Sn60/Pb40 solder. On wafer measurement.
Absolute Maximum Ratings
Parameter Forward Current Reverse Voltage Operating Temperature Storage Temperature Junction Temperature C.W. Incident Power Mounting Temperature for RoHS Solders Absolute Maximum 500 mA - 90 V -55 C to +125C -55 C to +150C +175C 44.8 dBm @ 2 GHz +260 C for 10 seconds
Application Schematic
D2
D1
J4
J3
J1
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADP-000208-13180W
SURMOUNT TM 8m PIN Diode Pair RoHS Compliant
Typical Performance Curves @ 25C
Resistance vs. Frequency @ 5, 10 & 20 mA
0.8 0.7 0.6
5 mA 10 mA 20 mA
M/A-COM Products
Rev. V2
Resistance vs. Forward Current @ 30, 500, 1000 MHz
0.7
0.6
30 MHz 500 MHz 1000 MHz
0.5
0.5
0.4
0.4 0.3 0.2 0.0
0.3
0.5
1.0
1.5
2.0
0.2 0.0
20.0
40.0
60.0
80.0
100.0
Frequency (GHz)
Current (mA)
Capacitance vs. Frequency @ 10 & 40 V
0.90
Capacitance vs. Voltage @ 30, 500, 1000 MHz
0.90
0.85
0.85
0.80
0.80
0.75
10 Volts 40 Volts
0.75
30 MHz 500 MHz 1000 MHz
0.70 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.70
0
8
16
24
32
40
Frequency (GHz)
Voltage (V)
Series Inductance vs. Frequency @ 5, 10 & 20 mA
0.12 0.10
Series Inductance vs. Forward Current @ 500 & 1000 MHz
0.12
0.11
0.08 0.06 0.04 0.02 0.00 0.0
0.08
5 mA 10 mA 20 mA
0.10
500 MHz 1000 MHz
0.09
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
3
Frequency (GHz)
I (mA)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADP-000208-13180W
SURMOUNT TM 8m PIN Diode Pair RoHS Compliant Die Handling and Mounting Information
Handling: All semiconductor chips should be handled with care to avoid damage or contamination from perspiration, salts, and skin oils. The use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components. Bulk handling should ensure that abrasion and mechanical shock are minimized. Electro-Static Sensitivity: The MADP-000208-13108W Diode Pair are ESD, Class 1A sensitive (HBM). Proper ESD precautions should be taken. Die Attach Surface: Die can be mounted with an 80Au/Sn20, eutectic solder preform, RoHS compliant solders or electrically conductive silver epoxy. The metal RF and D.C. ground plane mounting surface must be free of contamination and should have a surface flatness of < 0.002". Eutectic Die Attachment Using Hot Gas Die Bonder: A work surface temperature of 255oC is recommended. When hot forming gas is applied, the temperature should be approximately 290oC. The chip should not be exposed to temperatures greater than 320oC for more than 10 seconds. Eutectic Die Attachment Using Reflow Oven: Please visit the www.macomtech.com and see Application Note M538, "Surface Mounting Instructions" for the recommended time-temperature profile. Electrically Conductive Epoxy Die Attachment: A controlled amount of electrically conductive, silver epoxy, approximately 1-2 mils in thickness, should be used to minimize ohmic and thermal resistance. A thin epoxy fillet should be visible around the perimeter of the bond pad after placement to ensure full area coverage. Cure conductive epoxy per manufacturer's schedule. Typically 150C for 1 hour.
M/A-COM Products
Rev. V2
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MADP-000208-13180W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X