Part Number Hot Search : 
C5000 OP490 ML60171C ZTB196D 10005 RN5RZ29A 10005 ZN448E
Product Description
Full Text Search
 

To Download MABA-007159-000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MABA-007159-000000
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
Features
* * * * * * * Surface mount Wide frequency range 1:1 impedance Lead Free RoHS* Compliant 2600C reflow compatible Available on Tape and Reel Rev. V4
Component Dimension
[2.60]
123
Description
M/A-COM Technology Solutions MABA-007159000000 is a RoHS compliant 1:1 RF transmission line transformer in a low cost, surface mount package. The windings of the MABA-007159-000000 are welded to the package substrate for improved reliability and to eliminate lead content. Ideally suited for high volume cellular and wireless application. Parts are packaged in tape & reel.
5
4
Schematic
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
Recommended Maximum Ratings 1,2
Parameter Absolute Maximum
DC Power DC Current
250 mW 30 mA -40C to +85C -55C to +125C
Pin Configuration
Pin No. Function
Operating Temperature Storage Temperature
1 2 3 4 5
Secondary Dot Not Connected Secondary Primary Primary Dot
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM Technology Solutions does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-007159-000000
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
Electrical Specifications: TA = 25C, Z0 = 50 1
Parameter Test Conditions Test Conditions Units Min Typ Max
Rev. V4
RF Frequency Insertion Loss
-
4.5 - 3000 4.5 - 1000 1000 - 2000 2000 - 3000 4.5 - 1000 4.5 - 1000
MHz dB dB dB dB Degrees
-
0.32 -
1.0 2.0 3.5 1.0 20
Amplitude Unbalance Phase Unbalance
-
Typical Performance Curves
Insertion Loss Input Impedance
Phase Unbalance
Amplitude Unbalance
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-007159-000000
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
Tape & Reel Information
DIRECTION OF FEED
Rev. V4
Bo
W
Ko
P1
Ao
Item Ao Bo Ko
Dimension 4.00mm +/-0.1mm 4.30mm +/-0.1mm 2.90mm +/-0.1mm
W P1
12.00mm +/-0.3mm 8.00mm +/-0.1mm
Ordering Information
Part Number Package
MABA-007159-000000
2000 piece reel
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MABA-007159-000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X