Part Number Hot Search : 
3408G LN513OKS LM224D LN513OKS 1A102 LM224D TC58F TS6P01G
Product Description
Full Text Search
 

To Download M74HC485203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC4852
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
s
s
s
s
s
s
s
s
s
LOW POWER DISSIPATION: ICC = 2A(MAX.) at TA=25C INJECTION CURRENT PROTECTION: VOUT<1mV at VCC=5V IIN1mA R S3.9K "ON" RESISTANCE at TA=25C: 215 TYP. (VCC = 3.0V) 150 TYP. (VCC = 4.5V) 160 TYP. (VCC = 6V) FAST SWITCHING: tpd = 8.6ns (TYP.) at TA = 25 C, VCC = 4.5V WIDE OPERATING SUPPLY VOLTAGE RANGE: VCC = 2V TO 6V HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) PIN AND FUNCTION COMPATIBLE WITH SERIES 4052, 4852 LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (JESD22-A114B); MM > 200V
SOP
SOP-Large
TSSOP
ORDER CODES
PACKAGE TUBE T&R M74HC4852RM13TR M74HC4852MWR M74HC4852TTR SOP M74HC4852M1R SOP-Large TSSOP
DESCRIPTION The M74HC4852 is a dual four-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology. It is pin to pin compatible with the equivalent to standard HC4052 and MC14052, but features injection current effect control. This makes this device especially suited for usage in automotive applications where voltages in excess of normal PIN CONNECTION AND IEC LOGIC SYMBOLS
logic voltage are common. The injection current effect control allows signals at disabled input channels to exceed the supply voltage range or go down ground without affecting the signal of the enabled analog channel. This eliminates the need for external diode-resistor networks typically used to keep the analog channel signals within the supply voltage range. This analog switch is bidirectional and digitally controlled. It has two binary control inputs A and B to select 1 of 4 to be turned on, and connected to the output, and a INH input to disable all channels. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
November 2003
1/15
M74HC4852
CONTROL INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No SYMBOL NAME AND FUNCTION Common Output/Input INHIBIT Input Not Connected Select Inputs Independent Input/Outputs Ground (0V) Positive Supply Voltage
3, 13 YCOM, XCOM 6 INH 7 NC 10, 9 A, B 12,14,15,11, X0 to X3, 1, 5, 2, 4 Y0 to Y3 8 GND 16 VCC
TRUTH TABLE I/O EQUIVALENT CIRCUIT
INH L L L L H
X: Don't care
INPUT STATE ON CHANNEL B L L H H X A L H L H X X0 X1 X2 X3 NONE Y0 Y1 Y2 Y3 NONE
FUNCTIONAL DIAGRAM
2/15
M74HC4852
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VIN VI/O ICK IIOK ICC PD Tstg TL Supply Voltage Control Input Voltage Switch I/O Voltage Control Input Diode Current I/O Diode Current DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) SOP TSSOP Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 25 25 50 500(*) 450(*) -65 to +150 300 Unit V V V mA mA mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) Power dissipation at 65 C. Derating from 65C to 125C: SO Package -7mW/C; TSSOP Package -6.1mW/C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI/O VI/O VIN Top tr, tf Supply Voltage Input Output Voltage Static or Dynamic Voltage Across Switch (note1) Control Input Voltage Operating Temperature Input Rise and Fall Time (note2) (Channel Select or Enable Inputs only) VCC = 2.0V VCC = 3.0.V VCC = 3.3V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to 1.2 0 to VCC -55 to 125 0 to 1000 0 to 800 0 to 700 0 to 500 0 to 400 ns Unit V V V V C
1) For voltage drops across switch greater than 1.2V (switch on), excessive VCC current may drawn; i.e., the current out of the switch may containbothVCC andswitchinputcomponents.Thereliability ofthedevicewillbeunaffectedunlesstheMaximumRatingsareexceeded. 2) VIN from 30% to 70% VCC of channel Selected or Enable Inputs
3/15
M74HC4852
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 3.0 3.0 4.5 6.0 2.0 3.0 3.3 4.5 6.0 2.0 3.0 3.3 4.5 6.0 RON Difference of ON Resistance between switches 2.0 3.0 3.3 4.5 6.0 6.0 IS=2mA IS2mA IS=2mA IS2mA VIN = VIHC or VILC VIS = VCC/2 VIN = VIHC or VILC VIS = VCC to GND TA = 25C Min. 1.5 2.1 2.3 3.15 4.2 0.5 0.9 1.0 1.35 1.8 500 215 210 160 150 4 2 2 2 3 650 280 270 210 195 10 8 8 8 9 0.1 Value up to 85C up to 125C Min. 1.5 2.1 2.3 3.15 4.2 0.5 0.9 1.0 1.35 1.8 670 320 305 240 220 15 12 12 12 13 0.5 0.5 0.9 1.0 1.35 1.8 700 360 345 270 250 20 16 16 16 18 1.0 Max. Unit
Typ. Max. Min. Max. 1.5 2.1 2.3 3.15 4.2
VIHC
High Level Input Voltage
V
VILC
Low Level Input Voltage
V
RON
ON Resistance
IOFF
IOFF
ION
IIN ICC
Input/Output Leakage Current (SWITCH OFF) (Any Channel) Input/Output Leakage Current (SWITCH OFF) (Common Channel) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Control Input Current Quiescent Supply Current
VIN = VCC or GND
A 6.0 0.2 2 4 A 0.1 0.5 1 A 6.0 6.0 VIN = VCC or GND VIN = VCC or GND VIN(analog)= GND 0.1 2 0.1 20 1 40 A A
6.0
VIN = VCC or GND
4/15
M74HC4852
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 3.0 3.3 4.5 6.0 2.0 3.0 3.3 4.5 6.0 2.0 3.0 3.3 4.5 6.0 TEST CIRCUIT 1 TA = 25C Min. Value up to 85C up to 125C Min. Max. 32 19.5 18.5 13.5 12 40 23 22 17 16.5 115 110 105 100 80 10 Unit
Typ. Max. Min. Max. 19.5 12 11 8.6 8 23 13.5 12.5 10 9.5 25 15.5 14.5 11.5 10 30 17.5 16.5 13 12.5 95 90 85 80 78 10 29 17.5 16.5 12.5 11 35 20 19 15 14.5 105 100 95 90 80 10
tPHL,tPLH Propagation Delay Time, Analog Input to Analog Output
ns
tPHL,tPLH Propagation Delay Time Channel-Select to Analog Output
ns
tPHZtPZH Enable Disable tPLZ,tPZL Time, Enable or Channel-Select to Analog Output
ns
CIN CIN
CIN
CPD
Input Capacitance (Digital Pins) Input Capacitance (Switches Off, Any Single Analog Pins) Input Capacitance (Switches Off, Any Common Analog Pins) Power Dissipation Capacitance (*)
3.5
pF pF
6.7
15
15
15 pF
22 3.3 5.0 24 28
40
40
40 pF
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8
INJECTION CURRENT COUPLING SPECIFICATION (TA= -55C to +125C)
Test Condition Symbol VOUT Parameter Shift of Output Voltage of Enabled Analog Channel VCC (V) 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 TEST CIRCUIT 2 IIN 1mA, RS 3.9K IIN 10mA, RS 3.9K IIN 1mA, RS 20K IIN 10mA, RS 20K Typ.(1) 0.050 0.100 0.345 0.067 0.050 0.110 0.050 0.024 Value Unit Max. 1.0 1.0 5.0 5.0 2.0 2.0 20 20 mV
1) Typical values are measured at TA=25C e they are calculated as a difference from VOUT without Injection Current and VOUT with Injection Current. IIN = total current injected into any other disabled channel, one at time.
5/15
M74HC4852
TEST CIRCUIT 1
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL =50pF or equivalent (includes jig and probe capacitance) RL = R1 = 10K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
TEST CIRCUIT 2
6/15
M74HC4852
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
7/15
M74HC4852
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
CHANNEL RESISTANCE (RON)
ICC (Opr.)
8/15
M74HC4852
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.008 0.064 0.018 0.010
PO13H
9/15
M74HC4852
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
10/15
M74HC4852
SO-16L MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 0.5 1.27 0.75 (max.) 0.020 0.050 0.029 7.4 10.1 10.0 1.27 8.89 7.6 0.291 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.393 0.050 0.350 0.300 0.413 0.419 0.1 mm. MIN. TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.008 0.096 0.019 0.012
PO13I
11/15
M74HC4852
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
12/15
M74HC4852
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
13/15
M74HC4852
Tape & Reel SO-16L MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 10.7 2.9 3.9 11.9 12.8 20.2 60 22.4 11.0 10.9 3.1 4.1 12.1 0.425 0.421 0.114 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.433 0.429 0.122 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
14/15
M74HC4852
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2003 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of M74HC485203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X